Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-711G-LK400 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HDSP-711G-LK400
Description  17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-711G-LK400 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HDSP-711G-LK400 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-711G-LK400 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-711G-LK400 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-711G-LK400 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-711G-LK400 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-711G-LK400 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-711G-LK400 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Figure 1. Maximum Allowable Average Current
Per Dot vs. Ambient Temperature.
Figure 2. Forward Current vs. Forward Voltage.
Figure 3. Relative Luminous Intensity vs.
DC Forward Current.
Figure 4. Relative Efficiency (Luminous Intensity
Per Unit Current Per Dot) vs. Peak Current Per Dot.
0
0
TA – AMBIENT TEMPERATURE – °C
20
80
100
35
15
60
40
GREEN, HER
5
10
20
25
30
AlGaAs
1
0
VF – FORWARD VOLTAGE – V
90
70
60
30
10
35
80
50
20
24
40
HER
GREEN
AlGaAs
0
0
IF – DC FORWARD CURRENT – mA
4.0
3.0
2.5
1.5
0.5
20
40
3.5
2.0
1.0
10
30
GREEN, HER
515
25
35
AlGaAs
0
0.8
IPEAK – PEAK FORWARD CURRENT
PER SEGMENT – mA
90
20
70 80
100
1.4
1.3
1.2
1.1
1.0
0.9
60
50
40
30
10
RED
GREEN
AlGaAs


Similar Part No. - HDSP-711G-LK400

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-711G AVAGO-HDSP-711G Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
More results

Similar Description - HDSP-711G-LK400

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-70XE AVAGO-HDSP-70XE Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7XXX AVAGO-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-H571 HP-HDSP-H571 Datasheet
86Kb / 7P
   5 x 7 General Purpose Dot Matrix Displays 53.2 mm (2.09 Inch) Package
HDSP-B571 HP-HDSP-B571 Datasheet
204Kb / 6P
   Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm (2.09 inch) Package
HDSP-450X HP-HDSP-450X Datasheet
93Kb / 8P
   Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights
logo
Lite-On Technology Corp...
LTP-1557AKR LITEON-LTP-1557AKR Datasheet
151Kb / 5P
   1.2 inch (30.42 mm) matrix height 5 x 7 dot matrix display
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com