Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2322-594-1416 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 2322-594-1416
Description  The varistors consist of a disc of low-ceramic material with two tinned solid copper leads.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2322-594-1416 Datasheet(HTML) 3 Page - Vishay Siliconix

  2322-594-1416 Datasheet HTML 1Page - Vishay Siliconix 2322-594-1416 Datasheet HTML 2Page - Vishay Siliconix 2322-594-1416 Datasheet HTML 3Page - Vishay Siliconix 2322-594-1416 Datasheet HTML 4Page - Vishay Siliconix 2322-594-1416 Datasheet HTML 5Page - Vishay Siliconix 2322-594-1416 Datasheet HTML 6Page - Vishay Siliconix 2322-594-1416 Datasheet HTML 7Page - Vishay Siliconix 2322-594-1416 Datasheet HTML 8Page - Vishay Siliconix 2322-594-1416 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2322 59. .....
Vishay BCcomponents
Varistors
www.vishay.com
For technical questions contact: nlr.europe@vishay.com
Document Number: 29081
218
Revision: 10-Oct-03
Notes
1. Lists with products certified according to UL (E98144), VDE (122380E), CSA (219883) and CECC (42201-001) are available at
www.vishay.com or on request.
2. The sinusoidal voltage is assumed as the normal operating condition. If a non-sinusoidal voltage is present, type selection should be based
on multiplying the peak voltage by a factor of 0.707.
3. The voltage measured at 1 mA meets the requirements of “paragraph 4.3 of CECC specification 42000”.
The tolerance on the voltage at 1 mA is ±10%.
4. High energy surges are generally of longer duration. The maximum energy for one pulse of 10 × 1000 µs is given as a reference for longer
duration pulses. This pulse can be characterised by peak current (Ip) and pulse width t2 (virtual time of half Ip value, following “IEC 60060-2,
section 6” ). If Vp is the clamping voltage corresponding to Ip, the energy absorbed in the varistor is determined by the formula:
where:
a) K is dependent on the value of t2 when the value of t1 is between 8 µs and 10 µs; see Peak Current as a Function of Pulse Width drawing.
5. A current wave of 8 × 20 µs (requirement of “paragraph B.2.10.1 of CECC specification 42000” ) is used as a standard for pulse current and
clamping voltage ratings. The maximum non-repetitive transient current is given for one pulse applied during the life of the component.
6. Replace the last digit of the catalog number with a ‘7’ for ordering on tape in ammopack.
250
320
390
600
5.0
11.0
400
60
592 .2516(6)
650
10.0
33.0
1200
160
593 .2516(6)
650
25.0
58.0
2500
300
594 .2516(6)
650
50.0
96.0
4500
480
595 .2516(6)
650
100.0
240.0
6500
960
596 .2516
275
350
430
695
5.0
12.0
400
55
592 .2716(6)
710
10.0
36.0
1200
140
593 .2716(6)
710
25.0
63.0
2500
270
594 .2716(6)
710
50.0
104.0
4500
440
595 .2716(6)
710
100.0
264.0
6500
900
596 .2716
300
385
470
750
5.0
13.0
400
50
592 .3016(6)
800
10.0
40.0
1200
130
593 .3016(6)
800
25.0
71.0
2500
240
594 .3016(6)
800
50.0
117.0
4500
400
595 .3016(6)
775
100.0
280.0
6500
810
596 .3016
320
420
510
800
5.0
15.0
400
45
592 .3216(6)
850
10.0
44.0
1200
120
593 .3216(6)
850
25.0
77.0
2500
220
594 .3216(6)
850
50.0
120.0
4500
370
595 .3216(6)
842
100.0
296.0
6500
750
596 .3216
385
505
620
1000
5.0
18.0
400
40
592 .3816(6)
1025
10.0
51.0
1200
95
593 .3816(6)
1025
25.0
67.0
2500
180
594 .3816(6)
1025
50.0
110.0
4500
280
595 .3816(6)
1025
100.0
328.0
6500
570
596 .3816
420
560
680
1100
5.0
20.0
400
35
592 .4216(6)
1120
10.0
56.0
1200
85
593 .4216(6)
1120
25.0
73.0
2500
165
594 .4216(6)
1120
50.0
120.0
4500
250
595 .4216(6)
1120
100.0
344.0
6500
510
596 .4216
460
615
750
1200
5.0
21.0
400
30
592 .4616(6)
1240
10.0
63.0
1200
75
593 .4616(6)
1240
25.0
82.0
2500
150
594 .4616(6)
1240
50.0
135.0
4500
225
595 .4616(6)
1240
100.0
360.0
6500
460
596 .4616
510
670
820
1355
25.0
89.0
2500
135
594 .5116(6)
1355
50.0
145.0
4500
220
595 .5116(6)
1355
100.0
376.0
6500
450
596 .5116
550
745
910
1500
25.0
98.0
2500
120
594 .5516(6)
1500
50.0
160.0
4500
180
595 .5516(6)
1500
100.0
408.0
6500
370
596 .5516
625
825
1000
1650
100.0
448.0
6500
320
596 .6216
680
895
1100
1815
100.0
496.0
6500
270
596 .6816
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE(3)at
1 mA
MAXIMUM
VOLTAGE at
STATED
CURRENT
MAXIMUM
ENERGY(4)
(10 ×
×
×
× 1000 µs)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT(5)
Inrp (8 ××
×
× 20 µs)
TYPICAL
CAPACITANCE at
1 kHZ
CATALOG
NUMBERS(1)
RMS(2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(PF)
2322 ... .....
EK
V
p
×
I
p
×
t
2
×
=


Similar Part No. - 2322-594-1416

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2322-0G JOHANSON-2322-0G Datasheet
162Kb / 2P
   Important Information Storage Instructions for Cera-Trim
logo
Knowles Electronics
2322-0G KNOWLES-2322-0G Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
2322-0GSL KNOWLES-2322-0GSL Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
Johanson Technology Inc...
2322-1G JOHANSON-2322-1G Datasheet
162Kb / 2P
   Important Information Storage Instructions for Cera-Trim
logo
Knowles Electronics
2322-1G KNOWLES-2322-1G Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
More results

Similar Description - 2322-594-1416

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2381592X140Y VISHAY-2381592X140Y Datasheet
687Kb / 19P
   a disc of low-ß ceramic material with two tinned solid copper leads
Revision: 09-Oct-08
logo
KODENSHI_AUK CORP.
KPC814A KODENSHI-KPC814A Datasheet
164Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814L KODENSHI-KPC814L Datasheet
144Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K201 KODENSHI-K201 Datasheet
140Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K401 KODENSHI-K401 Datasheet
206Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC714 KODENSHI-KPC714 Datasheet
153Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC714A KODENSHI-KPC714A Datasheet
172Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K3630 KODENSHI-K3630 Datasheet
151Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K5630 KODENSHI-K5630 Datasheet
192Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814 KODENSHI-KPC814 Datasheet
140Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com