Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC852TVR50 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC852TVR50
Description  Hardware Specifications
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852TVR50 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC852TVR50 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC852TVR50 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC852TVR50 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC852TVR50 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC852TVR50 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC852TVR50 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC852TVR50 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC852TVR50 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC852TVR50 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 80 page
background image
MPC852T Hardware Specifications, Rev. 3.1
2
Freescale Semiconductor
Features
2
Features
The MPC852T is comprised of three modules that each use the 32-bit internal bus: the MPC8xx core, the system
integration unit (SIU), and the communication processor module (CPM). Figure1 shows the MPC852T block
diagram.
The following list summarizes the key MPC852T features:
Embedded MPC8xx core up to 100 MHz
Maximum frequency operation of the external bus is 66 MHz
— The 50 MHz / 66 MHz core frequencies support both 1:1 and 2:1 modes.
— The 80 MHz / 100 MHz core frequencies support 2:1 mode only.
Single-issue, 32-bit core (compatible with the PowerPC architecture definition) with 32 32-bit
general-purpose registers (GPRs)
— The core performs branch prediction with conditional prefetch, without conditional execution.
— 4-Kbyte data cache and 4-Kbyte instruction cache
– 4-Kbyte instruction cache is two-way, set-associative with 128 sets.
– 4-Kbyte data cacheis two-way, set-associative with 128 sets.
– Cache coherency for both instruction and data caches is maintained on 128-bit (4-word) cache
blocks.
– Caches are physically addressed, implement a least recently used (LRU) replacement algorithm, and
are lockable on a cache block basis.
— MMUs with 32-entry TLB, fully associative instruction, and data TLBs
— MMUs support multiple page sizes of 4, 16, and 512 Kbytes, and 8 Mbytes; 16 virtual address spaces,
and 16 protection groups
Up to 32-bit data bus (dynamic bus sizing for 8, 16, and 32 bits)
32 address lines
Memory controller (eight banks)
— Contains complete dynamic RAM (DRAM) controller
— Each bank can be a chip select or RAS to support a DRAM bank
— Up to 30 wait states programmable per memory bank
— Glueless interface to DRAM, SIMMS, SRAM, EPROMs, Flash EPROMs, and other memory devices
— DRAM controller-programmable to support most size and speed memory interfaces
— Four CAS lines, four WE lines, and one OE line
— Boot chip-select available at reset (options for 8-, 16-, or 32-bit memory)
— Variable block sizes (32 Kbytes–256 Mbytes)
— Selectable write protection
— On-chip bus arbitration logic
Fast Ethernet Controller (FEC)
General-purpose timers
— Two 16-bit timers or one 32-bit timer
— Gate mode can enable or disable counting.
— Interrupt can be masked on reference match and event capture.


Similar Part No. - MPC852TVR50

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC852TVR100A FREESCALE-MPC852TVR100A Datasheet
1,003Kb / 80P
   Hardware Specifications
More results

Similar Description - MPC852TVR50

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
   Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
   Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
   Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
   Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
   Hardware Specifications
MPC860 FREESCALE-MPC860 Datasheet
1Mb / 80P
   Hardware Specifications
MPC875 FREESCALE-MPC875 Datasheet
1Mb / 84P
   Hardware Specifications
MPC866 FREESCALE-MPC866 Datasheet
1Mb / 96P
   Hardware Specifications
logo
Motorola, Inc
MPC857T MOTOROLA-MPC857T Datasheet
1Mb / 88P
   Hardware Specifications
logo
Freescale Semiconductor...
MPC880 FREESCALE-MPC880 Datasheet
1Mb / 92P
   Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com