Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PKF5617SI Datasheet(PDF) 11 Page - Ericsson

Part # PKF5617SI
Description  5-6 W DC/DC Power Modules Wide Input Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKF5617SI Datasheet(HTML) 11 Page - Ericsson

Back Button PKF5617SI Datasheet HTML 7Page - Ericsson PKF5617SI Datasheet HTML 8Page - Ericsson PKF5617SI Datasheet HTML 9Page - Ericsson PKF5617SI Datasheet HTML 10Page - Ericsson PKF5617SI Datasheet HTML 11Page - Ericsson PKF5617SI Datasheet HTML 12Page - Ericsson PKF5617SI Datasheet HTML 13Page - Ericsson PKF5617SI Datasheet HTML 14Page - Ericsson PKF5617SI Datasheet HTML 15Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
EN/LZT 146 32 R1A (Replaces EN/LZT 137 27 R3) © Ericsson Microelectronics, June 2000
EMC Specifications
EFT
Electrical Fast Transients on the input terminals could affect the
output voltage regulation causing functional errors on the Printed
Board Assembly (PBA). The PKF power modules withstand EFT
levels of 0.5 kV keeping VO within the tolerance band and
2.0 kV without destruction. Tested according to IEC publ. 801-4.
Output Ripple & Noise (VOac)
Output ripple is measured as the peak to peak voltage of the funda-
mental switching frequency.
Operating Information
Remote Control (RC)
Turn-on or turn-off can be realized by using the RC-pin. If pin 11 is
connected to pin 17 the power module turns off. Normal operation is
achieved if pin 11 is open (NC) . To ensure safe turn-off the voltage
difference between pin 11 and 17 shall be less than 2.0 V. RC is an
TTL open collector compatible output with a sink capacity >300
mA
(see fig. 1).
Fuse Considerations
To prevent excessive current from flowing through the input supply
line, in the case of a short-circuit across the converter input, an
external fuse should be installed in the non-earthed input supply
line. We recommend using a fuse rated at approximately 2 to 4 times
the value calculated in the formula below:
For further information, please refer to the fuse manufacturer .
POmax
(
hmin × VImin)
Iinmax =
The fundamental switching frequency is 510 kHz ± 26 kHz.
Frequency range
Voltage level
0.15...300 MHz
1.0 Vrms
The signal is amplitude modulated with 1 kHz/80% and applied
both differential and common mode.
Conducted EMS
Electro Magnetic Susceptibility is measured by injection of elec-
trical disturbances on the input terminals. No deviation outside
the VO tolerance band will occur under the following conditions:
Conducted EMI (input teminals)
PKF series typical conducted EMI performance
Test set up
The PKF meets class A in VDE 0871/0878, FCC Part 15J, and CISPR 22
(EN 55022), except for the fundamental switching frequency.
Radiated EMS (Electro-Magnetic Fields)
Radiated EMS is measured according to test methods in
IEC Standard publ. 801-3. No deviation outside the VO tolerance
band will occur under the following conditions:
Frequency range
Voltage level
0.01...200 MHz
3 Vrms/m
200...1,000 MHz
3 Vrms/m
1...12 GHz
10 Vrms/m
Test
Voltage level
Air discharge
±4 kV
Contact discharge
±2 kV
ESD
Electro Static Discharge is tested according to IEC publ. 801-2. No
destruction will occur if the following voltage levels are applied to
any of the terminal pins:
Figure 1
Over Voltage Protection (OVP)
The remote control can also be utilized for OVP by using the exter-
nal circuitry in figure 2. Resistor values are for 5 V output applica-
tions, but can easily be adjusted for other output voltages and the
desired OVP level.


Similar Part No. - PKF5617SI

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PKF36000S60JK SCHNEIDER-PKF36000S60JK Datasheet
65Kb / 2P
   Automatic Molded Case Switch 600V 600A, Kirk Keylock
PKF36025CU31A SCHNEIDER-PKF36025CU31A Datasheet
135Kb / 2P
   Molded Case Circuit Breaker 600V 250A
PKF36025CU33A SCHNEIDER-PKF36025CU33A Datasheet
152Kb / 2P
   Molded Case Circuit Breaker 600V 250A
PKF36025CU41A SCHNEIDER-PKF36025CU41A Datasheet
147Kb / 2P
   Molded Case Circuit Breaker 600V 250A
PKF36025CU43A SCHNEIDER-PKF36025CU43A Datasheet
141Kb / 2P
   Molded Case Circuit Breaker 600V 250A
More results

Similar Description - PKF5617SI

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PDCS06131 PMI-PDCS06131 Datasheet
30Kb / 2P
   5-6 WATT 2:1 WIDE INPUT DC/DC POWER MODULES (SQUARE PACKAGE)
PDCS06161 PMI-PDCS06161 Datasheet
27Kb / 2P
   5-6 WATT 2:1 WIDE INPUT DC/DC POWER MODULES (SQUARE PACKAGE)
PDCS06001 PMI-PDCS06001 Datasheet
31Kb / 2P
   5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES (Rectangle Package)
PDCS06061Q PMI-PDCS06061Q Datasheet
28Kb / 2P
   5-6 WATT 4:1 WIDE INPUT RANGE DC/DC POWER MODULES (Rectangle Package)
logo
CINCON ELECTRONICS Corp...
EC4SAW CINCON-EC4SAW Datasheet
284Kb / 2P
   5-6 WATT WIDE INPUT DC-DC CONVERTERS
logo
Power Systems GmbH+Co.K...
LWS-0505E POWER-SYSTEMS-LWS-0505E Datasheet
222Kb / 6P
   DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
logo
Premier Magnetics, Inc.
PDCS06081 PMI-PDCS06081 Datasheet
33Kb / 3P
   5-6 WATT FIXED INPUT DC/DC POWER MODULES (Square Package)
logo
Ericsson
PKF4000 ERICSSON-PKF4000 Datasheet
1Mb / 24P
   3-7 W DC/DC Power Modules 48 V Input Series
PKG2000 ERICSSON-PKG2000 Datasheet
1Mb / 16P
   46-60 W DC/DC Power Modules 24 V Input Series
PKA2000 ERICSSON-PKA2000 Datasheet
864Kb / 20P
   25-40 W DC/DC Power Modules 24 V Input Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com