Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29C51004T70T Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # S29C51004T70T
Description  4 MEGABIT (524,288 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S29C51004T70T Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button S29C51004T70T Datasheet HTML 7Page - List of Unclassifed Manufacturers S29C51004T70T Datasheet HTML 8Page - List of Unclassifed Manufacturers S29C51004T70T Datasheet HTML 9Page - List of Unclassifed Manufacturers S29C51004T70T Datasheet HTML 10Page - List of Unclassifed Manufacturers S29C51004T70T Datasheet HTML 11Page - List of Unclassifed Manufacturers S29C51004T70T Datasheet HTML 12Page - List of Unclassifed Manufacturers S29C51004T70T Datasheet HTML 13Page - List of Unclassifed Manufacturers S29C51004T70T Datasheet HTML 14Page - List of Unclassifed Manufacturers S29C51004T70T Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
S29C51004T/S29C51004B
V1.0 May 2002
Boot Block Protection Status
In Autoselect mode, performing a read at
address location 3CXX2H (S29C51004T) or
0CXX2H (S29C51004B) will indicate boot bloc
protection status. If the data is 01H, the boot block
is protected. If the data is 00H, the boot block is
unprotected. This is also shown is table 3.
Device ID
In Autoselect mode, performing a read at
address XXX1H will determine whether the device
is a Top Boot Block device or a Bottom Boot Block
device. If the data is 03H, the device is a Top Boot
Block. If the data is A3H, the device is a Bottom
Boot Block device (see Table 3).
Manufacturer ID
In Autoselect mode, performing a read at
address XXXX0H will determine the manufacturer
ID.40H is the manufacturer code for SyncMOS
Flash.
Hardware Data Protection
VCC Detection: the program operation is inhibited
when VCC is less than 3.5V.
Noise Protection: a CE or WE pulse of less than
5ns will not initiate a program cycle.
Program Inhibit: holding any one of OE LOW, CE
HIGH or WE HIGH inhibits a program cycle.
Table 3. Autoselect Decoding
NOTE:
1.
X = Don’t Care, VIH = HIGH, VIL = LOW.
Decoding Mode
Boot Block
Address
Data I/O0–I/O7
A0
A1
A2–A13
A14–A17
Boot Block Protection
Top
VIL
VIH
X
VIH
01H: protected
Bottom
VIL
VIH
X
VIL
00H: unprotected
Device ID
Top
VIH
VIL
X
X
03H
Bottom
A3H
Manufacture ID
VIL
VIL
X
X
40H
SyncMOS Technologies Inc.
S29C51004T/S29C51004B
4 MEGABIT (524,288 x 8 BIT)
5 VOLT CMOS FLASH MEMORY


Similar Part No. - S29C51004T70T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S29C51001 ETC1-S29C51001 Datasheet
7Mb / 16P
   1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
S29C51001B ETC1-S29C51001B Datasheet
7Mb / 16P
   1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
S29C51001T ETC1-S29C51001T Datasheet
7Mb / 16P
   1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
More results

Similar Description - S29C51004T70T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C51004T MOSEL-V29C51004T Datasheet
67Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C31004T MOSEL-V29C31004T Datasheet
68Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 3.3 VOLT CMOS FLASH MEMORY
V29C51400T MOSEL-V29C51400T Datasheet
69Kb / 16P
   4 MEGABIT 262,144 x 16 BIT/524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM29F040 AMD-AM29F040 Datasheet
446Kb / 33P
   4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
Mosel Vitelic, Corp
V29LC51001 MOSEL-V29LC51001 Datasheet
52Kb / 12P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51002T MOSEL-V29C51002T Datasheet
74Kb / 16P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51002 MOSEL-V29LC51002 Datasheet
52Kb / 12P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51001T MOSEL-V29C51001T Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM29LV800T AMD-AM29LV800T Datasheet
207Kb / 48P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
logo
List of Unclassifed Man...
S29C51001T ETC1-S29C51001T Datasheet
7Mb / 16P
   1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com