Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29C51004T70T Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # S29C51004T70T
Description  4 MEGABIT (524,288 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S29C51004T70T Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button S29C51004T70T Datasheet HTML 5Page - List of Unclassifed Manufacturers S29C51004T70T Datasheet HTML 6Page - List of Unclassifed Manufacturers S29C51004T70T Datasheet HTML 7Page - List of Unclassifed Manufacturers S29C51004T70T Datasheet HTML 8Page - List of Unclassifed Manufacturers S29C51004T70T Datasheet HTML 9Page - List of Unclassifed Manufacturers S29C51004T70T Datasheet HTML 10Page - List of Unclassifed Manufacturers S29C51004T70T Datasheet HTML 11Page - List of Unclassifed Manufacturers S29C51004T70T Datasheet HTML 12Page - List of Unclassifed Manufacturers S29C51004T70T Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
S29C51004T/S29C51004B
V1.0 May 2002
Functional Description
The S29C51004T/S29C51004B consists of 512
equally-sized sectors of 1K bytes each. The 16 KB
lockable Boot Block is intended for storage of the
system BIOS boot code. The boot code is the first
piece of code executed each time the system is
powered on or rebooted.
The S29C51004 is available in two versions: the
S29C51004T with the Boot Block address starting
from 7C000H to 7FFFFH, and the S29C51004B
with the Boot Block address starting from 00000H
to 3FFFFH.
Read Cycle
A read cycle is performed by holding both CE
and OE signals LOW. Data Out becomes valid only
when these conditions are met. During a read cycle
WE must be HIGH prior to CE and OE going LOW.
WE must remain HIGH during the read operation
for the read to complete (see Table 1).
Output Disable
Returning OE or CE HIGH, whichever occurs first
will terminate the read operation and place the l/O
pins in the HIGH-Z state.
Standby
The device will enter standby mode when the CE
signal is HIGH. The l/O pins are placed in the
HIGH-Z, independent of the OE input state.
Byte Write Cycle
The S29C51004T/S29C51004B is programmed
on a byte-by-byte basis. The byte write operation is
initiated by using a specific four-bus-cycle
sequence: two unlock program cycles, a program
setup command and program data program cycles
(see Table 2).
During the byte write cycle, addresses are
latched on the falling edge of either CE or WE,
whichever is last. Data is latched on the rising edge
of CE or WE, whichever is first. The byte write cycle
can be CE controlled or WE controlled.
Sector Erase Cycle
The S29C51004T/S29C51004B features a
sector erase operation which allows each sector to
be erased and reprogrammed without affecting
data stored in other sectors. Sector erase operation
is initiated by using a specific six-bus-cycle
sequence: Two unlock program cycles, a setup
command, two additional unlock program cycles,
and the sector erase command (see Table 2). A
sector must be first erased before it can be re-
written. While in the internal erase mode, the
device ignores any program attempt into the
device. The internal erase completion can be
determined via DATA polling or toggle bit status.
The S29C51004T/S29C51004B is shipped fully
erased (all bits = 1).
16KB Boot Block
1 KB
1 KB
1 KB
1 KB
1 KB
1 KB
16KB Boot Block
S29C51004T
S29C51004B
7FFFFH
7C000H
00000H
03FFFH
51004-15
00000H
16KB Boot Block = 32 Sectors
Table 1. Operation Modes Decoding
NOTES:
1.
X = Don’t Care, VIH = HIGH, VIL = LOW, VH = 12.5V Max.
2.
PD: The data at the byte address to be programmed.
Decoding Mode
CE
OE
WE
A0
A1
A9
I/O
Read
VIL
VIL
VIH
A0
A1
A9
READ
Byte Write
VIL
VIH
VIL
A0
A1
A9
PD
Standby
VIH
X
X
X
X
X
HIGH-Z
Autoselect Device ID
VIL
VIL
VIH
VIH
VIL
VH
CODE
Autoselect Manufacture ID
VIL
VIL
VIH
VIL
VIL
VH
CODE
Enabling Boot Block Protection Lock
VIL
VH
VIL
X
X
VH
X
Disabling Boot Block Protection Lock
VH
VH
VIL
X
X
VH
X
Output Disable
VIL
VIH
VIH
X
X
X
HIGH-Z
SyncMOS Technologies Inc.
S29C51004T/S29C51004B
4 MEGABIT (524,288 x 8 BIT)
5 VOLT CMOS FLASH MEMORY


Similar Part No. - S29C51004T70T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S29C51001 ETC1-S29C51001 Datasheet
7Mb / 16P
   1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
S29C51001B ETC1-S29C51001B Datasheet
7Mb / 16P
   1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
S29C51001T ETC1-S29C51001T Datasheet
7Mb / 16P
   1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
More results

Similar Description - S29C51004T70T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C51004T MOSEL-V29C51004T Datasheet
67Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C31004T MOSEL-V29C31004T Datasheet
68Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 3.3 VOLT CMOS FLASH MEMORY
V29C51400T MOSEL-V29C51400T Datasheet
69Kb / 16P
   4 MEGABIT 262,144 x 16 BIT/524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM29F040 AMD-AM29F040 Datasheet
446Kb / 33P
   4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
Mosel Vitelic, Corp
V29LC51001 MOSEL-V29LC51001 Datasheet
52Kb / 12P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51002T MOSEL-V29C51002T Datasheet
74Kb / 16P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51002 MOSEL-V29LC51002 Datasheet
52Kb / 12P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51001T MOSEL-V29C51001T Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM29LV800T AMD-AM29LV800T Datasheet
207Kb / 48P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
logo
List of Unclassifed Man...
S29C51001T ETC1-S29C51001T Datasheet
7Mb / 16P
   1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com