Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IM0XXX Datasheet(PDF) 6 Page - Tyco Electronics

Part # IM0XXX
Description  The Best Relaytion
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM0XXX Datasheet(HTML) 6 Page - Tyco Electronics

Back Button IM0XXX Datasheet HTML 2Page - Tyco Electronics IM0XXX Datasheet HTML 3Page - Tyco Electronics IM0XXX Datasheet HTML 4Page - Tyco Electronics IM0XXX Datasheet HTML 5Page - Tyco Electronics IM0XXX Datasheet HTML 6Page - Tyco Electronics IM0XXX Datasheet HTML 7Page - Tyco Electronics IM0XXX Datasheet HTML 8Page - Tyco Electronics IM0XXX Datasheet HTML 9Page - Tyco Electronics IM0XXX Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
General data
Operate time at U
nom typ. / max.
Reset time (latching) at U
nom , typ. / max.
Release time without diode in parallel (non-latching), typ. / max.
Release time with diode in parallel (non-latching), typ. / max.
Bounce time at closing contact, typ. / max.
Maximum switching rate without load
Ambient temperature
Thermal resistance
Maximum permissible coil temperature
Vibration resistance (function)
Shock resistance, half sinus, 11 ms
half sinus, 0.5 ms
Degree of protection
Needle flame test
Mounting position
Processing information
Weight (mass)
Resistance to soldering heat
1 ms / 3 ms
1 ms /3 ms
1 ms / 3 ms
3 ms / 5 ms
1 ms / 5 ms
50 operations/s
-40° C ... +85° C
< 150 K/W
125° C
20 G
10 to 1000 Hz
50 G (function)
500 G (damage)
immersion cleanable, IP 67
application time 20 s, no burning and glowing
any
Ultrasonic cleaning is not recommended
max. 0.75 g
260° C / 10 s
IM Relay
All data refers to 23° C unless otherwise specified.
Recommended soldering conditions
Soldering conditions according CECC 00802
Vapor Phase Soldering: Temperature/Time Profile
(Lead Temperature)
Infrared Soldering: Temperature/Time Profile
(Lead Temperature)
Full line:
typical
Dotted line: process limits
10 sec
ca. 40 sec
max. 245° C
215° C
130° C
180° C
Time (s)
215° C
180° C
130° C
100° C
external preheating
20 - 40 sec
Full line:
typical
Dotted line: process limits
forced
cooling
Time (s)


Similar Part No. - IM0XXX

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
IM00GR MACOM-IM00GR Datasheet
795Kb / 11P
   The Best Relaytion
IM00GR MACOM-IM00GR Datasheet
2Mb / 28P
   IM Series Signal Relays
IM00JR MACOM-IM00JR Datasheet
795Kb / 11P
   The Best Relaytion
IM00JR MACOM-IM00JR Datasheet
2Mb / 28P
   IM Series Signal Relays
IM00NS MACOM-IM00NS Datasheet
795Kb / 11P
   The Best Relaytion
More results

Similar Description - IM0XXX

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MT2-C93422 MACOM-MT2-C93422 Datasheet
488Kb / 9P
   The Best Relaytion
V23105 MACOM-V23105 Datasheet
498Kb / 11P
   The Best Relaytion
IM00TS MACOM-IM00TS Datasheet
795Kb / 11P
   The Best Relaytion
logo
Omron Electronics LLC
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
Hamamatsu Corporation
L2D2 HAMAMATSU-L2D2 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
logo
Omron Electronics LLC
G2R-1-DC12 OMRON-G2R-1-DC12 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
Lumileds Lighting Compa...
L128-FRD1003500000 LUMILEDS-L128-FRD1003500000 Datasheet
2Mb / 26P
   The best performance, the most colors
20210816
logo
Seoul Semiconductor
STB0C2PB SEOUL-STB0C2PB Datasheet
1Mb / 18P
   Achieving the best system for Horticulture
logo
STMicroelectronics
AN4428 STMICROELECTRONICS-AN4428 Datasheet
1Mb / 18P
   Best practices in the manufacturing process
logo
Seoul Semiconductor
STW8Q14D SEOUL-STW8Q14D Datasheet
1Mb / 30P
   The Best Efficacy in Mid Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com