Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2322-593-4616 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 2322-593-4616
Description  The varistors consist of a disc of low-ceramic material with two tinned solid copper leads.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2322-593-4616 Datasheet(HTML) 2 Page - Vishay Siliconix

  2322-593-4616 Datasheet HTML 1Page - Vishay Siliconix 2322-593-4616 Datasheet HTML 2Page - Vishay Siliconix 2322-593-4616 Datasheet HTML 3Page - Vishay Siliconix 2322-593-4616 Datasheet HTML 4Page - Vishay Siliconix 2322-593-4616 Datasheet HTML 5Page - Vishay Siliconix 2322-593-4616 Datasheet HTML 6Page - Vishay Siliconix 2322-593-4616 Datasheet HTML 7Page - Vishay Siliconix 2322-593-4616 Datasheet HTML 8Page - Vishay Siliconix 2322-593-4616 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2322 59. .....
Varistors
Vishay BCcomponents
Document Number: 29081
For technical questions contact: nlr.europe@vishay.com
www.vishay.com
Revision: 10-Oct-03
217
20
26
33
73
1.0
0.8
100
900
592 .2006(6)
65
2.5
2.5
250
1500
593 .2006(6)
65
5.0
6.5
500
3000
594 .2006(6)
65
10.0
8.8
1000
7500
595 .2006(6)
25
31
39
86
1.0
0.9
100
500
592 .2506(6)
77
2.5
3.0
250
1350
593 .2506(6)
77
5.0
7.7
500
2600
594 .2506(6)
77
10.0
9.4
1000
6500
595 .2506(6)
30
38
47
96
1.0
1.1
100
700
592 .3006(6)
93
2.5
3.6
250
1600
593 .3006(6)
93
5.0
9.2
500
2700
594 .3006(6)
90
10.0
12.0
1000
6000
595 .3006(6)
35
45
56
123
1.0
1.4
100
560
592 .3506(6)
115
2.5
4.4
250
1300
593 .3506(6)
110
5.0
11.0
500
2200
594 .3506(6)
105
10.0
14.0
1000
4800
595 .3506(6)
40
56
68
145
1.0
1.6
100
460
592 .4006(6)
135
2.5
5.2
250
1000
593 .4006(6)
130
5.0
13.0
500
1800
594 .4006(6)
130
10.0
17.0
1000
3800
595 .4006(6)
50
65
82
145
5.0
2.6
400
370
592 .5006(6)
140
10.0
7.0
1200
900
593 .5006(6)
140
25.0
12.0
2500
1500
594 .5006(6)
140
50.0
21.0
4500
3100
595 .5006(6)
60
85
100
165
5.0
2.9
400
290
592 .6006(6)
165
10.0
8.3
1200
700
593 .6006(6)
165
25.0
15.0
2500
1200
594 .6006(6)
165
50.0
24.0
4500
2300
595 .6006(6)
165
100.0
56.0
6500
4700
596 .6006
75
100
120
190
5.0
3.4
400
240
592 .7506(6)
200
10.0
10.0
1200
530
593 .7506(6)
200
25.0
18.0
2500
1000
594 .7506(6)
200
50.0
29.0
4500
1900
595 .7506(6)
200
100.0
64.0
6500
3900
596 .7506
95
125
150
230
5.0
4.1
400
180
592 .9506(6)
250
10.0
13.0
1200
450
593 .9506(6)
250
25.0
22.0
2500
800
594 .9506(6)
250
50.0
37.0
4500
1500
595 .9506(6)
250
100.0
88.0
6500
3000
596 .9506
130
170
205
310
5.0
5.5
400
130
592 .1316(6)
340
10.0
17.0
1200
320
593 .1316(6)
340
25.0
30.0
2500
580
594 .1316(6)
340
50.0
56.0
4500
1050
595 .1316(6)
200
340
100.0
114.0
6500
2100
596 .1316
140
180
220
350
5.0
6.3
400
120
592 .1416(6)
370
10.0
21.0
1200
290
593 .1416(6)
370
25.0
33.0
2500
540
594 .1416(6)
370
50.0
57.0
4500
950
595 .1416(6)
360
100.0
124.0
6500
1900
596 .1416
150
200
240
395
5.0
7.1
400
110
592 .1516(6)
400
10.0
20.0
1200
270
593 .1516(6)
400
25.0
36.0
2500
490
594 .1516(6)
400
50.0
59.0
4500
850
595 .1516(6)
395
100.0
134.0
6500
1700
596 .1516
175
225
275
410
5.0
7.3
400
90
592 .1716(6)
455
10.0
23.0
1200
230
593 .1716(6)
455
25.0
41.0
2500
430
594 .1716(6)
455
50.0
67.0
4500
750
595 .1716(6)
270
455
100.0
158.0
6500
1500
596 .1716
230
300
360
560
5.0
10.0
400
70
592 .2316(6)
600
10.0
30.0
1200
170
593 .2316(6)
600
25.0
54.0
2500
320
594 .2316(6)
600
50.0
88.0
4500
540
595 .2316(6)
595
100.0
208.0
6500
1100
596 .2316
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE(3)at
1 mA
MAXIMUM
VOLTAGE at
STATED
CURRENT
MAXIMUM
ENERGY(4)
(10 ×
×
×
× 1000 µs)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT(5)
Inrp (8 ××
×
× 20 µs)
TYPICAL
CAPACITANCE at
1 kHZ
CATALOG
NUMBERS(1)
RMS(2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(PF)
2322 ... .....


Similar Part No. - 2322-593-4616

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2322-0G JOHANSON-2322-0G Datasheet
162Kb / 2P
   Important Information Storage Instructions for Cera-Trim
logo
Knowles Electronics
2322-0G KNOWLES-2322-0G Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
2322-0GSL KNOWLES-2322-0GSL Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
Johanson Technology Inc...
2322-1G JOHANSON-2322-1G Datasheet
162Kb / 2P
   Important Information Storage Instructions for Cera-Trim
logo
Knowles Electronics
2322-1G KNOWLES-2322-1G Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
More results

Similar Description - 2322-593-4616

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2381592X140Y VISHAY-2381592X140Y Datasheet
687Kb / 19P
   a disc of low-ß ceramic material with two tinned solid copper leads
Revision: 09-Oct-08
logo
KODENSHI_AUK CORP.
KPC814A KODENSHI-KPC814A Datasheet
164Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814L KODENSHI-KPC814L Datasheet
144Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K201 KODENSHI-K201 Datasheet
140Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K401 KODENSHI-K401 Datasheet
206Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC714 KODENSHI-KPC714 Datasheet
153Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC714A KODENSHI-KPC714A Datasheet
172Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K3630 KODENSHI-K3630 Datasheet
151Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K5630 KODENSHI-K5630 Datasheet
192Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814 KODENSHI-KPC814 Datasheet
140Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com