Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33102 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC33102
Description  DUAL SLEEP-MODE OPERATIONAL AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33102 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC33102 Datasheet HTML 3Page - ON Semiconductor MC33102 Datasheet HTML 4Page - ON Semiconductor MC33102 Datasheet HTML 5Page - ON Semiconductor MC33102 Datasheet HTML 6Page - ON Semiconductor MC33102 Datasheet HTML 7Page - ON Semiconductor MC33102 Datasheet HTML 8Page - ON Semiconductor MC33102 Datasheet HTML 9Page - ON Semiconductor MC33102 Datasheet HTML 10Page - ON Semiconductor MC33102 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MC33102
7
MOTOROLA ANALOG IC DEVICE DATA
TA, AMBIENT TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
VCC, VEE, SUPPLY VOLTAGE (V)
VCC, VEE, SUPPLY VOLTAGE (V)
VO, OUTPUT VOLTAGE (V)
Figure 13. Sleepmode to Awakemode
Current Threshold versus Supply Voltage
200
190
120
150
60
0.20
190
180
170
160
150
140
180
170
160
150
140
130
120
100
80
60
40
20
0
140
130
120
100
90
80
70
110
55
50
45
40
35
30
0.18
0.16
0.14
0.12
0.10
–55
–25
0
25
50
85
125
–55
–25
0
25
50
85
125
–55
–25
0
25
50
85
125
3.0
6.0
9.0
12
18
15
3.0
6.0
9.0
12
18
15
0
3.0
6.0
9.0
12
15
–40
–40
–40
1.2
1.0
0.8
0.6
0.4
2.0
1.8
1.6
1.4
1.2
1.0
0.2
0
TA = 25°C
TA = – 55°C
TA = 125°C
TA = 25°C
TA = – 55°C
TA = 125°C
Source
Sink
VCC = +15 V
VEE = –15 V
VID = ± 1.0 V
RL < 10 Ω
Awakemode
Source
Sink
VCC = +15 V
VEE = –15 V
VID = ± 1.0 V
RL < 10 Ω
Awakemode
Sleepmode (
µA)
Awakemode (mA)
VCC = +15 V
VEE = –15 V
No Load
VCC = +15 V
VEE = –15 V
∆Vin = –5.0 V to +5.0 V
Awakemode (RL = 600 Ω)
Sleepmode (RL = 1.0 MΩ)
Figure 14. Awakemode to Sleepmode
Current Threshold versus Supply Voltage
Figure 15. Output Short Circuit Current
versus Output Voltage
Figure 16. Output Short Circuit Current
versus Temperature
Figure 17. Power Supply Current Per Amplifier
versus Temperature
Figure 18. Slew Rate versus Temperature


Similar Part No. - MC33102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC3310 ETC-MC3310 Datasheet
1Mb / 83P
   Motion Processor
More results

Similar Description - MC33102

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33304 ONSEMI-MC33304 Datasheet
260Kb / 12P
   RAIL-TO-RAIL SLEEP-MODE OPERATIONAL AMPLIFIER
1996 REV 0
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com