Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33169 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC33169
Description  GaAs POWER AMPLIFIER SUPPORT IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33169 Datasheet(HTML) 1 Page - ON Semiconductor

  MC33169 Datasheet HTML 1Page - ON Semiconductor MC33169 Datasheet HTML 2Page - ON Semiconductor MC33169 Datasheet HTML 3Page - ON Semiconductor MC33169 Datasheet HTML 4Page - ON Semiconductor MC33169 Datasheet HTML 5Page - ON Semiconductor MC33169 Datasheet HTML 6Page - ON Semiconductor MC33169 Datasheet HTML 7Page - ON Semiconductor MC33169 Datasheet HTML 8Page - ON Semiconductor MC33169 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Device
Operating
Temperature Range
Package
MC33169
SEMICONDUCTOR
TECHNICAL DATA
GaAs POWER AMPLIFIER
SUPPORT IC
ORDERING INFORMATION
MC33169DTB–4.0 TA = –40° to +85°C TSSOP–14
DTB SUFFIX
PLASTIC PACKAGE
CASE 948G
(TSSOP–14)
14
1
PIN CONNECTIONS
Order this document by MC33169/D
VCC
Idle Mode Input
C2 Input
C1/C2
C1 Input
VO Output
VO Charge Pump
Capacitor+
Gnd
VO Charge Pump
Capacitor–
VBB Double
VBB Triple
Sense Input
Tx Power
Control Input
Gate Drive Output
(Top View)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1
MOTOROLA ANALOG IC DEVICE DATA
GaAs Power Amplifier
Support IC
The MC33169 is a support IC for GaAs Power Amplifier Enhanced FETs
used in hand–held telephones such as GSM and PCS. This device provides
negative voltages for full depletion of Enhanced MESFETs as well as a
priority management system of drain switching, ensuring that the negative
voltage is always present before turning “on” the Power Amplifier. Additional
features include an idle mode input and a direct drive of the N–Channel drain
switch transistor. This product is available in a 4.0 V version intended for
control of the RF Power Amplifier in GSM, DCS1800 and PCS applications.
Negative Regulated Output for Full Depletion of GaAs MESFETs
Drain Switch Priority Management Circuit
CMOS Compatible Inputs
Idle Mode Input (Standby Mode) for Very Low Current Consumption
Output Signal Directly Drives N–Channel FET
Low Startup and Operating Current
Simplified Block Diagram
VBB Double
C3
VCC
+–
C1
–+
C2
VBB
Triple
C4
+
Tx Power
Control
Input
Idle
Mode Input
Gnd
Cp
+
VO
Output
(– 4.0 V)
Ci
Rf
Cf
+
+
RF
In
RF
Out
+
VBattery
(2.7 to 7.0 V)
Gate Drive Output
Sense Input
VBB
Generator
(Voltage Tripler)
Priority
Management
Negative
Generator
Charge
Pump
Power Amplifier
Sense
MC33169
MMSF4N01HD
21
14
8
10
4
5
7
6
13
9
3
11
+
12
This device contains 148 active transistors.
© Motorola, Inc. 1998
Rev 2


Similar Part No. - MC33169

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33160 ONSEMI-MC33160 Datasheet
188Kb / 8P
   MICROPROCESSOR VOLTAGE REGULATOR/ SUPERVISORY CIRCUIT
1996 REV 1
MC33160 ONSEMI-MC33160 Datasheet
136Kb / 10P
   100 mA, 5.0 V Voltage Regulator and Supervisory Circuit for Microprocessors
August, 2006 ??Rev. 5
MC33160 ONSEMI-MC33160 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33160DW ONSEMI-MC33160DW Datasheet
188Kb / 8P
   MICROPROCESSOR VOLTAGE REGULATOR/ SUPERVISORY CIRCUIT
1996 REV 1
MC33160DW ONSEMI-MC33160DW Datasheet
136Kb / 10P
   100 mA, 5.0 V Voltage Regulator and Supervisory Circuit for Microprocessors
August, 2006 ??Rev. 5
More results

Similar Description - MC33169

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AP119-89 SKYWORKS-AP119-89 Datasheet
35Kb / 4P
   GaAs IC DCS 1800/1900 Power Amplifier
logo
United Monolithic Semic...
CHA6550-98F UMS-CHA6550-98F Datasheet
849Kb / 12P
   17-23.6GHz Power Amplifier GaAs Monolithic Microwave IC bare die
logo
Hittite Microwave Corpo...
HMC278MS8G HITTITE-HMC278MS8G Datasheet
234Kb / 6P
   100 mW MEDIUM POWER GaAs IC AMPLIFIER 1.7 - 3.0 GHz
logo
Princeton Technology Co...
PA2464 PTC-PA2464 Datasheet
444Kb / 15P
   Power Amplifier IC
logo
List of Unclassifed Man...
PA2460 ETC1-PA2460 Datasheet
251Kb / 12P
   Power Amplifier IC
logo
Princeton Technology Co...
PA2460 PTC-PA2460 Datasheet
183Kb / 15P
   Power Amplifier IC
logo
M/A-COM Technology Solu...
MAAM71100 MA-COM-MAAM71100_15 Datasheet
792Kb / 4P
   GaAs MMIC Power Amplifier
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
   GaAs MMIC Power Amplifier
XU1006-BD MA-COM-XU1006-BD_15 Datasheet
1Mb / 1P
   GaAs MMIC Power Amplifier
MAAM26100-P1 MA-COM-MAAM26100-P1_15 Datasheet
586Kb / 4P
   GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com