Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6255HRZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6255HRZ-T
Description  Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6255HRZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6255HRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6255HRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6255HRZ-T Datasheet HTML 9Page - Intersil Corporation ISL6255HRZ-T Datasheet HTML 10Page - Intersil Corporation ISL6255HRZ-T Datasheet HTML 11Page - Intersil Corporation ISL6255HRZ-T Datasheet HTML 12Page - Intersil Corporation ISL6255HRZ-T Datasheet HTML 13Page - Intersil Corporation ISL6255HRZ-T Datasheet HTML 14Page - Intersil Corporation ISL6255HRZ-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
FN9203.1
June 17, 2005
FIGURE 15. ISL6255, ISL6255A TYPICAL APPLICATION CIRCUIT WITH FIXED CHARGING PARAMETERS
CSIP
CSIN
BGATE
BOOT
UGATE
PHASE
LGATE
PGND
CSOP
CSON
CELLS
ICM
GND
DCIN
ACSET
VDDP
VDD
ACPRN
ICOMP
VCOMP
VADJ
EN
ACLIM
VREF
CHLIM
Q1
L
10
µH
F
SYSTEM LOAD
C10
10
µF
R1
40m
AC ADAPTER
SGATE
R2
20m
R3
18
R4
2.2
R5
100k
R8
130k
1%
R9
10.2k
1%
C2
0.1
µF
C4
0.1
µF
C3
1
µF
1
µF
C8
0.1
µF
Q4
Q3
ISL6255
ISL6255A
FLOATING
4.2V/CELL
R10
4.7
1
µF
3.3V
BAT+
BAT-
VDD
4 CELLS
D1
D2
VDDP
VREF
TRICKLE
CHARGE
R12
20k 1%
Q6
130k
1%
R13
1.87k
1%
2.6A CHARGE LIMIT
253mA Trickle Charge
CHARGE
ENABLE
VDD
CSON
Q5
C11
3300pF
R7: 100
CSIP
CSIN
BGATE
BOOT
UGATE
PHASE
LGATE
PGND
CSOP
CSON
CELLS
ICM
GND
DCIN
ACSET
VDDP
VDD
ACPRN
ICOMP
VCOMP
VADJ
EN
ACLIM
VREF
CHLIM
Q2
L
µ
10
R1
SGATE
R2
20m
R3
18
R4
2.2
R5
R8
130k
1%
R9
10.2k
1%
0.1
0.1
1
C9
1
0.1
Q3
ISL6255
ISL6255A
R10
C7
1
BAT+
BAT-
VDD
D1
Optional
D2
VDDP
TRICKLE
CHARGE
Q6
130k
1%
1.87k
1%
CHARGE
ENABLE
CSON
C5:10nF
C6:6.8nF
R6: 10k
To Host
Controller
R11
C1:10
Battery
Pack
CSIP
CSIN
BGATE
BOOT
UGATE
PHASE
LGATE
PGND
CSOP
CSON
CELLS
ICM
GND
DCIN
ACSET
VDDP
VDD
ACPRN
ICOMP
VCOMP
VADJ
EN
ACLIM
VREF
CHLIM
Q1
L
F
SYSTEM LOAD
C10
10
R1
40m
SGATE
R2
20m
R3
18
R4
2.2
R5
100k
R8
130k
1%
R9
10.2k
1%
C2
0.1
C4
0.1
C3
1
1
C8
0.1
Q4
Q3
ISL6255
ISL6255A
FLOATING
4.2V/CELL
R10
4.7
1
3.3V
BAT+
BAT-
VDD
4 CELLS
D1
D2
VDDP
VREF
TRICKLE
CHARGE
R12
20k 1%
Q6
130k
1%
R13
1.87k
1%
2.6A CHARGE LIMIT
253mA Trickle Charge
CHARGE
ENABLE
VDD
CSON
Q5
C11
3300pF
CSIP
CSIN
BGATE
BOOT
UGATE
PHASE
LGATE
PGND
CSOP
CSON
CELLS
ICM
GND
DCIN
ACSET
VDDP
VDD
ACPRN
ICOMP
VCOMP
VADJ
EN
ACLIM
VREF
CHLIM
Q2
L
10
R1
SGATE
R2
20m
R3
18
R4
2.2
R5
R8
130k
1%
R9
10.2k
1%
0.1
0.1
1
C9
1
0.1
Q3
ISL6255
ISL6255A
R10
C7
1
BAT+
BAT-
VDD
D1
Optional
D2
VDDP
TRICKLE
CHARGE
Q6
130k
1%
1.87k
1%
CHARGE
ENABLE
CSON
C5:10nF
C6:6.8nF
R6: 10k
To Host
Controller
R11
C1:10
Battery
Pack
ISL6255, ISL6255A


Similar Part No. - ISL6255HRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
659Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
654Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
logo
Renesas Technology Corp
ISL6255HRZ RENESAS-ISL6255HRZ Datasheet
1Mb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
More results

Similar Description - ISL6255HRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6256 INTERSIL-ISL6256 Datasheet
838Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
logo
Renesas Technology Corp
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Intersil Corporation
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
654Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6255 INTERSIL-ISL6255_06 Datasheet
659Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Renesas Technology Corp
ISL6255 RENESAS-ISL6255 Datasheet
1Mb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6253 RENESAS-ISL6253 Datasheet
1,021Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
logo
Intersil Corporation
ISL6253 INTERSIL-ISL6253 Datasheet
549Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6252 RENESAS-ISL6252 Datasheet
1Mb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com