Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6299 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6299
Description  Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6299 Datasheet(HTML) 6 Page - Intersil Corporation

  ISL6299 Datasheet HTML 1Page - Intersil Corporation ISL6299 Datasheet HTML 2Page - Intersil Corporation ISL6299 Datasheet HTML 3Page - Intersil Corporation ISL6299 Datasheet HTML 4Page - Intersil Corporation ISL6299 Datasheet HTML 5Page - Intersil Corporation ISL6299 Datasheet HTML 6Page - Intersil Corporation ISL6299 Datasheet HTML 7Page - Intersil Corporation ISL6299 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
FN9184.0
March 17, 2005
GND (Pin 8)
System ground.
ICDL (Pin 9)
The ICDL pin has two functions. The first function is to
program the cradle charge current during the constant-
current mode. The voltage of this pin is 1.22V during the
constant-current mode of the cradle charger. The constant-
current mode current is programmed by the following
equations:
where RICDL is the resistor in Ω, connected to the ICDL pin
(see the Typical Application).
It is recommended that the charge current be programmed
in the range of 350mA to 650mA.
The second function of the ICDL pin is to monitor the actual
charge current. The voltage of this pin, VICDL, is proportional
to the actual charge current, ICHG.
The cradle charge current should be programmed equal or
higher than the USB current; otherwise, the ICDL pin voltage
will be higher than 1.22V during the constant current mode
when the USB charger is working. The charger still works
properly but the accuracy of the current monitoring voltage
degrades and saturates at approximately 2.1V.
BAT (Pin 10)
Charger output pin. Connect this pin to the battery pack or
the battery cell. A 1µF or larger value ceramic capacitor is
recommended for decoupling. The charger relies on the
battery for stability so a battery should always be connected
to the BAT pin.
Description
The ISL6299 is designed for a single-cell Li-ion or Li-polymer
battery charging circuit that accepts both a USB port and a
desktop cradle as its power source. While the charge current
from the USB input source is fixed at 380mA, the charge
current from the cradle input is programmable between 0.1A
and 1.0A by the resistor RICDL. Similarly, the end-of-charge
current is fixed at typically 80mA for the USB input and
programmable for the cradle input by the resistor RIMIN.
Input Auto Selection
When both input sources are present, the charger selects
only one power source to charge the battery. When the
CRDL input is higher than the POR threshold, CRDL is
selected as the power source. Otherwise the USB input is
selected. If the CRDL input voltage is below the battery
voltage but the USB input voltage is higher than the battery
voltage, then the USB input is used to charge the battery.
The control circuit always breaks both internal power
devices before switching from one power source to the other
to avoid a cross conduction of both power MOSFETs.
USB Charge Current
When the USB port is selected as the power source, the
charge current enabled by the logic input at the USBON pin.
When the USBON is driven to logic LOW, the charger is
disabled. When the USBON is driven to logic HIGH, the
charge current is fixed at a typical value of 380mA. Thus for
the USB input, the USBON pin has a similar function as the
EN pin. The following table describes the USB charge
control by both the USBON pin and EN pin:
The USBON pin is equivalent to a logic LOW when left
floating. Typically the P-channel MOSFET for the USB input
has an rDS(ON) of 700mΩ at room temperature. With a
380mA charge current, the typical head room is 260mV.
Thus, if the input voltage drops to a level that the voltage
difference between the USB pin and the BAT pin is less than
260mV, the rDS(ON) becomes a limiting factor of the charge
current; and the charger drops out the constant current
regulation.
Cradle Charge Current
The cradle charge current is enabled by the EN pin only, the
USBON pin has no control on the cradle charge current. The
cradle charge current is programmed with the external
resistor connected between the ICDL pin and the GND pin.
The current can be calculated with one of the equations
given in the ICDL pin description. Two equations are used
for the cradle current calculation, each corresponds to a
different range of currents. The typical rDS(ON) of the
P-channel MOSFET for the CRDL input is 600m
Ω at room
temperature. When the head room between the input and
output voltages is small, the actual charge current, similar to
the USB case, could be limited by the rDS(ON). On the other
hand, if the head room between the input and output
voltages is large, the charge current may be limited by the
thermal foldback threshold.
Floating Charge Voltage
The floating voltage during the constant voltage phase is
4.2V. The floating voltage has an 1% accuracy over the
ambient temperature range of -40°C to 70°C.
ICLD
16685.5
RICDL
--------------------- 0.026
0.1A ICLD 0.7A
<<
=
ICDL
21242.1
RICDL
--------------------- 0.188
0.7A ICDL 1.1A
<<
=
TABLE 1. USB CHARGE CONTROL
EN = LOW
EN = HIGH
USBON = LOW
Disabled
Disabled
USBON = HIGH
Enabled
Disabled
ISL6299


Similar Part No. - ISL6299

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6299A INTERSIL-ISL6299A Datasheet
222Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL6299A INTERSIL-ISL6299A Datasheet
232Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL6299A RENESAS-ISL6299A Datasheet
416Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL6299AIRZ INTERSIL-ISL6299AIRZ Datasheet
222Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL6299AIRZ INTERSIL-ISL6299AIRZ Datasheet
232Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
More results

Similar Description - ISL6299

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6293 RENESAS-ISL6293 Datasheet
429Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL6299A INTERSIL-ISL6299A_06 Datasheet
232Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL6299A INTERSIL-ISL6299A Datasheet
222Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL6299A RENESAS-ISL6299A Datasheet
416Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL9214AIRZ INTERSIL-ISL9214AIRZ Datasheet
202Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
May 5, 2008
logo
Renesas Technology Corp
ISL9214 RENESAS-ISL9214 Datasheet
533Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL9214A INTERSIL-ISL9214A Datasheet
205Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL9214 INTERSIL-ISL9214 Datasheet
193Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL6293 INTERSIL-ISL6293 Datasheet
208Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
ISL6293 INTERSIL-ISL6293_06 Datasheet
222Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com