Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6316CRZ-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6316CRZ-T
Description  Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing for VR10 Application
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6316CRZ-T Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6316CRZ-T Datasheet HTML 1Page - Intersil Corporation ISL6316CRZ-T Datasheet HTML 2Page - Intersil Corporation ISL6316CRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6316CRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6316CRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6316CRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6316CRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6316CRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6316CRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
3
FN9227.0
August 31, 2005
ISL6316CR Block Diagram
I_TRIP
CHANNEL
POWER-ON
RESET (POR)
PWM1
PWM2
PWM3
PWM4
VCC
FB
FS
CLOCK AND
VID5
VID4
VID3
VID2
COMP
VSEN
GENERATOR
SAWTOOTH
ISEN3-
ISEN4+
VID1
RGND
VDIFF PGOOD
OVP
EN_PWR
0.9V
I_AVG
DYNAMIC
VID
D/A
CURRENT
BALANCE
CHANNEL
DETECT
OFS
THREE-STATE
ISEN1+
ISEN2-
CHANNEL
CURRENT
SENSE
VID0
SOFT-START
AND
FAULT LOGIC
OFFSET
REF
+175mV
x1
E/A
OC
PWM
PWM
PWM
PWM
EN_VTT
DAC
ISEN4-
ISEN3+
ISEN2+
ISEN1-
IDROOP
0.9V
GND
TCOMP
GAIN
TM
VR_HOT
VR_FAN
TEMPERATURE
COMPENSATION
1
N
THERMAL
MONITORING
COMPENSATION
THERMAL
SS
NC
NC
ISL6316


Similar Part No. - ISL6316CRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6316CRZ INTERSIL-ISL6316CRZ Datasheet
697Kb / 29P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Renesas Technology Corp
ISL6316CRZ RENESAS-ISL6316CRZ Datasheet
1Mb / 30P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
More results

Similar Description - ISL6316CRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6316 INTERSIL-ISL6316_06 Datasheet
697Kb / 29P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Renesas Technology Corp
ISL6316 RENESAS-ISL6316 Datasheet
1Mb / 30P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Intersil Corporation
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Renesas Technology Corp
ISL6307 RENESAS-ISL6307 Datasheet
1Mb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Intersil Corporation
ISL6307B INTERSIL-ISL6307B Datasheet
968Kb / 33P
   6-Phase VR11 PWM Controller with 8-Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing for Applications
ISL6307A INTERSIL-ISL6307A Datasheet
975Kb / 33P
   Ultra-high bandwidth 6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6307A RENESAS-ISL6307A Datasheet
1Mb / 33P
   Ultra-high bandwidth 6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6306 INTERSIL-ISL6306 Datasheet
699Kb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
ISL6326 INTERSIL-ISL6326 Datasheet
630Kb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6306 RENESAS-ISL6306 Datasheet
1Mb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com