Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33178 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC33178
Description  HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33178 Datasheet(HTML) 2 Page - ON Semiconductor

  MC33178 Datasheet HTML 1Page - ON Semiconductor MC33178 Datasheet HTML 2Page - ON Semiconductor MC33178 Datasheet HTML 3Page - ON Semiconductor MC33178 Datasheet HTML 4Page - ON Semiconductor MC33178 Datasheet HTML 5Page - ON Semiconductor MC33178 Datasheet HTML 6Page - ON Semiconductor MC33178 Datasheet HTML 7Page - ON Semiconductor MC33178 Datasheet HTML 8Page - ON Semiconductor MC33178 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC33178 MC33179
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage (VCC to VEE)
VS
+36
V
Input Differential Voltage Range
VIDR
(Note 1)
V
Input Voltage Range
VIR
(Note 1)
V
Output Short Circuit Duration (Note 2)
tSC
Indefinite
sec
Maximum Junction Temperature
TJ
+150
°C
Storage Temperature Range
Tstg
–60 to +150
°C
Maximum Power Dissipation
PD
(Note 2)
mW
NOTES: 1. Either or both input voltages should not exceed VCC or VEE.
2. Power dissipation must be considered to ensure maximum junction temperature (TJ) is not
exceeded. (See power dissipation performance characteristic, Figure 1.)
DC ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = –15 V, TA = 25°C, unless otherwise noted.)
Characteristics
Figure
Symbol
Min
Typ
Max
Unit
Input Offset Voltage (RS = 50 Ω, VCM = 0 V, VO = 0 V)
(VCC = +2.5 V, VEE = –2.5 V to VCC = +15 V, VEE = –15 V)
TA = +25°C
TA = –40° to +85°C
2
|VIO|
0.15
3.0
4.0
mV
Average Temperature Coefficient of Input Offset Voltage
(RS = 50 Ω, VCM = 0 V, VO = 0 V)
TA = –40° to +85°C
2
∆VIO/∆T
2.0
µV/°C
Input Bias Current (VCM = 0 V, VO = 0 V)
TA = +25°C
TA = –40° to +85°C
3, 4
IIB
100
500
600
nA
Input Offset Current (VCM = 0 V, VO = 0 V)
TA = +25°C
TA = –40° to +85°C
|IIO|
5.0
50
60
nA
Common Mode Input Voltage Range
(
∆VIO = 5.0 mV, VO = 0 V)
5
VICR
–13
–14
+14
+13
V
Large Signal Voltage Gain (VO = –10 V to +10 V, RL = 600 Ω)
TA = +25°C
TA = –40° to +85°C
6, 7
AVOL
50 k
25 k
200 k
V/V
Output Voltage Swing (VID = ±1.0 V)
(VCC = +15 V, VEE = –15 V)
RL = 300 Ω
RL = 300 Ω
RL = 600 Ω
RL = 600 Ω
RL = 2.0 kΩ
RL = 2.0 kΩ
(VCC = +2.5 V, VEE = –2.5 V)
RL = 600 Ω
RL = 600 Ω
8, 9, 10
VO+
VO–
VO+
VO–
VO+
VO–
VO+
VO–
+12
+13
1.1
+12
–12
+13.6
–13
+14
–13.8
1.6
–1.6
–12
–13
–1.1
V
Common Mode Rejection (Vin = ±13 V)
11
CMR
80
110
dB
Power Supply Rejection
VCC/VEE = +15 V/ –15 V, +5.0 V/ –15 V, +15 V/ –5.0 V
12
PSR
80
110
dB
Output Short Circuit Current (VID = ±1.0 V, Output to Ground)
Source (VCC = 2.5 V to 15 V)
Sink (VEE = –2.5 V to –15 V)
13, 14
ISC
+50
–50
+80
–100
mA
Power Supply Current (VO = 0 V)
(VCC = 2.5 V, VEE = –2.5 V to VCC = +15 V, VEE = –15 V)
MC33178 (Dual)
TA = +25°C
TA = –40° to +85°C
MC33179 (Quad)
TA = +25°C
TA = –40° to +85°C
15
ID
1.7
1.4
1.6
2.4
2.6
mA


Similar Part No. - MC33178

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
278Kb / 19P
   Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
logo
List of Unclassifed Man...
MC33178 ETC1-MC33178 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
MC33178 ETC2-MC33178 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
MC33178 ETC2-MC33178 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
logo
Unisonic Technologies
MC33178 UTC-MC33178 Datasheet
148Kb / 6P
   LOW POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - MC33178

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
   HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33178 ONSEMI-MC33178_06 Datasheet
278Kb / 19P
   Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
MC33178 ONSEMI-MC33178_10 Datasheet
283Kb / 19P
   Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
logo
Texas Instruments
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com