Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6410IR Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6410IR
Description  Single Synchronous Buck Regulators with Integrated FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6410IR Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6410IR Datasheet HTML 1Page - Intersil Corporation ISL6410IR Datasheet HTML 2Page - Intersil Corporation ISL6410IR Datasheet HTML 3Page - Intersil Corporation ISL6410IR Datasheet HTML 4Page - Intersil Corporation ISL6410IR Datasheet HTML 5Page - Intersil Corporation ISL6410IR Datasheet HTML 6Page - Intersil Corporation ISL6410IR Datasheet HTML 7Page - Intersil Corporation ISL6410IR Datasheet HTML 8Page - Intersil Corporation ISL6410IR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
ISL6410, ISL6410A
Typical Application Schematics
VOUT
VIN
3.3V
CIN
COUT
10µF
10µF
8.2µH
L1
0.1µF
FIGURE 1. SCHEMATIC USING THE ISL6410 MSOP
1.8V
1
2
3
4
5
10
9
8
7
6
ISL6410
PVCC
VIN
GND
PG
FB
PGND
L
EN
SYNC
VSET
±10%
FIGURE 2. SCHEMATIC USING THE ISL6410A MSOP
VOUT
VIN
5.0V
CIN
COUT
10µF
10µF
12µH
L1
0.1µF
3.3V
1
2
3
4
5
10
9
8
7
6
ISL6410A
PVCC
VIN
GND
PG
FB
PGND
L
EN
SYNC
VSET
±10%
FIGURE 3. SCHEMATIC USING THE ISL6410 QFN
C7
0.1µF
CT
0.01µF
1
CIN
10µF
1µF
+3.3V
VIN
GND
2
3
4
17
VIN
CT
GND
PG
EP
U1
ISL6410IR
12
11
10
9
NC
RESET
EN
SYNC
56 7
8
16 15 14 13
8.2µH
L1
+1.2V
VOUT
GND
RESET
BAR
COUT
10µF


Similar Part No. - ISL6410IR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6410IR RENESAS-ISL6410IR Datasheet
1Mb / 26P
   Single Synchronous Buck Regulators with Integrated FET
ISL6410IRZ RENESAS-ISL6410IRZ Datasheet
1Mb / 26P
   Single Synchronous Buck Regulators with Integrated FET
More results

Similar Description - ISL6410IR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6410 RENESAS-ISL6410 Datasheet
1Mb / 26P
   Single Synchronous Buck Regulators with Integrated FET
logo
Rohm
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV ROHM-BD9134MUV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9106FVM ROHM-BD9106FVM_14 Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
BD9123MUV ROHM-BD9123MUV_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD9137MUV ROHM-BD9137MUV_14 Datasheet
2Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD8963EFJ ROHM-BD8963EFJ_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com