Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-701A-0I000 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HDSP-701A-0I000
Description  17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-701A-0I000 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HDSP-701A-0I000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-701A-0I000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-701A-0I000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-701A-0I000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-701A-0I000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-701A-0I000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-701A-0I000 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Notes:
1. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package.
2. The dominant wavelength, d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the
color of the device.
3. Typical specification for reference only. Do not exceed absolute maximum ratings.
AlGaAs
Devices
Test
HDSP-
Parameter
Symbol
Min.
Typ.
Max. Units
Conditions
Luminous Intensity/Dot
IV
1.55
2.10
mcd
IF = 10 mA,
(Digit Average)[1]
20% Duty Factor
Peak Wavelength
PEAK
660
nm
IF = 20 mA
Dominant Wavelength[2]
d
643
nm
IF = 20 mA
Forward Voltage
VF
1.8
2.0
V
IF = 20 mA
2.0
IF = 10 mA
1.5
IF = 5 mA
Reverse Voltage[3]
VR
5V
IR = 100 µA
Luminous Intensity
V-M
1.5:1
IF = 10 mA
Matching Ratio
20% Duty Factor
701A
711A
703A
713A
Optical/Electrical Characteristics at TA = 25°C, continued
Green
Devices
Test
HDSP-
Parameter
Symbol
Min.
Typ.
Max. Units
Conditions
Luminous Intensity/Dot
IV
0.96
2.50
mcd
IF = 50 mA,
(Digit Average)[1]
20% Duty Factor
Peak Wavelength
PEAK
568
nm
IF = 20 mA
Dominant Wavelength[2]
d
573
nm
IF = 20 mA
Forward Voltage
VF
3.40
V
IF = 50 mA
1.80
2.25
2.60
IF = 20 mA
1.60
IF = 5 mA
Reverse Voltage[3]
VR
5V
IR = 100 µA
Luminous Intensity
V-M
2:1
IF = 50 mA
Matching Ratio
20% Duty Factor
701G
711G
703G
713G


Similar Part No. - HDSP-701A-0I000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-701A AVAGO-HDSP-701A Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
More results

Similar Description - HDSP-701A-0I000

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-70XE AVAGO-HDSP-70XE Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7XXX AVAGO-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-H571 HP-HDSP-H571 Datasheet
86Kb / 7P
   5 x 7 General Purpose Dot Matrix Displays 53.2 mm (2.09 Inch) Package
HDSP-B571 HP-HDSP-B571 Datasheet
204Kb / 6P
   Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm (2.09 inch) Package
HDSP-450X HP-HDSP-450X Datasheet
93Kb / 8P
   Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights
logo
Lite-On Technology Corp...
LTP-1557AKR LITEON-LTP-1557AKR Datasheet
151Kb / 5P
   1.2 inch (30.42 mm) matrix height 5 x 7 dot matrix display
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com