Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6440ACB Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6440ACB
Description  Advanced PWM and Triple Linear Power Controller for Gateway Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6440ACB Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6440ACB Datasheet HTML 4Page - Intersil Corporation ISL6440ACB Datasheet HTML 5Page - Intersil Corporation ISL6440ACB Datasheet HTML 6Page - Intersil Corporation ISL6440ACB Datasheet HTML 7Page - Intersil Corporation ISL6440ACB Datasheet HTML 8Page - Intersil Corporation ISL6440ACB Datasheet HTML 9Page - Intersil Corporation ISL6440ACB Datasheet HTML 10Page - Intersil Corporation ISL6440ACB Datasheet HTML 11Page - Intersil Corporation ISL6440ACB Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
The remaining outputs are also programmed to follow the
SS pin voltage. The PGOOD signal toggles ‘high’ when all
output voltage levels have exceeded their undervoltage
levels. The waveform for VOUT2 represents the case where
SELECT is held ‘high’. The AGP bus voltage is controlled in
the same manner as the other linear regulators during the
soft-start sequence. Once the soft-start sequence is
complete (t4), the gate of the external pass device is fully
enhanced and VOUT2 tracks the 3.3VIN voltage. See the
Soft-Start Interval section under Applications Guidelines for
a procedure to determine the soft-start interval.
Fault Protection
All four outputs are monitored and protected against extreme
overload. A sustained overload on any output or an
overvoltage on VOUT1 output (VSEN1) disables all outputs
and drives the FAULT/RT pin to VCC.
Figure 3 shows a simplified schematic of the fault logic. An
overvoltage detected on VSEN1 immediately sets the fault
latch. A sequence of three overcurrent fault signals also sets
the fault latch. The overcurrent latch is set dependent upon
the states of the overcurrent (OC), linear undervoltage (LUV)
and the soft-start signals. A window comparator monitors the
SS pin and indicates when CSS is fully charged to 4V (UP
signal). An undervoltage on either linear output (VSEN2,
VSEN3, or VSEN4) is ignored until after the soft-start interval
(t4 in Figure 2). This allows VOUT2, VOUT3, and VOUT4 to
increase without fault at start-up. Cycling the bias input
voltage (+12VIN on the VCC pin off, then on) resets the
counter and the fault latch.
Overvoltage Protection
During operation, a short on the upper MOSFET of the PWM
regulator (Q1) causes VOUT1 to increase. When the output
exceeds the overvoltage threshold of 115% of DACOUT, the
overvoltage comparator trips to set the fault latch and turns
Q2 on. This blows the input fuse and reduces VOUT1. The
fault latch raises the FAULT/RT pin to VCC.
A separate overvoltage circuit provides protection during the
initial application of power. For voltages on the VCC pin
below the POR (and above ~4V), the output level is
monitored for voltages above 1.3V. Should VSEN1 exceed
this level, the lower MOSFET, Q2 is driven on.
Overcurrent Protection
All outputs are protected against excessive overcurrents.
The PWM controller uses the upper MOSFET’s
on-resistance, rDS(ON) to monitor the current for protection
against shorted output. All linear controllers monitor their
respective VSEN pins for undervoltage events to protect
against excessive currents.
Figure 4 illustrates the overcurrent protection with an
overload on OUT1. The overload is applied at T0 and the
current increases through the inductor (LOUT1). At time t1,
the OVERCURRENT comparator trips when the voltage
across Q1 (iD •rDS(ON)) exceeds the level programmed by
ROCSET. This inhibits all outputs, discharges the soft-start
capacitor (CSS) with a 10mA current sink, and increments
the counter. CSS recharges at t2 and initiates a soft-start
cycle with the error amplifiers clamped by soft-start. With
OUT1 still overloaded, the inductor current increases to trip
the overcurrent comparator. Again, this inhibits all outputs,
but the soft-start voltage continues increasing to 4V before
discharging. The counter increments to 2. The soft-start
cycle repeats at t3 and trips the overcurrent comparator. The
SS pin voltage increases to 4V at t4 and the counter
increments to 3. This sets the fault latch to disable the
converter. The fault is reported on the FAULT/RT pin.
The linear controllers operate in the same way as the PWM
in response to overcurrent faults. The differentiating factor
FIGURE 2. SOFT-START INTERVAL
0V
0V
0V
TIME
PGOOD
SOFT-START
(1V/DIV)
OUTPUT
(0.5V/DIV)
VOLTAGES
VOUT1 (DAC = 2.5V)
VOUT2 (= 3.3VIN)
VOUT4 (= 1.8V)
VOUT3 (= 1.5V)
T1
T2
T3
T0
T4
FAULT
LATCH
S
R
Q
POR
COUNTER
OC1
OV
LUV
+
-
+
-
0.15V
4V
SS
VCC
FAULT
R
FIGURE 3. FAULT LOGIC - SIMPLIFIED SCHEMATIC
UP
OVER-
CURRENT
LATCH
INHIBIT
S
R
Q
ISL6440A


Similar Part No. - ISL6440ACB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6440 INTERSIL-ISL6440 Datasheet
346Kb / 15P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller
logo
Renesas Technology Corp
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
logo
Intersil Corporation
ISL6440IA INTERSIL-ISL6440IA Datasheet
346Kb / 15P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller
logo
Renesas Technology Corp
ISL6440IA RENESAS-ISL6440IA Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
logo
Intersil Corporation
ISL6440IA-T INTERSIL-ISL6440IA-T Datasheet
346Kb / 15P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller
More results

Similar Description - ISL6440ACB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6432 INTERSIL-ISL6432 Datasheet
276Kb / 12P
   PWM and Triple Linear Power Controller for Home Gateway Applications
logo
Renesas Technology Corp
ISL6432 RENESAS-ISL6432 Datasheet
685Kb / 12P
   PWM and Triple Linear Power Controller for Home Gateway Applications
logo
Intersil Corporation
IPM6220A INTERSIL-IPM6220A Datasheet
527Kb / 15P
   Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
logo
Renesas Technology Corp
IPM6220 RENESAS-IPM6220 Datasheet
819Kb / 14P
   Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
Dec 2000
IPM6220A RENESAS-IPM6220A Datasheet
749Kb / 14P
   Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
   Advanced PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
   Advanced PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
   Advanced PWM and Triple Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com