Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6410AIUZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6410AIUZ-T
Description  Single Synchronous Buck Regulators with Integrated FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6410AIUZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6410AIUZ-T Datasheet HTML 5Page - Intersil Corporation ISL6410AIUZ-T Datasheet HTML 6Page - Intersil Corporation ISL6410AIUZ-T Datasheet HTML 7Page - Intersil Corporation ISL6410AIUZ-T Datasheet HTML 8Page - Intersil Corporation ISL6410AIUZ-T Datasheet HTML 9Page - Intersil Corporation ISL6410AIUZ-T Datasheet HTML 10Page - Intersil Corporation ISL6410AIUZ-T Datasheet HTML 11Page - Intersil Corporation ISL6410AIUZ-T Datasheet HTML 12Page - Intersil Corporation ISL6410AIUZ-T Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FIGURE 8. ISL6410 OSCILLATOR FREQUENCY vs
TEMPERATURE
FIGURE 9. ISL6410A OSCILLATOR FREQUENCY vs
TEMPERATURE
CH1 = Top, CH2 = Middle, CH4 = Bottom, where applicable
FIGURE 10. SWITCHING WAVEFORM FOR ISL6410
FIGURE 11. SWITCHING WAVEFORM FOR ISL6410A
FIGURE 12. TRANSIENT LOAD WAVEFORM FOR ISL6410
FIGURE 13. TRANSIENT LOAD WAVEFORM FOR ISL6410A
Performance Curves and Waveforms (Continued)
85
35
-40
800
790
780
770
750
TEMPERATURE (°C)
10
60
-15
760
85
35
-40
780
770
760
750
730
TEMPERATURE (°C)
10
60
-15
740
VOUT
L PIN VOLTAGE
L1 CURRENT
0.5µs/DIV
CH1 = 0.1V/DIV, CH2 = 2V/DIV CH4 = 200mA/DIV
VOUT
L PIN VOLTAGE
L1 CURRENT
0.5µs/DIV
CH1 = 0.1V/DIV, CH2 = 2V/DIV CH4 = 200mA/DIV
VIN = 5.0V, VOUT = 1.2V, IOUT = 0.5A
0.5ms/DIV
CH1 = 0.2V/DIV, CH4 = 200mA/DIV
VOUT
IOUT
VIN = 3.3V, VOUT = 1.2V
CH1 = 0.1V/DIV, CH4 = 200mA/DIV
VOUT
IOUT
VIN = 5.0V, VOUT = 1.2V
0.5ms/DIV
ISL6410, ISL6410A


Similar Part No. - ISL6410AIUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6410AIUZ RENESAS-ISL6410AIUZ Datasheet
1Mb / 26P
   Single Synchronous Buck Regulators with Integrated FET
More results

Similar Description - ISL6410AIUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6410 RENESAS-ISL6410 Datasheet
1Mb / 26P
   Single Synchronous Buck Regulators with Integrated FET
logo
Rohm
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV ROHM-BD9134MUV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9106FVM ROHM-BD9106FVM_14 Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
BD9123MUV ROHM-BD9123MUV_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD9137MUV ROHM-BD9137MUV_14 Datasheet
2Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD8963EFJ ROHM-BD8963EFJ_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com