Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33172D Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC33172D
Description  Low Power, Single Supply Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33172D Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC33172D Datasheet HTML 4Page - ON Semiconductor MC33172D Datasheet HTML 5Page - ON Semiconductor MC33172D Datasheet HTML 6Page - ON Semiconductor MC33172D Datasheet HTML 7Page - ON Semiconductor MC33172D Datasheet HTML 8Page - ON Semiconductor MC33172D Datasheet HTML 9Page - ON Semiconductor MC33172D Datasheet HTML 10Page - ON Semiconductor MC33172D Datasheet HTML 11Page - ON Semiconductor MC33172D Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC33171 MC33172 MC33174
8
MOTOROLA ANALOG IC DEVICE DATA
P SUFFIX
PLASTIC PACKAGE
CASE 626–05
ISSUE K
D SUFFIX
PLASTIC PACKAGE
CASE 751–05
(SO–8)
ISSUE R
OUTLINE DIMENSIONS
NOTES:
1. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
2. PACKAGE CONTOUR OPTIONAL (ROUND OR
SQUARE CORNERS).
3. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
14
5
8
F
NOTE 2
–A–
–B–
–T–
SEATING
PLANE
H
J
G
D
K
N
C
L
M
M
A
M
0.13 (0.005)
B M
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
9.40
10.16
0.370
0.400
B
6.10
6.60
0.240
0.260
C
3.94
4.45
0.155
0.175
D
0.38
0.51
0.015
0.020
F
1.02
1.78
0.040
0.070
G
2.54 BSC
0.100 BSC
H
0.76
1.27
0.030
0.050
J
0.20
0.30
0.008
0.012
K
2.92
3.43
0.115
0.135
L
7.62 BSC
0.300 BSC
M
–––
10
–––
10
N
0.76
1.01
0.030
0.040
__
SEATING
PLANE
1
4
5
8
A
0.25 M CB SS
0.25 M
B M
h
q
C
X 45
_
L
DIM
MIN
MAX
MILLIMETERS
A
1.35
1.75
A1
0.10
0.25
B
0.35
0.49
C
0.18
0.25
D
4.80
5.00
E
1.27 BSC
e
3.80
4.00
H
5.80
6.20
h
0
7
L
0.40
1.25
q
0.25
0.50
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. DIMENSIONS ARE IN MILLIMETERS.
3. DIMENSION D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS
OF THE B DIMENSION AT MAXIMUM MATERIAL
CONDITION.
D
E
H
A
B
e
B
A1
C
A
0.10


Similar Part No. - MC33172D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33172D STMICROELECTRONICS-MC33172D Datasheet
50Kb / 5P
   LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS
December 1997
MC33172D STMICROELECTRONICS-MC33172D Datasheet
79Kb / 5P
   LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS
November 2001
logo
ON Semiconductor
MC33172D ONSEMI-MC33172D Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
logo
STMicroelectronics
MC33172D STMICROELECTRONICS-MC33172D Datasheet
142Kb / 9P
   Low power dual bipolar operational amplifiers
logo
ON Semiconductor
MC33172DG ONSEMI-MC33172DG Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
More results

Similar Description - MC33172D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
2Mb / 18P
   Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA4234PA TI-OPA4234PA Datasheet
1Mb / 22P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA2234M TI1-OPA2234M Datasheet
964Kb / 19P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
671Kb / 19P
   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2234M TI-OPA2234M_15 Datasheet
928Kb / 20P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA631 BURR-BROWN-OPA631 Datasheet
176Kb / 17P
   Low Power, Single-Supply OPERATIONAL AMPLIFIERS TM
logo
Texas Instruments
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
   Low Power 2.7V Single Supply CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com