Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6410AIRZ-TK Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6410AIRZ-TK
Description  Single Synchronous Buck Regulators with Integrated FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6410AIRZ-TK Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6410AIRZ-TK Datasheet HTML 5Page - Intersil Corporation ISL6410AIRZ-TK Datasheet HTML 6Page - Intersil Corporation ISL6410AIRZ-TK Datasheet HTML 7Page - Intersil Corporation ISL6410AIRZ-TK Datasheet HTML 8Page - Intersil Corporation ISL6410AIRZ-TK Datasheet HTML 9Page - Intersil Corporation ISL6410AIRZ-TK Datasheet HTML 10Page - Intersil Corporation ISL6410AIRZ-TK Datasheet HTML 11Page - Intersil Corporation ISL6410AIRZ-TK Datasheet HTML 12Page - Intersil Corporation ISL6410AIRZ-TK Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Layout Considerations
As in all switching power supplies, the layout is an important
step in the design process, more so at high peak currents
and switching frequencies. Improper layout practice will give
rise to Stability and EMI issues. It is recommended that wide
and short traces are used for the main current paths. The
input capacitor should be placed as close as possible to the
IC pins. This applies to the output inductor and capacitor as
well. The analog ground, GND, and the power ground,
PGND, need to be separated. Use a common ground node
to minimize the effects of ground noise.
Performance Curves and Waveforms
FIGURE 4. ISL6410 EFFICIENCY vs LOAD CURRENT
FIGURE 5. ISL6410 VIN vs EFFICIENCY
FIGURE 6. ISL6410A EFFICIENCY vs LOAD CURRENT
FIGURE 7. ISL6410A EFFICIENCY vs VIN
1000
100
50
100
80
50
IOUT LOAD CURRENT (mA)
90
70
60
VOUT = 1.8V
VOUT = 1.2V
VOUT = 1.5V
3.3
2.9
90
80
70
60
VIN INPUT VOLTAGE (V)
3.1
3.5
50
IOUT = 200mA
IOUT = 600mA
100
1000
100
50
100
80
50
IOUT LOAD CURRENT (mA)
90
70
60
VOUT = 3.3V
VOUT = 1.2V
VOUT = 1.8V
5.6
5.0
4.4
VIN (V)
4.8
5.2
4.6
5.4
90
80
70
60
50
100
IOUT = 600mA
IOUT = 200mA
ISL6410, ISL6410A


Similar Part No. - ISL6410AIRZ-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6410AIRZ RENESAS-ISL6410AIRZ Datasheet
1Mb / 26P
   Single Synchronous Buck Regulators with Integrated FET
More results

Similar Description - ISL6410AIRZ-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6410 RENESAS-ISL6410 Datasheet
1Mb / 26P
   Single Synchronous Buck Regulators with Integrated FET
logo
Rohm
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV ROHM-BD9134MUV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9106FVM ROHM-BD9106FVM_14 Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
BD9123MUV ROHM-BD9123MUV_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD9137MUV ROHM-BD9137MUV_14 Datasheet
2Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD8963EFJ ROHM-BD8963EFJ_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com