Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6521IBZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6521IBZ
Description  PWM Buck DC-DC and Triple Linear Power Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6521IBZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6521IBZ Datasheet HTML 1Page - Intersil Corporation ISL6521IBZ Datasheet HTML 2Page - Intersil Corporation ISL6521IBZ Datasheet HTML 3Page - Intersil Corporation ISL6521IBZ Datasheet HTML 4Page - Intersil Corporation ISL6521IBZ Datasheet HTML 5Page - Intersil Corporation ISL6521IBZ Datasheet HTML 6Page - Intersil Corporation ISL6521IBZ Datasheet HTML 7Page - Intersil Corporation ISL6521IBZ Datasheet HTML 8Page - Intersil Corporation ISL6521IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN9148.2
ISL6521
PWM Buck DC-DC and Triple Linear
Power Controller
The ISL6521 provides the power control and protection for
four output voltages in low-voltage, high-performance
applications. The IC integrates a voltage-mode PWM
controller and three linear controllers, as well as monitoring
and protection functions into a 16-lead SOIC package. The
PWM controller is intended to regulate the low voltage
supply that requires the greatest amount of current (usually
the core voltage for the FPGA, ASIC, or processor) with a
synchronous rectified buck converter. The linears are
intended to regulate other system voltages, such as I/O
(input/output) and memory circuits. Both the switching
regulator and linear voltage reference provide
±2% of static
regulation over line, load, and temperature ranges. All
outputs are user-adjustable by means of an external resistor
divider. All linear controllers can supply up to 120mA with no
external pass devices. Employing bipolar NPNs for the pass
transistors, the linear regulators can achieve output currents
of 3A or higher with proper device selection.
The ISL6521 monitors all the output voltages. The PWM
controller’s adjustable overcurrent function monitors the
output current by using the voltage drop across the upper
MOSFET’s rDS(ON). The linear regulator outputs are
monitored via the FB pins for undervoltage events.
Features
• Provides 4 Regulated Voltages
- Switching Regulator 20A Capable
- Three Linear Regulators
- Capable of 120mA
- Capable of up to 3A with an External Transistor
• Externally Resistor-Adjustable Outputs
• Simple Single-Loop Control Design
- Voltage-Mode PWM Control
• Fast PWM Converter Transient Response
- High-Bandwidth Error Amplifier
- Full 0% to 100% Duty Ratio
• Excellent Output Voltage Regulation
- All Outputs:
±2% Over Temperature
• Overcurrent Fault Monitors
- Switching Regulator Does Not Require Extra Current
Sensing Element, Uses MOSFET’s rDS(ON)
• Small Converter Size
- 300kHz Constant Frequency Operation
- Small External Component Count
• Commercial and Industrial Temperature Range Support
• Pb-free Available (RoHS Compliant)
Applications
• FPGA and PowerPC-based boards
• General purpose, low voltage power supplies
Related Literature
• Technical Support Document AG0001, “Power
Management Application Guide for Xilinx FPGAs”
• Technical Support Document AG0002, “Power
Management Application Guide for Altera FPGAs”
• Technical Support Document AG0005, “Power
Management Application Guide for Actel FPGAs”
Pinout
ISL6521 (SOIC)
TOP VIEW
Ordering Information
PART NUMBER TEMP. RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6521CBZ
(Note)
0 to 70
16 Ld SOIC
(Pb-free)
M16.15
ISL6521CBZ-T
(Note)
0 to 70
16 Ld SOIC
(Pb-free)
M16.15
ISL6521IBZ
(Note)
-40 to 85
16 Ld SOIC
(Pb-free)
M16.15
ISL6521IBZ-T
(Note)
-40 to 85
16 Ld SOIC
(Pb-free)
M16.15
ISL6521EVAL1
Evaluation Board
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020C.
DRIVE2
FB2
FB
COMP
FB3
OCSET
DRIVE4
FB4
DRIVE3
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
UGATE
GND
LGATE
PHASE
BOOT
VCC
PGND
Data Sheet
February 8, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6521IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6521IBZ RENESAS-ISL6521IBZ Datasheet
748Kb / 14P
   PWM Buck DC-DC and Triple Linear Power Controller
ISL6521IBZ-T RENESAS-ISL6521IBZ-T Datasheet
748Kb / 14P
   PWM Buck DC-DC and Triple Linear Power Controller
More results

Similar Description - ISL6521IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6521 RENESAS-ISL6521 Datasheet
748Kb / 14P
   PWM Buck DC-DC and Triple Linear Power Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
   Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Richtek Technology Corp...
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Anachip Corp
AP2006 ANACHIP-AP2006 Datasheet
182Kb / 7P
   200KHz, PWM Buck DC/DC & Linear Controller
logo
Richtek Technology Corp...
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
   5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9204 RICHTEK-RT9204 Datasheet
282Kb / 14P
   Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
   Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com