Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6522BCB Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6522BCB
Description  Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6522BCB Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6522BCB Datasheet HTML 5Page - Intersil Corporation ISL6522BCB Datasheet HTML 6Page - Intersil Corporation ISL6522BCB Datasheet HTML 7Page - Intersil Corporation ISL6522BCB Datasheet HTML 8Page - Intersil Corporation ISL6522BCB Datasheet HTML 9Page - Intersil Corporation ISL6522BCB Datasheet HTML 10Page - Intersil Corporation ISL6522BCB Datasheet HTML 11Page - Intersil Corporation ISL6522BCB Datasheet HTML 12Page - Intersil Corporation ISL6522BCB Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Figure 6 shows the circuit traces that require additional
layout consideration. Use single point and ground plane
construction for the circuits shown. Minimize any leakage
current paths on the SS PIN and locate the capacitor, CSS
close to the SS pin because the internal current source is
only 10
µA. Provide local VCC decoupling between VCC and
GND pins. Locate the capacitor, CBOOT as close as practical
to the BOOT and PHASE pins.
Feedback Compensation
Figure 7 highlights the voltage-mode control loop for a
synchronous rectified buck converter. The output voltage
(VOUT) is regulated to the reference voltage level. The error
amplifier (error amp) output (VE/A) is compared with the
oscillator (OSC) triangular wave to provide a pulse-width
modulated (PWM) wave with an amplitude of VIN at the
PHASE node. The PWM wave is smoothed by the output filter
(LO and CO).
The modulator transfer function is the small-signal transfer
function of VOUT/VE/A. This function is dominated by a DC
gain and the output filter (LO and CO), with a double pole
break frequency at FLC and a zero at FESR. The DC gain of
the modulator is simply the input voltage (VIN) divided by the
peak-to-peak oscillator voltage
∆VOSC.
Modulator Break Frequency Equations
The compensation network consists of the error amplifier
(internal to the ISL6522B) and the impedance networks ZIN
and ZFB. The goal of the compensation network is to provide
a closed loop transfer function with the highest 0dB crossing
frequency (f0dB) and adequate phase margin. Phase margin
is the difference between the closed loop phase at f0dB and
180 degrees
. The equations below relate the compensation
network’s poles, zeros and gain to the components (R1, R2,
R3, C1, C2, and C3) in Figure 8. Use these guidelines for
locating the poles and zeros of the compensation network:
Compensation Break Frequency Equations
1. Pick Gain (R2/R1) for desired converter bandwidth
2. Place 1ST Zero Below Filter’s Double Pole
(~75% FLC)
FIGURE 6. PRINTED CIRCUIT BOARD SMALL SIGNAL
LAYOUT GUIDELINES
+12V
ISL6522B
SS
GND
VCC
BOOT
D1
LO
CO
VOUT
Q1
Q2
PHASE
+VIN
CBOOT
CVCC
CSS
FIGURE 7. VOLTAGE - MODE BUCK CONVERTER
COMPENSATION DESIGN
VOUT
OSC
REFERENCE
LO
CO
ESR
VIN
∆VOSC
ERROR
AMP
PWM
DRIVER
(PARASITIC)
-
REF
R1
R3
R2
C3
C2
C1
COMP
VOUT
FB
ZFB
ISL6522B
ZIN
COMPARATOR
DRIVER
DETAILED COMPENSATION COMPONENTS
PHASE
VE/A
+
-
+
-
ZIN
ZFB
+
FLC
1
2
π
LO CO
---------------------------------------
=
FESR
1
2
π
ESR CO
()
---------------------------------------------
=
FZ1
1
2
π R
• 2C1
----------------------------------
=
FZ2
1
2
π
R1 R3
+
() C3
------------------------------------------------------
=
FP1
1
2
π R2
C1 C2
C1 C2
+
----------------------


-------------------------------------------------------
=
FP2 =
1
2
π R3 C3
----------------------------------
ISL6522B


Similar Part No. - ISL6522BCB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6522B RENESAS-ISL6522B Datasheet
831Kb / 16P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522BIBZ RENESAS-ISL6522BIBZ Datasheet
831Kb / 16P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522BIRZ RENESAS-ISL6522BIRZ Datasheet
831Kb / 16P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results

Similar Description - ISL6522BCB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525CB INTERSIL-ISL6525CB Datasheet
527Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
ISL6525 RENESAS-ISL6525 Datasheet
754Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
ISL6522A INTERSIL-ISL6522A Datasheet
441Kb / 13P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525_04 Datasheet
521Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522A RENESAS-ISL6522A Datasheet
753Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com