Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6522BCR Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6522BCR
Description  Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6522BCR Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6522BCR Datasheet HTML 2Page - Intersil Corporation ISL6522BCR Datasheet HTML 3Page - Intersil Corporation ISL6522BCR Datasheet HTML 4Page - Intersil Corporation ISL6522BCR Datasheet HTML 5Page - Intersil Corporation ISL6522BCR Datasheet HTML 6Page - Intersil Corporation ISL6522BCR Datasheet HTML 7Page - Intersil Corporation ISL6522BCR Datasheet HTML 8Page - Intersil Corporation ISL6522BCR Datasheet HTML 9Page - Intersil Corporation ISL6522BCR Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Functional Pin Descriptions
ISL6522B (SOIC)
TOP VIEW
ISL6522B (QFN)
TOP VIEW
RT
This pin provides oscillator switching frequency adjustment.
By placing a resistor (RT) from this pin to GND, the nominal
200kHz switching frequency is increased according to the
following equation:
Conversely, connecting a pull-up resistor (RT) from this pin
to VCC reduces the switching frequency according to the
following equation:
OCSET
Connect a resistor (ROCSET) from this pin to the drain of the
upper MOSFET. ROCSET, an internal 200µA current source
(IOCS), and the upper MOSFET on-resistance (rDS(ON)) set
the converter overcurrent (OC) trip point according to the
following equation:
An overcurrent trip cycles the soft-start function.
SS
Connect a capacitor from this pin to ground. This capacitor,
along with an internal 10
µA current source, sets the soft-start
interval of the converter.
COMP and FB
COMP and FB are the available external pins of the error
amplifier. The FB pin is the inverting input of the error
amplifier and the COMP pin is the error amplifier output.
These pins are used to compensate the voltage-control
feedback loop of the converter.
EN
This pin is the open-collector enable pin. Pull this pin below
1V to disable the converter. In shutdown, the soft-start pin is
discharged and the UGATE and LGATE pins are held low.
GND
Signal ground for the IC. All voltage levels are measured
with respect to this pin.
PHASE
Connect the PHASE pin to the upper MOSFET source. This
pin is used to monitor the voltage drop across the MOSFET
for overcurrent protection. This pin also provides the return
path for the upper gate drive.
UGATE
Connect UGATE to the upper MOSFET gate. This pin
provides the gate drive for the upper MOSFET. This pin is also
monitored by the adaptive shoot through protection circuitry to
determine when the upper MOSFET has turned off.
BOOT
This pin provides bias voltage to the upper MOSFET driver.
A bootstrap circuit may be used to create a BOOT voltage
suitable to drive a standard N-Channel MOSFET.
PGND
This is the power ground connection. Tie the lower MOSFET
source to this pin.
LGATE
Connect LGATE to the lower MOSFET gate. This pin provides
the gate drive for the lower MOSFET. This pin is also
monitored by the adaptive shoot through protection circuitry to
determine when the lower MOSFET has turned off.
PVCC
Provide a bias supply for the lower gate drive to this pin.
VCC
Provide a 12V bias supply for the chip to this pin.
8
9
10
11
12
13
14
7
6
5
4
3
2
1
OCSET
SS
EN
COMP
FB
RT
VCC
LGATE
PGND
BOOT
UGATE
PHASE
GND
PVCC
1
3
4
15
SS
COMP
FB
EN
16
14
13
2
12
10
9
11
6
57
8
PVCC
LGATE
PGND
BOOT
Fs 200kHz
510
6
RT
------------------
+
(RT to GND)
Fs 200kHz
410
7
RT
------------------
(RT to 12V)
IPEAK
IOCS ROCSET
rDS ON
()
--------------------------------------------
=
ISL6522B


Similar Part No. - ISL6522BCR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6522B RENESAS-ISL6522B Datasheet
831Kb / 16P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522BIBZ RENESAS-ISL6522BIBZ Datasheet
831Kb / 16P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522BIRZ RENESAS-ISL6522BIRZ Datasheet
831Kb / 16P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results

Similar Description - ISL6522BCR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525CB INTERSIL-ISL6525CB Datasheet
527Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
ISL6525 RENESAS-ISL6525 Datasheet
754Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
ISL6522A INTERSIL-ISL6522A Datasheet
441Kb / 13P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525_04 Datasheet
521Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522A RENESAS-ISL6522A Datasheet
753Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com