Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6534CR Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6534CR
Description  Dual PWM with Linear
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6534CR Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6534CR Datasheet HTML 5Page - Intersil Corporation ISL6534CR Datasheet HTML 6Page - Intersil Corporation ISL6534CR Datasheet HTML 7Page - Intersil Corporation ISL6534CR Datasheet HTML 8Page - Intersil Corporation ISL6534CR Datasheet HTML 9Page - Intersil Corporation ISL6534CR Datasheet HTML 10Page - Intersil Corporation ISL6534CR Datasheet HTML 11Page - Intersil Corporation ISL6534CR Datasheet HTML 12Page - Intersil Corporation ISL6534CR Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
FN9134.1
VCC
This power pin supplies bias to the control functions. It can
be connected to a nominal 5V (±10%) supply, or it can
function as a shunt regulator (nominal 5.8V), with an external
pull-up resistor (nominally 150
Ω to 12V).
GND
This pin is the signal ground for the IC. The metal thermal
pad under both packages is connected to the GND potential
(through the IC substrate; the pad does NOT substitute for
the GND pin connection). But the GND pin and the metal
pad should be connected together on the board, and tied to
a good GND plane (both for electrical and thermal
conduction). Note that the thermal pad on both packages
limits metal interconnect traces underneath the package.
VCC12 (QFN: VCC12_1, VCC12_2)
This power pin (nominal 12V) supplies the output gate
drivers, as well as some other control functions.
The QFN package has two power pins; one for each
switcher. They are electrically connected internally, but allow
for separate decoupling caps to better isolate the switching
noise, if necessary. Even if they share one capacitor, they
should both be connected externally, for lower resistance.
PGND (QFN: PGND_1, PGND_2)
This pin is the Power GND for the gate drive circuits. It is not
directly tied to GND inside the IC; it should be tied to GND
on the board.
The QFN package has two Power GNDs; one local to each
switcher; both should be connected externally to the GND
plane on the board.
SS1/EN1, SS2/EN2, SS3/EN3
These analog input pins have two functions. A 30µA current
source charges an external capacitor (to GND), to provide a
soft-start timing ramp; their respective Output voltage will
follow the ramp voltage as it powers up. The 2nd function is
Enable; when the input is left open (with the soft-start cap),
the respective output will be Enabled after the ramp reaches
the 1V level. If the input is pulled to a low logic level, the
output will be disabled.
SS2/EN2 also has a special mode function; see Table 1.
Tying it to VCC (5V) selects the DDR mode (where both
OUT1 and OUT2 share the SS1 ramp); otherwise it will be in
the Independent mode.
COMP1, COMP2
These analog output pins are used to externally compensate
the error amplifiers for their respective regulators.
Pin Description
24-PIN TSSOP
TOP VIEW
32 LD 5x5 QFN
TOP VIEW
NOTES:
6. BOOT2 and UGATE2 are different order in QFN.
7. NC is No Connect
FB1
COMP1
COMP2
FB2
REFIN
SS2/EN2
BOOT2
VCC12
FS_SYNC
LGATE2
PGND
SS3/EN3
PGOOD
SS1/EN1
LGATE1
VREF
REFOUT
UGATE2
GND
DRIVE3
FB3
UGATE1
BOOT1
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
GND
BOTTOM
SIDE PAD
REFIN
NC
REFOUT
NC
PGND_2
LGATE2
PGND_1
UGATE1
LGATE1
VREF
DRIVE3
SS2/EN2
SS1/EN1
SS3/EN3
VCC12_1
VCC12_2
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32
31
30
29
28
27
26
25
9
10
11
12
1314
1516
GND
BOTTOM
SIDE PAD
ISL6534


Similar Part No. - ISL6534CR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6534CR RENESAS-ISL6534CR Datasheet
1Mb / 29P
   Dual PWM with Linear
ISL6534CRZ RENESAS-ISL6534CRZ Datasheet
1Mb / 29P
   Dual PWM with Linear
More results

Similar Description - ISL6534CR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6534 RENESAS-ISL6534 Datasheet
1Mb / 29P
   Dual PWM with Linear
logo
ON Semiconductor
NCP1501 ONSEMI-NCP1501 Datasheet
161Kb / 14P
   Dual Mode PWM/Linear Buck Converter
March, 2004 ??Rev. 7
NCP1500 ONSEMI-NCP1500 Datasheet
87Kb / 12P
   Dual Mode PWM/Linear BUCK Converter
February, 2004 ??Rev. 4
logo
Renesas Technology Corp
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
February 1999
logo
Intersil Corporation
HIP6019 INTERSIL-HIP6019 Datasheet
152Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6019 RENESAS-HIP6019 Datasheet
824Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
April 1998
logo
Intersil Corporation
HIP6019B INTERSIL-HIP6019B Datasheet
362Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
logo
List of Unclassifed Man...
RT9229 ETC1-RT9229 Datasheet
219Kb / 10P
   Advaced Dual PWM and Dual Linear Power Controller
logo
Renesas Technology Corp
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
September 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com