Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6522BIR Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6522BIR
Description  Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6522BIR Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6522BIR Datasheet HTML 7Page - Intersil Corporation ISL6522BIR Datasheet HTML 8Page - Intersil Corporation ISL6522BIR Datasheet HTML 9Page - Intersil Corporation ISL6522BIR Datasheet HTML 10Page - Intersil Corporation ISL6522BIR Datasheet HTML 11Page - Intersil Corporation ISL6522BIR Datasheet HTML 12Page - Intersil Corporation ISL6522BIR Datasheet HTML 13Page - Intersil Corporation ISL6522BIR Datasheet HTML 14Page - Intersil Corporation ISL6522BIR Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
The response time to a transient is different for the
application of load and the removal of load. The following
equations give the approximate response time interval for
application and removal of a transient load:
where: ITRAN is the transient load current step, tRISE is the
response time to the application of load, and tFALL is the
response time to the removal of load. With a +5V input
source, the worst case response time can be either at the
application or removal of load and dependent upon the
output voltage setting. Be sure to check both of these
equations at the minimum and maximum output levels for
the worst case response time.
Input Capacitor Selection
Use a mix of input bypass capacitors to control the voltage
overshoot across the MOSFETs. Use small ceramic
capacitors for high frequency decoupling and bulk capacitors
to supply the current needed each time Q1 turns on. Place
the small ceramic capacitors physically close to the
MOSFETs and between the drain of Q1 and the source of Q2.
The important parameters for the bulk input capacitor are the
voltage rating and the RMS current rating. For reliable
operation, select the bulk capacitor with voltage and current
ratings above the maximum input voltage and largest RMS
current required by the circuit. The capacitor voltage rating
should be at least 1.25 times greater than the maximum
input voltage and a voltage rating of 1.5 times is a
conservative guideline. The RMS current rating requirement
for the input capacitor of a buck regulator is approximately
1/2 the DC load current.
For a through-hole design, several electrolytic capacitors
(Panasonic HFQ series or Nichicon PL series or Sanyo
MV-GX or equivalent) may be needed. For surface mount
designs, solid tantalum capacitors can be used, but caution
must be exercised with regard to the capacitor surge current
rating. These capacitors must be capable of handling the
surge-current at power-up. The TPS series available from
AVX, and the 593D series from Sprague are both surge
current tested.
MOSFET Selection/Considerations
The ISL6522B requires two N-Channel power MOSFETs.
These should be selected based upon rDS(ON), gate supply
requirements, and thermal management requirements.
In high-current applications, the MOSFET power dissipation,
package selection and heatsink are the dominant design
factors. The power dissipation includes two loss
components; conduction loss and switching loss. The
conduction losses are the largest component of power
dissipation for both the upper and the lower MOSFETs.
These losses are distributed between the two MOSFETs
according to duty factor. The switching losses seen when
sourcing current will be different from the switching losses seen
when sinking current. When sourcing current, the upper
MOSFET realizes most of the switching losses. The lower
switch realizes most of the switching losses when the converter
is sinking current (see the equations below).
These equations assume linear voltage-current transitions
and do not adequately model power loss due the reverse-
recovery of the upper and lower MOSFET’s body diode. The
gate-charge losses are dissipated by the ISL6522B and do
not heat the MOSFETs. However, large gate-charge
increases the switching interval, tSW which increases the
upper MOSFET switching losses. Ensure that both
MOSFETs are within their maximum junction temperature at
high ambient temperature by calculating the temperature
rise according to package thermal-resistance specifications.
A separate heatsink may be necessary depending upon
MOSFET power, package type, ambient temperature and air
flow.
Standard-gate MOSFETs are normally recommended for
use with the ISL6522B. However, logic-level gate MOSFETs
can be used under special circumstances. The input voltage,
upper gate drive level, and the MOSFETs absolute gate-to-
source voltage rating determine whether logic-level
MOSFETs are appropriate.
Figure 9 shows the upper gate drive (BOOT pin) supplied by
a bootstrap circuit from VCC . The boot capacitor, CBOOT
develops a floating supply voltage referenced to the PHASE
pin. This supply is refreshed each cycle to a voltage of VCC
less the boot diode drop (VD) when the lower MOSFET, Q2
turns on. A logic-level MOSFET can only be used for Q1 if
the MOSFETs absolute gate-to-source voltage rating
exceeds the maximum voltage applied to VCC. For Q2, a
logic-level MOSFET can be used if its absolute gate-to-
source voltage rating exceeds the maximum voltage applied
to PVCC.
tFALL
LO ITRAN
×
VOUT
-------------------------------
=
tRISE
LO ITRAN
×
VIN VOUT
--------------------------------
=
PLOWER = Io2 x rDS(ON) x (1 - D)
Where: D is the duty cycle = VOUT / VIN,
tSW is the switching interval, and
FS is the switching frequency.
Losses while Sourcing Current
Losses while Sinking Current
P
LOWER
Io
2
r
DS ON
()
×
1D
()
×
1
2
--- Io
V
IN
×
t
SW
F
S
×
×
+
=
PUPPER
Io
2
r
DS ON
()
×
D
×
1
2
--- Io
V
IN
×
t
SW
F
S
×
×
+
=
PUPPER = Io2 x rDS(ON) x D
ISL6522B


Similar Part No. - ISL6522BIR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6522BIRZ RENESAS-ISL6522BIRZ Datasheet
831Kb / 16P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results

Similar Description - ISL6522BIR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525CB INTERSIL-ISL6525CB Datasheet
527Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
ISL6525 RENESAS-ISL6525 Datasheet
754Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
ISL6522A INTERSIL-ISL6522A Datasheet
441Kb / 13P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525_04 Datasheet
521Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522A RENESAS-ISL6522A Datasheet
753Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com