Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33260 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC33260
Description  GreenLine Compact Power Factor Controller:Innovative Circuit for Cost Effective Solutions
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33260 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC33260 Datasheet HTML 4Page - ON Semiconductor MC33260 Datasheet HTML 5Page - ON Semiconductor MC33260 Datasheet HTML 6Page - ON Semiconductor MC33260 Datasheet HTML 7Page - ON Semiconductor MC33260 Datasheet HTML 8Page - ON Semiconductor MC33260 Datasheet HTML 9Page - ON Semiconductor MC33260 Datasheet HTML 10Page - ON Semiconductor MC33260 Datasheet HTML 11Page - ON Semiconductor MC33260 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MC33260
http://onsemi.com
8
PIN FUNCTION DESCRIPTION
Pin No.
Function
Description
1
Feedback Input
This pin is designed to receive a current that is proportional to the preconverter output voltage. This
information is used for both the regulation and the overvoltage and undervoltage protections. The
current drawn by this pin is internally squared to be used as oscillator capacitor charge current.
2
Vcontrol
This pin makes available the regulation block output. The capacitor connected between this pin and
ground, adjusts the control bandwidth. It is typically set below 20 Hz to obtain a nondistorted input
current.
3
Oscillator Capacitor
(CT)
The circuit uses an on–time control mode. This on–time is controlled by comparing the CT voltage to
the Vcontrol voltage. CT is charged by the squared feedback current.
4
Zero Current
Detection Input
This pin is designed to receive a negative voltage signal proportional to the current flowing through
the inductor. This information is generally built using a sense resistor. The Zero Current Detection
prevents any restart as long as the pin 4 voltage is below (–60 mV). This pin is also used to perform
the peak current limitation. The overcurrent threshold is programmed by the resistor connected
between the pin and the external current sense resistor.
5
Synchronization
Input
This pin is designed to receive a synchronization signal. For instance, it enables to synchronize the
PFC preconverter to the associated SMPS. If not used, this pin must be grounded.
6
Ground
This pin must be connected to the preregulator ground.
7
Gate Drive
The gate drive current capability is suited to drive an IGBT or a power MOSFET.
8
VCC
This pin is the positive supply of the IC. The circuit turns on when VCC becomes higher than 11 V, the
operating range after start–up being 8.5 V up to 16 V.
APPLICATION SCHEMATIC
18
7
6
5
2
3
4
L1
Filtering
Capacitor
Sync
M1
C1
D1
+
Vcontrol
VCC
Load
(SMPS, Lamp
Ballast,...)
Ro
CT
ROCP
Rcs
D1...D4


Similar Part No. - MC33260

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33260 ONSEMI-MC33260 Datasheet
221Kb / 22P
   GreenLine TM Compact Power Factor Controller: Innovative Circuit for Cost Effective Solutions
September, 2005 ??Rev. 9
MC33260 ONSEMI-MC33260 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33260 ONSEMI-MC33260 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
MC33260D ONSEMI-MC33260D Datasheet
221Kb / 22P
   GreenLine TM Compact Power Factor Controller: Innovative Circuit for Cost Effective Solutions
September, 2005 ??Rev. 9
MC33260DG ONSEMI-MC33260DG Datasheet
221Kb / 22P
   GreenLine TM Compact Power Factor Controller: Innovative Circuit for Cost Effective Solutions
September, 2005 ??Rev. 9
More results

Similar Description - MC33260

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33260 ONSEMI-MC33260_05 Datasheet
221Kb / 22P
   GreenLine TM Compact Power Factor Controller: Innovative Circuit for Cost Effective Solutions
September, 2005 ??Rev. 9
NCP1607BOOSTGEVB ONSEMI-NCP1607BOOSTGEVB Datasheet
181Kb / 23P
   Cost Effective Power Factor Controller
July, 2015 ??Rev. 2
NCP1607 ONSEMI-NCP1607 Datasheet
261Kb / 23P
   Cost Effective Power Factor Controller
April, 2009 ??Rev. 1
NCP1607 ONSEMI-NCP1607_15 Datasheet
181Kb / 23P
   Cost Effective Power Factor Controller
July, 2015 ??Rev. 2
NCP1606 ONSEMI-NCP1606 Datasheet
242Kb / 22P
   Cost Effective Power Factor Controller
March, 2007 ??Rev. 3
logo
Precid-Dip Durtal SA
0900-CLIP PREDIP-0900-CLIP Datasheet
867Kb / 6P
   PRECISE, RELIABLE, AND COST EFFECTIVE STANDARD SOLUTIONS
logo
California Micro Device...
CM9101 CALMIRCO-CM9101 Datasheet
501Kb / 12P
   Compact Cost-effective Fast Charger
logo
ON Semiconductor
MC33368 ONSEMI-MC33368 Datasheet
476Kb / 20P
   High Voltage GreenLine Power Factor Controller
April, 2000 ??Rev. 4
MC33368 ONSEMI-MC33368_11 Datasheet
228Kb / 16P
   High Voltage GreenLine Power Factor Controller
August, 2011 ??Rev. 11
logo
California Micro Device...
CM9100 CALMIRCO-CM9100 Datasheet
302Kb / 11P
   Basic Compact Cost-effective Fast-Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com