Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6410AIU-T5K Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6410AIU-T5K
Description  Single Synchronous Buck Regulators with Integrated FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6410AIU-T5K Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6410AIU-T5K Datasheet HTML 1Page - Intersil Corporation ISL6410AIU-T5K Datasheet HTML 2Page - Intersil Corporation ISL6410AIU-T5K Datasheet HTML 3Page - Intersil Corporation ISL6410AIU-T5K Datasheet HTML 4Page - Intersil Corporation ISL6410AIU-T5K Datasheet HTML 5Page - Intersil Corporation ISL6410AIU-T5K Datasheet HTML 6Page - Intersil Corporation ISL6410AIU-T5K Datasheet HTML 7Page - Intersil Corporation ISL6410AIU-T5K Datasheet HTML 8Page - Intersil Corporation ISL6410AIU-T5K Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN9149.3
ISL6410, ISL6410A
Single Synchronous Buck Regulators
with Integrated FET
The ISL6410, ISL6410A are synchronous current-mode
PWM regulators designed to provide a total DC-DC solution
for microcontrollers, microprocessors, CPLDs, FPGAs, core
processors/BBP/MAC, and ASICs. The ISL6410 should be
selected for applications using 3.3V ±10% as an input
voltage and the ISL6410A in applications requiring 5.0V
±10%.
These synchronous current mode PWM regulators have
integrated N- and P-Channel power MOSFETs and provide
pre-set pin programmable outputs. Synchronous rectification
with internal MOSFETs is used to achieve higher efficiency
and a reduced external component count. The operating
frequency of 750kHz typical allows the use of small inductor
and capacitor values. The device can be synchronized to an
external clock signal in the range of 500kHz to 1MHz. A
power good signal “PG” is generated when the output
voltage falls outside the regulation limits. Other features
include overcurrent protection and thermal overload
shutdown. The ISL6410, ISL6410A are available in an
MSOP 10 lead package.
Features
• Fully Integrated Synchronous Buck Regulator
• PWM Fixed Output Voltage Options
- 1.8V, 1.5V or 1.2V with ISL6410 (VIN = 3.3V)
- 3.3V, 1.8V or 1.2V with ISL6410A (VIN = 5.0V)
• Continuous Output Current . . . . . . . . . . . . . . . . . . 600mA
• Ultra-Compact DC-DC Converter Design
• Stable with Small Ceramic Output Capacitors
• High Conversion Efficiency
• Extensive Circuit Protection and Monitoring features
- Overvoltage, UVLO
- Overcurrent
- Thermal Shutdown
• Available in MSOP and QFN packages
• QFN Package:
- Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile
• Pb-Free Packaging Available
Applications
• CPUs, DSP, CPLDs, FPGAs
• ASICs
• DVD and DSL applications
•WLAN Cards
• Generic 5V to 3.3V Conversion
Pinouts
Ordering Information
PART NUMBER*
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6410IR
-40 to 85
16 Ld 4x4 QFN
L16.4x4
ISL6410IRZ (Note)
-40 to 85
16 Ld 4x4 QFN
(Pb-free)
L16.4x4
ISL6410IU
-40 to 85
10 Ld MSOP
M10.118
ISL6410IUZ (Note)
-40 to 85
10 Ld MSOP (Pb-free) M10.118
ISL6410AIR
-40 to 85
16 Ld 4x4 QFN
L16.4x4
ISL6410AIRZ (Note)
-40 to 85
16 Ld 4x4 QFN
(Pb-free)
L16.4x4
ISL6410AIU
-40 to 85
10 Ld MSOP
M10.118
ISL6410AIUZ (Note)
-40 to 85
10 Ld MSOP (Pb-free) M10.118
*For tape and reel, add “-T”, “-TK” or “-T5K” suffix.
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
ISL6410 (MSOP)
TOP VIEW
ISL6410 (QFN)
TOP VIEW
PVCC
VIN
GND
PG
FB
PGND
L
EN
SYNC
VSET
1
2
3
4
5
10
9
8
7
6
1
3
4
15
VIN
CT
GND
PG
16
14
13
2
12
10
9
11
6
57
8
NC
RESET
EN
SYNC
Data Sheet
September 17, 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6410AIU-T5K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6410AIU RENESAS-ISL6410AIU Datasheet
1Mb / 26P
   Single Synchronous Buck Regulators with Integrated FET
ISL6410AIUZ RENESAS-ISL6410AIUZ Datasheet
1Mb / 26P
   Single Synchronous Buck Regulators with Integrated FET
More results

Similar Description - ISL6410AIU-T5K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6410 RENESAS-ISL6410 Datasheet
1Mb / 26P
   Single Synchronous Buck Regulators with Integrated FET
logo
Rohm
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV ROHM-BD9134MUV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9106FVM ROHM-BD9106FVM_14 Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
BD9123MUV ROHM-BD9123MUV_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD9137MUV ROHM-BD9137MUV_14 Datasheet
2Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD8963EFJ ROHM-BD8963EFJ_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com