Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33179P Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC33179P
Description  HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33179P Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC33179P Datasheet HTML 4Page - ON Semiconductor MC33179P Datasheet HTML 5Page - ON Semiconductor MC33179P Datasheet HTML 6Page - ON Semiconductor MC33179P Datasheet HTML 7Page - ON Semiconductor MC33179P Datasheet HTML 8Page - ON Semiconductor MC33179P Datasheet HTML 9Page - ON Semiconductor MC33179P Datasheet HTML 10Page - ON Semiconductor MC33179P Datasheet HTML 11Page - ON Semiconductor MC33179P Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC33178 MC33179
9
MOTOROLA ANALOG IC DEVICE DATA
10 k
A1
To
Receiver
+
1.0
µF
300
200 k
120 k
2.0 k
A2
820
1N4678
Tip
Phone Line
Ring
A3
VR
From
Microphone
+
+
10 k
10 k
10 k
VR
10 k
0.05
µF
Figure 33. Telephone Line Interface Circuit
APPLICATION INFORMATION
This unique device uses a boosted output stage to
combine a high output current with a drain current lower than
similar bipolar input op amps. Its 60
° phase margin and 15 dB
gain margin ensure stability with up to 1000 pF of load
capacitance (see Figure 23). The ability to drive a minimum
600
Ω load makes it particularly suitable for telecom
applications. Note that in the sample circuit in Figure 33 both
A2 and A3 are driving equivalent loads of approximately
600
Ω.
The low input offset voltage and moderately high slew rate
and gain bandwidth product make it attractive for a variety of
other applications. For example, although it is not single
supply (the common mode input range does not include
ground), it is specified at +5.0 V with a typical common mode
rejection of 110 dB. This makes it an excellent choice for use
with digital circuits. The high common mode rejection, which
is stable over temperature, coupled with a low noise figure
and low distortion, is an ideal op amp for audio circuits.
The output stage of the op amp is current limited and
therefore has a certain amount of protection in the event of a
short circuit. However, because of its high current output, it is
especially important not to allow the device to exceed the
maximum junction temperature, particularly with the
MC33179 (quad op amp). Shorting more than one amplifier
could easily exceed the junction temperature to the extent of
causing permanent damage.
Stability
As usual with most high frequency amplifiers, proper lead
dress, component placement, and PC board layout should be
exercised for optimum frequency performance. For example,
long unshielded input or output leads may result in unwanted
input/output coupling. In order to preserve the relatively
low input capacitance associated with these amplifiers,
resistors connected to the inputs should be immediately
adjacent to the input pin to minimize additional stray input
capacitance. This not only minimizes the input pole
frequency for optimum frequency response, but also
minimizes extraneous “pick up” at this node. Supplying
decoupling with adequate capacitance immediately adjacent
to the supply pin is also important, particularly over
temperature, since many types of decoupling capacitors
exhibit great impedance changes over temperature.
Additional stability problems can be caused by high load
capacitances and/or a high source resistance. Simple
compensation schemes can be used to alleviate these
effects.


Similar Part No. - MC33179P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33179P ONSEMI-MC33179P Datasheet
278Kb / 19P
   Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
MC33179P ONSEMI-MC33179P Datasheet
283Kb / 19P
   Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
MC33179PG ONSEMI-MC33179PG Datasheet
278Kb / 19P
   Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
MC33179PG ONSEMI-MC33179PG Datasheet
283Kb / 19P
   Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
More results

Similar Description - MC33179P

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
   HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33178 ONSEMI-MC33178_06 Datasheet
278Kb / 19P
   Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
MC33178 ONSEMI-MC33178_10 Datasheet
283Kb / 19P
   Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
logo
Texas Instruments
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com