Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6566CRZA-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6566CRZA-T
Description  Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6566CRZA-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6566CRZA-T Datasheet HTML 2Page - Intersil Corporation ISL6566CRZA-T Datasheet HTML 3Page - Intersil Corporation ISL6566CRZA-T Datasheet HTML 4Page - Intersil Corporation ISL6566CRZA-T Datasheet HTML 5Page - Intersil Corporation ISL6566CRZA-T Datasheet HTML 6Page - Intersil Corporation ISL6566CRZA-T Datasheet HTML 7Page - Intersil Corporation ISL6566CRZA-T Datasheet HTML 8Page - Intersil Corporation ISL6566CRZA-T Datasheet HTML 9Page - Intersil Corporation ISL6566CRZA-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
FN9178.3
July 25, 2005
ERROR AMPLIFIER
DC Gain (Note 3)
RL = 10K to ground
-
96
-
dB
Gain-Bandwidth Product (Note 3)
CL = 100pF, RL = 10K to ground
-
20
-
MHz
Slew Rate (Note 3)
CL = 100pF, Load = ±400µA-
8
-
V/
µs
Maximum Output Voltage
Load = 1mA
3.90
4.20
-
V
Minimum Output Voltage
Load = -1mA
-
0.85
1.0
V
OVERCURRENT PROTECTION
OCSET trip current
93
100
107
µA
OCSET Accuracy
OCSET and ISUM Difference
-5
0
5
mV
ICOMP Offset
-5
0
5
mV
PROTECTION
Undervoltage Threshold
VSEN falling
80
82
84
%VID
Undervoltage Hysteresis
VSEN Rising
-
3
-
%VID
Overvoltage Threshold while IC Disabled
VOVP, VRM9.0 Configuration
1.92
1.97
2.02
V
VOVP, Hammer and VRM10.0 Configurations
1.62
1.67
1.72
V
Overvoltage Threshold
VSEN Rising
VID +
125mV
VID +
150mV
VID +
175mV
V
Overvoltage Hysteresis
VSEN Falling
-
50
-
mV
Open Sense-Line Protection Threshold
IREF Rising and Falling
VDIFF
+ 0.9V
VDIFF +
1V
VDIFF
+ 1.1V
V
SWITCHING TIME (Note 3)
UGATE Rise Time
tRUGATE; VPVCC = 12V, 3nF Load, 10% to 90%
-
26
-
ns
LGATE Rise Time
tRLGATE; VPVCC = 12V, 3nF Load, 10% to 90%
-
18
-
ns
UGATE Fall Time
tFUGATE; VPVCC = 12V, 3nF Load, 90% to 10%
-
18
-
ns
LGATE Fall Time
tFLGATE; VPVCC = 12V, 3nF Load, 90% to 10%
-
12
-
ns
UGATE Turn-On Non-overlap
tPDHUGATE; VPVCC = 12V, 3nF Load, Adaptive
-
10
-
ns
LGATE Turn-On Non-overlap
tPDHLGATE; VPVCC = 12V, 3nF Load, Adaptive
-
10
-
ns
GATE DRIVE RESISTANCE (Note 3)
Upper Drive Source Resistance
VPVCC = 12V, 15mA Source Current
1.25
2.0
3.0
Upper Drive Sink Resistance
VPVCC = 12V, 15mA Sink Current
0.9
1.65
3.0
Lower Drive Source Resistance
VPVCC = 12V, 15mA Source Current
0.85
1.25
2.2
Lower Drive Sink Resistance
VPVCC = 12V, 15mA Sink Current
0.60
0.80
1.35
OVER TEMPERATURE SHUTDOWN
Thermal Shutdown Setpoint (Note 3)
-
160
-
°C
Thermal Recovery Setpoint (Note 3)
-
100
-
°C
NOTE:
3. Parameter magnitude guaranteed by design. Not 100% tested.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6566
ISL6566


Similar Part No. - ISL6566CRZA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6566CRZA-TR5184 INTERSIL-ISL6566CRZA-TR5184 Datasheet
803Kb / 29P
   Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Renesas Technology Corp
ISL6566CRZA-TR5184 RENESAS-ISL6566CRZA-TR5184 Datasheet
1Mb / 30P
   Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
More results

Similar Description - ISL6566CRZA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6566 RENESAS-ISL6566 Datasheet
1Mb / 30P
   Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Intersil Corporation
ISL6566 INTERSIL-ISL6566_06 Datasheet
803Kb / 29P
   Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Renesas Technology Corp
ISL6568 RENESAS-ISL6568 Datasheet
1Mb / 30P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Intersil Corporation
ISL6568 INTERSIL-ISL6568 Datasheet
716Kb / 28P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
ISL6568 INTERSIL-ISL6568_06 Datasheet
725Kb / 29P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Renesas Technology Corp
ISL6314 RENESAS-ISL6314 Datasheet
1Mb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6313 RENESAS-ISL6313 Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6314 INTERSIL-ISL6314 Datasheet
820Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6313BCRZ INTERSIL-ISL6313BCRZ Datasheet
630Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com