Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6566ACRZA-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6566ACRZA-T
Description  Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6566ACRZA-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6566ACRZA-T Datasheet HTML 2Page - Intersil Corporation ISL6566ACRZA-T Datasheet HTML 3Page - Intersil Corporation ISL6566ACRZA-T Datasheet HTML 4Page - Intersil Corporation ISL6566ACRZA-T Datasheet HTML 5Page - Intersil Corporation ISL6566ACRZA-T Datasheet HTML 6Page - Intersil Corporation ISL6566ACRZA-T Datasheet HTML 7Page - Intersil Corporation ISL6566ACRZA-T Datasheet HTML 8Page - Intersil Corporation ISL6566ACRZA-T Datasheet HTML 9Page - Intersil Corporation ISL6566ACRZA-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
FN9200.2
July 27, 2005
DAC Input High Voltage (AMD)
1.0
-
-
V
OFS Sink Current Accuracy (Negative Offset)
ROFS = 30kΩ from OFS to VCC
47.5
50.0
52.5
µA
OFS Source Current Accuracy (Positive Offset)
ROFS = 10kΩ from OFS to GND
47.5
50.0
52.5
µA
ERROR AMPLIFIER
DC Gain (Note 3)
RL = 10K to ground
-
96
-
dB
Gain-Bandwidth Product (Note 3)
CL = 100pF, RL = 10K to ground
-
20
-
MHz
Slew Rate (Note 3)
CL = 100pF, Load = ±400µA-
8
-
V/
µs
Maximum Output Voltage
Load = 1mA
3.90
4.20
-
V
Minimum Output Voltage
Load = -1mA
-
0.85
1.0
V
OVERCURRENT PROTECTION
OCSET trip current
93
100
107
µA
OCSET Accuracy
OCSET and ISUM Difference
-5
0
5
mV
ICOMP Offset
-5
0
5
mV
PROTECTION
Undervoltage Threshold
VSEN falling
80
82
84
%VID
Undervoltage Hysteresis
VSEN Rising
-
3
-
%VID
Overvoltage Threshold while IC Disabled
VOVP, VRM9.0 Configuration
1.92
1.97
2.02
V
VOVP, Hammer and VRM10.0 Configurations
1.62
1.67
1.72
V
Overvoltage Threshold
VSEN Rising
VID +
125mV
VID +
150mV
VID +
175mV
V
Overvoltage Hysteresis
VSEN Falling
-
50
-
mV
Open Sense-Line Protection Threshold
IREF Rising and Falling
VDIFF
+ 0.9V
VDIFF +
1V
VDIFF
+ 1.1V
V
SWITCHING TIME (Note 3)
UGATE Rise Time
tRUGATE; VPVCC = 12V, 3nF Load, 10% to 90%
-
26
-
ns
LGATE Rise Time
tRLGATE; VPVCC = 12V, 3nF Load, 10% to 90%
-
18
-
ns
UGATE Fall Time
tFUGATE; VPVCC = 12V, 3nF Load, 90% to 10%
-
18
-
ns
LGATE Fall Time
tFLGATE; VPVCC = 12V, 3nF Load, 90% to 10%
-
12
-
ns
UGATE Turn-On Non-overlap
tPDHUGATE; VPVCC = 12V, 3nF Load, Adaptive
-
10
-
ns
LGATE Turn-On Non-overlap
tPDHLGATE; VPVCC = 12V, 3nF Load, Adaptive
-
10
-
ns
GATE DRIVE RESISTANCE (Note 3)
Upper Drive Source Resistance
VPVCC = 12V, 15mA Source Current
1.25
2.0
3.0
Upper Drive Sink Resistance
VPVCC = 12V, 15mA Sink Current
0.9
1.65
3.0
Lower Drive Source Resistance
VPVCC = 12V, 15mA Source Current
0.85
1.25
2.2
Lower Drive Sink Resistance
VPVCC = 12V, 15mA Sink Current
0.60
0.80
1.35
OVER TEMPERATURE SHUTDOWN
Thermal Shutdown Setpoint (Note 3)
-
160
-
°C
Thermal Recovery Setpoint (Note 3)
-
100
-
°C
NOTE:
3. Parameter magnitude guaranteed by design. Not 100% tested.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6566A
ISL6566A


Similar Part No. - ISL6566ACRZA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6566ACRZA RENESAS-ISL6566ACRZA Datasheet
1Mb / 29P
   Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
More results

Similar Description - ISL6566ACRZA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6566A RENESAS-ISL6566A Datasheet
1Mb / 29P
   Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 INTERSIL-ISL8101 Datasheet
404Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6567 RENESAS-ISL6567 Datasheet
1Mb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com