Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6568CR-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6568CR-T
Description  Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6568CR-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6568CR-T Datasheet HTML 1Page - Intersil Corporation ISL6568CR-T Datasheet HTML 2Page - Intersil Corporation ISL6568CR-T Datasheet HTML 3Page - Intersil Corporation ISL6568CR-T Datasheet HTML 4Page - Intersil Corporation ISL6568CR-T Datasheet HTML 5Page - Intersil Corporation ISL6568CR-T Datasheet HTML 6Page - Intersil Corporation ISL6568CR-T Datasheet HTML 7Page - Intersil Corporation ISL6568CR-T Datasheet HTML 8Page - Intersil Corporation ISL6568CR-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
FN9187.3
July 25, 2005
Absolute Maximum Ratings
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V
Supply Voltage, PVCC . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +15V
Absolute Boot Voltage, VBOOT . . . . . . . . GND - 0.3V to GND + 36V
Phase Voltage, VPHASE . . . . . . . . GND - 0.3V to 15V (PVCC = 12)
GND - 8V (<400ns, 20µJ) to 24V (<200ns, VBOOT-PHASE = 12V)
Upper Gate Voltage, VUGATE . . . . VPHASE - 0.3V to VBOOT + 0.3V
VPHASE - 3.5V (<100ns Pulse Width, 2µJ) to VBOOT + 0.3V
Lower Gate Voltage, VLGATE. . . . . . . . GND - 0.3V to PVCC + 0.3V
GND - 5V (<100ns Pulse Width, 2µJ) to PVCC+ 0.3V
Input, Output, or I/O Voltage . . . . . . . . . GND - 0.3V to VCC + 0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . Class I JEDEC STD
Recommended Operating Conditions
VCC Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V
±5%
PVCC Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . +5V to 12V
±5%
Ambient Temperature (ISL6568CR, ISL6568CRZ) . . . . 0°C to 70°C
Ambient Temperature (ISL6568IR, ISL6568IRZ) . . . . .-40°C to 85°C
Thermal Information
Thermal Resistance
θJA (°C/W) θJC (°C/W)
QFN Package (Notes 1, 2) . . . . . . . . . .
35
5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
CAUTION: Stress above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational section of this specification is not implied.
NOTES:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
BIAS SUPPLY AND INTERNAL OSCILLATOR
Input Bias Supply Current
IVCC; ENLL = high
-
15
20
mA
Gate Drive Bias Current
IPVCC; ENLL = high
-
1.5
-
mA
VCC POR (Power-On Reset) Threshold
VCC Rising
4.25
4.38
4.50
V
VCC Falling
3.75
3.88
4.00
V
PVCC POR (Power-On Reset) Threshold
PVCC Rising
4.25
4.38
4.50
V
PVCC Falling
3.60
3.88
4.00
V
Oscillator Ramp Amplitude (Note 3)
VPP
-1.50
-
V
Maximum Duty Cycle (Note 3)
-
66.6
-
%
Oscillator Frequency, FSW
RT = 100kΩ (± 0.1%)
225
250
275
kHz
CONTROL THRESHOLDS
ENLL Rising Threshold
-0.66
-
V
ENLL Hysteresis
-
100
-
mV
COMP Shutdown Threshold
COMP Falling
0.2
0.3
0.4
V
REFERENCE AND DAC
System Accuracy (VID = 1.0V - 1.850V)
-0.5
-
0.5
%
System Accuracy (VID = 0.8V - 1.0V)
-0.8
-
0.8
%
DAC Input Low Voltage (VR9, VR10)
--
0.4
V
DAC Input High Voltage (VR9, VR10)
0.8
-
-
V
DAC Input Low Voltage (AMD)
--
0.6
V
DAC Input High Voltage (AMD)
1.0
-
-
V
OFS Sink Current Accuracy (Negative Offset)
ROFS = 30kΩ from OFS to VCC
47.5
50.0
52.5
µA
OFS Source Current Accuracy (Positive Offset)
ROFS = 10kΩ from OFS to GND
47.5
50.0
52.5
µA
ISL6568
ISL6568


Similar Part No. - ISL6568CR-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6568CR-TR5184 INTERSIL-ISL6568CR-TR5184 Datasheet
725Kb / 29P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
More results

Similar Description - ISL6568CR-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6568 RENESAS-ISL6568 Datasheet
1Mb / 30P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Intersil Corporation
ISL6568 INTERSIL-ISL6568_06 Datasheet
725Kb / 29P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Renesas Technology Corp
ISL6566 RENESAS-ISL6566 Datasheet
1Mb / 30P
   Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Intersil Corporation
ISL6566 INTERSIL-ISL6566 Datasheet
799Kb / 28P
   Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
ISL6566 INTERSIL-ISL6566_06 Datasheet
803Kb / 29P
   Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Renesas Technology Corp
ISL6313 RENESAS-ISL6313 Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6313BCRZ INTERSIL-ISL6313BCRZ Datasheet
630Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6313CRZ INTERSIL-ISL6313CRZ Datasheet
632Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
September 2, 2008
logo
Renesas Technology Corp
ISL6313B RENESAS-ISL6313B Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com