Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8102 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL8102
Description  Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8102 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL8102 Datasheet HTML 5Page - Intersil Corporation ISL8102 Datasheet HTML 6Page - Intersil Corporation ISL8102 Datasheet HTML 7Page - Intersil Corporation ISL8102 Datasheet HTML 8Page - Intersil Corporation ISL8102 Datasheet HTML 9Page - Intersil Corporation ISL8102 Datasheet HTML 10Page - Intersil Corporation ISL8102 Datasheet HTML 11Page - Intersil Corporation ISL8102 Datasheet HTML 12Page - Intersil Corporation ISL8102 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9
FN9247.0
October 19, 2005
external series gate resistors as this might lead to shoot-
through.
PGOOD (Pin 28)
PGOOD is used as an indication of the end of soft-start. It is
an open-drain logic output that is low impedance until the soft-
start is completed and Vout is equal to the VID setting. Once in
normal operation PGOOD indicates whether the output
voltage is within specified overvoltage and undervoltage limits.
If the output voltage exceeds these limits or a reset event
occurs (such as an overcurrent event), PGOOD becomes
high impedance again. The potential at this pin should not
exceed that of the potential at VCC pin by more than a typical
forward diode drop at any time
OVP (Pin 22)
Overvoltage protection pin. This pin pulls to VCC when an
overvoltage condition is detected. Connect this pin to the
gate of an SCR or MOSFET tied across VIN and ground to
prevent damage to a load device.
Operation
Multi-Phase Power Conversion
Modern low voltage DC/DC converter load current profiles
have changed to the point that the advantages of multi-
phase power conversion are impossible to ignore. The
technical challenges associated with producing a single-
phase converter that is both cost-effective and thermally
viable have forced a change to the cost-saving approach of
multi-phase. The ISL8102 controller helps simplify
implementation by integrating vital functions and requiring
minimal external components. The block diagram on page 2
provides a top level view of multi-phase power conversion
using the ISL8102 controller.
Interleaving
The switching of each channel in an ISL8102-based
converter is timed to be symmetrically out of phase with the
other channel. As a result, the two-phase converter has a
combined ripple frequency twice the frequency of one of its
phases. In addition, the peak-to-peak amplitude of the
combined inductor currents is proportionately reduced
(Equations 1 and 2).
Increased ripple frequency and lower ripple amplitude
generally translate to lower per-channel inductance and
lower total output capacitance for a given set of performance
specifications. Figure 1 illustrates the additive effect on
output ripple frequency. The two channel currents (IL1 and
IL2), combine to form the AC ripple current and the DC load
current. The ripple component has two times the ripple
frequency of each individual channel current.
To understand the reduction of ripple current amplitude in the
multi-phase circuit, examine the equation representing an
individual channel peak-to-peak inductor current.
In Equation 1, VIN and VOUT are the input and output
voltages respectively, L is the single-channel inductor value,
and FSW is the switching frequency.
The output capacitors conduct the ripple component of the
inductor current. In the case of multi-phase converters, the
capacitor current is the sum of the ripple currents from each
of the individual channels. Compare Equation 1 to the
expression for the peak-to-peak current after the summation
of N symmetrically phase-shifted inductor currents in
Equation 2. Peak-to-peak ripple current decreases by an
amount proportional to the number of channels. Output
voltage ripple is a function of capacitance, capacitor
equivalent series resistance (ESR), and inductor ripple
current. Reducing the inductor ripple current allows the
designer to use fewer or less costly output capacitors.
Another benefit of interleaving is to reduce input ripple
current. Input capacitance is determined in part by the
maximum input ripple current. Multi-phase topologies can
improve overall system cost and size by lowering input ripple
current and allowing the designer to reduce the cost of input
capacitance. The example in Figure 2 illustrates input
currents from a two-phase converter combining to reduce
the total input ripple current.
FIGURE 1. PWM AND INDUCTOR-CURRENT WAVEFORMS
FOR 2-PHASE CONVERTER
PWM2
PWM1
IL2
IL1
IL1 + IL2
IPP
VIN VOUT
() V
OUT
LFSW VIN
⋅⋅
----------------------------------------------------------
=
(EQ. 1)
ICPP
,
VIN NVOUT
() V
OUT
LFSW V
IN
--------------------------------------------------------------------
=
(EQ. 2)
ISL8102


Similar Part No. - ISL8102

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8102 RENESAS-ISL8102 Datasheet
1Mb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL8102CRZ RENESAS-ISL8102CRZ Datasheet
1Mb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL8102EVAL1 RENESAS-ISL8102EVAL1 Datasheet
1Mb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL8102IRZ RENESAS-ISL8102IRZ Datasheet
1Mb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
More results

Similar Description - ISL8102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6310 INTERSIL-ISL6310 Datasheet
593Kb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6310 RENESAS-ISL6310 Datasheet
1Mb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6310 INTERSIL-ISL6310_06 Datasheet
639Kb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL8102 RENESAS-ISL8102 Datasheet
1Mb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com