Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6613ACBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6613ACBZ
Description  Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6613ACBZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6613ACBZ Datasheet HTML 1Page - Intersil Corporation ISL6613ACBZ Datasheet HTML 2Page - Intersil Corporation ISL6613ACBZ Datasheet HTML 3Page - Intersil Corporation ISL6613ACBZ Datasheet HTML 4Page - Intersil Corporation ISL6613ACBZ Datasheet HTML 5Page - Intersil Corporation ISL6613ACBZ Datasheet HTML 6Page - Intersil Corporation ISL6613ACBZ Datasheet HTML 7Page - Intersil Corporation ISL6613ACBZ Datasheet HTML 8Page - Intersil Corporation ISL6613ACBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN9159.4
July 25, 2005
Ordering Information
PART NUMBER**
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6612ACB
0 to 85
8 Ld SOIC
M8.15
ISL6612ACB-T
8 Ld SOIC Tape and Reel
M8.15
ISL6612ACBZ*
0 to 85
8 Ld SOIC (Pb-Free)
M8.15
ISL6612ACBZ-T* 8 Ld SOIC Tape and Reel (Pb-Free)
M8.15
ISL6612ACBZA*
0 to 85
8 Ld SOIC (Pb-Free)
M8.15
ISL6612ACBZA-T* 8 Ld SOIC Tape and Reel (Pb-Free)
M8.15
ISL6612ACR
0 to 85
10 Ld 3x3 DFN
L10.3x3
ISL6612ACR-T
10 Ld 3x3 DFN Tape and Reel
L10.3x3
ISL6612ACRZ*
0 to 85
10 Ld 3x3 DFN (Pb-Free)
L10.3x3
ISL6612ACRZ-T* 10 Ld 3x3 DFN Tape and Reel (Pb-Free) L10.3x3
ISL6612AECB
0 to 85
8 Ld EPSOIC
M8.15B
ISL6612AECB-T
8 Ld EPSOIC Tape and Reel
M8.15B
ISL6612AECBZ*
0 to 85
8 Ld EPSOIC (Pb-Free)
M8.15B
ISL6612AECBZ-T* 8 Ld EPSOIC Tape and Reel (Pb-Free) M8.15B
ISL6612AEIB
-40 to +85 8 Ld EPSOIC
M8.15B
ISL6612AEIB-T
8 Ld EPSOIC Tape and Reel
M8.15B
ISL6612AEIBZ*
-40 to +85 8 Ld EPSOIC (Pb-Free)
M8.15B
ISL6612AEIBZ-T* 8 Ld EPSOIC Tape and Reel (Pb-Free) M8.15B
ISL6612AIB
-40 to +85 8 Ld SOIC
M8.15
ISL6612AIB-T
8 Ld SOIC Tape and Reel
M8.15
ISL6612AIBZ*
-40 to +85 8 Ld SOIC (Pb-free)
M8.15
ISL6612AIBZ*-T
8 Ld SOIC Tape and Reel (Pb-free)
M8.15
ISL6612AIR
-40 to +85 10 Ld 3x3 DFN
L10.3x3
ISL6612AIR-T
10 Ld 3x3 DFN Tape and Reel
L10.3x3
ISL6612AIRZ*
-40 to +85 10 Ld 3x3 DFN (Pb-Free)
L10.3x3
ISL6612AIRZ-T*
10 Ld 3x3 DFN Tape and Reel (Pb-Free) L10.3x3
ISL6613ACB
0 to 85
8 Ld SOIC
M8.15
ISL6613ACB-T
8 Ld SOIC Tape and Reel
M8.15
ISL6613ACBZ*
0 to 85
8 Ld SOIC (Pb-Free)
M8.15
ISL6613ACBZ-T* 8 Ld SOIC Tape and Reel (Pb-Free)
M8.15
ISL6613AECB
0 to 85
8 Ld EPSOIC
M8.15B
ISL6613AECB-T
8 Ld EPSOIC Tape and Reel
M8.15B
ISL6613AECBZ*
0 to 85
8 Ld EPSOIC (Pb-Free)
M8.15B
ISL6613AECBZ-T* 8 Ld EPSOIC Tape and Reel (Pb-Free) M8.15B
ISL6613AEIB
-40 to +85 8 Ld EPSOIC
M8.15B
ISL6613AEIB-T
8 Ld EPSOIC Tape and Reel
M8.15B
ISL6613AEIBZ*
-40 to +85 8 Ld EPSOIC (Pb-Free)
M8.15B
ISL6613AEIBZ-T* 8 Ld EPSOIC Tape and Reel (Pb-Free) M8.15B
ISL6613ACR
0 to 85
10 Ld 3x3 DFN
L10.3x3
ISL6613ACR-T
10 Ld 3x3 DFN Tape and Reel
L10.3x3
ISL6613ACRZ*
0 to 85
10 Ld 3x3 DFN (Pb-Free)
L10.3x3
ISL6613ACRZ-T* 10 Ld 3x3 DFN Tape and Reel (Pb-Free) L10.3x3
ISL6613AIB
-40 to +85 8 Ld SOIC
M8.15
ISL6613AIB-T
8 Ld SOIC Tape and Reel
M8.15
ISL6613AIBZ*
-40 to +85 8 Ld SOIC (Pb-free)
M8.15
ISL6613AIBZ*-T
8 Ld SOIC Tape and Reel (Pb-free)
M8.15
ISL6613AIR
-40 to +85 10 Ld 3x3 DFN
L10.3x3
ISL6613AIR-T
10 Ld 3x3 DFN Tape and Reel
L10.3x3
ISL6613AIRZ*
-40 to +85 10 Ld 3x3 DFN (Pb-Free)
L10.3x3
ISL6613AIRZ-T*
10 Ld 3x3 DFN Tape and Reel (Pb-Free) L10.3x3
*Intersil Pb-free plus anneal products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Check website for availability.
Ordering Information (Continued)
PART NUMBER**
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
Pinouts
ISL6612ACB, ISL6612AIB, ISL6613ACB, ISL6613AIB (SOIC)
ISL6612AECB, ISL6612AEIB, ISL6613AECB, ISL6613AEIB
(EPSOIC)
TOP VIEW
ISL6612ACR, ISL6612AIR, ISL6613ACR, ISL6613AIR
(10L 3X3 DFN)
TOP VIEW
UGATE
BOOT
PWM
GND
1
2
3
4
8
7
6
5
PHASE
PVCC
VCC
LGATE
GND
1
UGATE
BOOT
N/C
PWM
PHASE
PVCC
N/C
VCC
2
3
4
5
GND
10
9
8
7
6 LGATE
GND
ISL6612A, ISL6613A


Similar Part No. - ISL6613ACBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6613ACBZ INTERSIL-ISL6613ACBZ Datasheet
266Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6613ACBZ INTERSIL-ISL6613ACBZ Datasheet
305Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 1, 2012
logo
Renesas Technology Corp
ISL6613ACBZ RENESAS-ISL6613ACBZ Datasheet
600Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Intersil Corporation
ISL6613ACBZ-T INTERSIL-ISL6613ACBZ-T Datasheet
266Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Renesas Technology Corp
ISL6613ACBZ-T RENESAS-ISL6613ACBZ-T Datasheet
600Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
More results

Similar Description - ISL6613ACBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6612ACBZ INTERSIL-ISL6612ACBZ Datasheet
305Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 1, 2012
ISL6612BCBZ INTERSIL-ISL6612BCBZ Datasheet
212Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 1, 2012
logo
Renesas Technology Corp
ISL6612B RENESAS-ISL6612B Datasheet
616Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Intersil Corporation
ISL6612B INTERSIL-ISL6612B Datasheet
350Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612B INTERSIL-ISL6612B Datasheet
306Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612A INTERSIL-ISL6612A_06 Datasheet
266Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Renesas Technology Corp
ISL6612A RENESAS-ISL6612A Datasheet
600Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Intersil Corporation
ISL6614B INTERSIL-ISL6614B_06 Datasheet
335Kb / 11P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6614A INTERSIL-ISL6614A Datasheet
278Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Renesas Technology Corp
ISL6614A RENESAS-ISL6614A Datasheet
602Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com