Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8843MUZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL8843MUZ
Description  Industry Standard Single-Ended Current Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8843MUZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL8843MUZ Datasheet HTML 1Page - Intersil Corporation ISL8843MUZ Datasheet HTML 2Page - Intersil Corporation ISL8843MUZ Datasheet HTML 3Page - Intersil Corporation ISL8843MUZ Datasheet HTML 4Page - Intersil Corporation ISL8843MUZ Datasheet HTML 5Page - Intersil Corporation ISL8843MUZ Datasheet HTML 6Page - Intersil Corporation ISL8843MUZ Datasheet HTML 7Page - Intersil Corporation ISL8843MUZ Datasheet HTML 8Page - Intersil Corporation ISL8843MUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN9238.0
ISL8843
Industry Standard Single-Ended Current
Mode PWM Controller
The ISL8843 is an industry standard drop-in replacement for
the popular 28C43 and 18C43 PWM controllers suitable for
a wide range of power conversion applications including
boost, flyback, and isolated output configurations. Its fast
signal propagation and output switching characteristics
make this an ideal product for existing and new designs.
Features include 30V operation, low operating current, 90
µA
start-up current, adjustable operating frequency to 2MHz,
and high peak current drive capability with 20ns rise and fall
times.
Features
• 1A MOSFET gate driver
•90
µA start-up current, 125µA maximum
• 35ns propagation delay current sense to output
• Fast transient response with peak current mode control
• 30V operation
• Adjustable switching frequency to 2MHz
• 20ns rise and fall times with 1nF output load
• Trimmed timing capacitor discharge current for accurate
deadtime/maximum duty cycle control
• 1.5MHz bandwidth error amplifier
• Tight tolerance voltage reference over line, load, and
temperature
• ±3% current limit threshold
• Pb-free plus anneal available and ELV, WEEE, RoHS
Compliant
Applications
• Telecom and datacom power
• Wireless base station power
• File server power
• Industrial power systems
• PC power supplies
• Isolated buck and flyback regulators
• Boost regulators
Pinout
ISL8843
(8 LD SOIC, MSOP)
TOP VIEW
PART NUMBER
RISING UVLO
MAX. DUTY CYCLE
ISL8843
8.4V
100%
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C) PACKAGE
PKG.
DWG. #
ISL8843ABZ
(See Note)
8843 ABZ
-40 to 105
8 Ld SOIC
(Pb-free)
M8.15
ISL8843AUZ
(See Note)
8843Z
-40 to 105
8 Ld MSOP
(Pb-free)
M8.118
ISL8843MBZ
(See Note)
8843 MBZ
-55 to 125
8 Ld SOIC
(Pb-free)
M8.15
ISL8843MUZ
(See Note)
843MZ
-55 to 125
8 Ld MSOP
(Pb-free)
M8.118
Add -T to part number for Tape and Reel packaging.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
COMP
FB
RTCT
VREF
VDD
OUT
GND
1
2
3
4
8
CS
7
6
5
Data Sheet
October 19, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2005 All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL8843MUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8843MUZ INTERSIL-ISL8843MUZ Datasheet
313Kb / 12P
   Industry Standard Single-Ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL8843MUZ RENESAS-ISL8843MUZ Datasheet
639Kb / 13P
   Industry Standard Single-Ended Current Mode PWM Controller
More results

Similar Description - ISL8843MUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8843 INTERSIL-ISL8843 Datasheet
341Kb / 13P
   Industry Standard Single-Ended Current Mode PWM Controller
September 14, 2015
logo
Renesas Technology Corp
ISL8843 RENESAS-ISL8843 Datasheet
639Kb / 13P
   Industry Standard Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL8843 INTERSIL-ISL8843_06 Datasheet
313Kb / 12P
   Industry Standard Single-Ended Current Mode PWM Controller
ISL6843CBZ-T INTERSIL-ISL6843CBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6843IBZ-T INTERSIL-ISL6843IBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6842 INTERSIL-ISL6842 Datasheet
264Kb / 9P
   Improved Industry Standard Single Ended Current Mode PWM Controller
ISL78215 INTERSIL-ISL78215 Datasheet
231Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840 INTERSIL-ISL6840 Datasheet
287Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6840 RENESAS-ISL6840 Datasheet
683Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6840 INTERSIL-ISL6840_07 Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com