Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33272A Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC33272A
Description  HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33272A Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC33272A Datasheet HTML 4Page - ON Semiconductor MC33272A Datasheet HTML 5Page - ON Semiconductor MC33272A Datasheet HTML 6Page - ON Semiconductor MC33272A Datasheet HTML 7Page - ON Semiconductor MC33272A Datasheet HTML 8Page - ON Semiconductor MC33272A Datasheet HTML 9Page - ON Semiconductor MC33272A Datasheet HTML 10Page - ON Semiconductor MC33272A Datasheet HTML 11Page - ON Semiconductor MC33272A Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC33272A MC33274A
9
MOTOROLA ANALOG IC DEVICE DATA
Figure 32. Percent Overshoot versus
Load Capacitance
Figure 33. Noninverting Amplifier Slew Rate
for the MC33274
Figure 34. Noninverting Amplifier Overshoot
for the MC33274
Figure 35. Small Signal Transient Response
for MC33274
Figure 36. Large Signal Transient Response
for MC33274
CL, LOAD CAPACITANCE (pF)
60
50
40
30
20
10
0
10
100
1.0 k
VCC = +15 V
VEE = –15 V
RL = 2.0 kΩ
TA = 25°C
t, TIME (2.0
µs/DIV)
t, TIME (1.0
µs/DIV)
t, TIME (2.0
µs/DIV)
t, TIME (2.0 ns/DIV)
VCC = +15 V
VEE = –15 V
AV = +1.0
RL = 2.0 kΩ
TA = 25°C
CL = 100 pF
CL = φ
VCC = +15 V
VEE = –15 V
AV = +1.0
RL = 2.0 kΩ
CL = 100 pF
TA = 25°C
VCC = +15 V
VEE = –15 V
AV = +1.0
RL = 2.0 kΩ
CL = 300 pF
TA = 25°C
VCC = +15 V
VEE = –15 V
AV = +1.0
RL = 2.0 kΩ
CL = 300 pF
TA = 25°C


Similar Part No. - MC33272A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
MC33272A ONSEMI-MC33272A Datasheet
213Kb / 14P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
December, 2004 ??Rev. 7
MC33272AD ONSEMI-MC33272AD Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
MC33272AD ONSEMI-MC33272AD Datasheet
213Kb / 14P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
December, 2004 ??Rev. 7
MC33272AD ONSEMI-MC33272AD Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
More results

Similar Description - MC33272A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
[Old version datasheet]   HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33282 ONSEMI-MC33282 Datasheet
248Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
   High-Performance Dual Operational Amplifiers
logo
Analog Devices
AD542 AD-AD542 Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
logo
STMicroelectronics
LS404 STMICROELECTRONICS-LS404 Datasheet
209Kb / 12P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
December 1997
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
   High-Performance Dual Operational Amplifiers
logo
Burr-Brown (TI)
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD547 AD-AD547_15 Datasheet
382Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
logo
National Semiconductor ...
LH2101A NSC-LH2101A Datasheet
85Kb / 3P
   DUAL HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com