Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9200EVAL1 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL9200EVAL1
Description  Charging System Safety Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9200EVAL1 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL9200EVAL1 Datasheet HTML 1Page - Intersil Corporation ISL9200EVAL1 Datasheet HTML 2Page - Intersil Corporation ISL9200EVAL1 Datasheet HTML 3Page - Intersil Corporation ISL9200EVAL1 Datasheet HTML 4Page - Intersil Corporation ISL9200EVAL1 Datasheet HTML 5Page - Intersil Corporation ISL9200EVAL1 Datasheet HTML 6Page - Intersil Corporation ISL9200EVAL1 Datasheet HTML 7Page - Intersil Corporation ISL9200EVAL1 Datasheet HTML 8Page - Intersil Corporation ISL9200EVAL1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN9241.0
ISL9200
Charging System Safety Circuit
The ISL9200 is an integrated circuit (IC) optimized to provide
a Li-ion battery redundant safety protection from failures of a
charging system. The IC monitors the input voltage, the
battery voltage, and the charge current. When any of the
three parameters exceeds its limit, the IC turns off an internal
P-channel MOSFET to remove the power from the charging
system. In addition to the above protected parameters, the
IC also monitors its own internal temperature and turns off
the P-channel MOSFET when the die temperature exceeds
140°C. Together with the battery charger IC and the
protection module in a battery pack, the charging system
using the ISL9200 has triple-level protection and is two-fault
tolerant.
The IC is designed to turn on the internal PFET slowly to
avoid inrush current at power-up but will turn off the PFET
quickly when input overvoltage is detected, in order to
remove the power before any damage occurs. The ISL9200
has a logic warning output to indicate the fault and an enable
input to allow the system to remove the input power.
Typical Application Circuit
Features
• Fully Integrated Protection Circuit for Three Protection
Variables
- User Programmable Overcurrent Protection Threshold
- Input Overvoltage Protection in Less Than 1µs
- Battery Overvoltage Protection
• High Immunity of False Triggering Under Transients
• High Accuracy Protection Thresholds
• Warning Output to Indicate the Occurrence of Faults
• Enable Input
• Thermal Enhanced DFN Package
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Cell Phones
• Digital Still Cameras
• PDAs and Smart Phones
• Portable Instruments
• Desktop Chargers
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Technical Brief TB379 “Thermal Characterization of
Packaged Semiconductor Devices”
• Technical Brief TB389 “PCB Land Pattern Design and
Surface Mount Guidelines for QFN Packages”
Ordering Information
PART #
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL9200IRZ*
(Note)
00Z
-40 to 85
12 Ld 4x3 DFN
(Pb-free)
L12.4x3
ISL9200EVAL1 ISL9200 Evaluation Board
*Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
INPUT
ISL6292
BATTERY
CHARGER
RVB
C1
RILIM
BATTERY
PACK
ISL9200
ILIM
WRN
VIN
GND
VB
OUT
EN
+
Pinout
ISL9200 (4x3 DFN)
TOP VIEW
NOTE: EPAD must be electrically connected to the GND pin.
VIN
VIN
GND
WRN
OUT
ILIM
VB
NC
OUT
NC
NC
EN
2
3
4
1
5
11
10
9
12
8
6
7
EPAD
Data Sheet
October 4, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2005. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL9200EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9200EVAL1 INTERSIL-ISL9200EVAL1 Datasheet
489Kb / 11P
   Charging System Safety Circuit
ISL9200EVAL1 INTERSIL-ISL9200EVAL1 Datasheet
533Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9200EVAL1 RENESAS-ISL9200EVAL1 Datasheet
864Kb / 11P
   Charging System Safety Circuit
ISL9200EVAL1 RENESAS-ISL9200EVAL1 Datasheet
823Kb / 11P
   Charging System Safety Circuit
More results

Similar Description - ISL9200EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9209C INTERSIL-ISL9209C Datasheet
611Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9211A RENESAS-ISL9211A Datasheet
624Kb / 13P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
   Charging System Safety Circuit
ISL9212B INTERSIL-ISL9212B Datasheet
534Kb / 11P
   Charging System Safety Circuit
ISL9209B INTERSIL-ISL9209B Datasheet
599Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9212B RENESAS-ISL9212B Datasheet
877Kb / 11P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212 INTERSIL-ISL9212 Datasheet
535Kb / 11P
   Charging System Safety Circuit
ISL9211A INTERSIL-ISL9211A Datasheet
385Kb / 12P
   Charging System Safety Circuit
ISL9209BIRZ INTERSIL-ISL9209BIRZ Datasheet
602Kb / 11P
   Charging System Safety Circuit
March 21, 2007
ISL9211BIRU58XZ-T INTERSIL-ISL9211BIRU58XZ-T Datasheet
380Kb / 12P
   Charging System Safety Circuit
November 4, 2014
ISL9211A INTERSIL-ISL9211A Datasheet
202Kb / 12P
   Charging System Safety Circuit
August 25, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com