Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL88694IH5Z Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL88694IH5Z
Description  SMBus Accelerator (SMA)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88694IH5Z Datasheet(HTML) 3 Page - Intersil Corporation

  ISL88694IH5Z Datasheet HTML 1Page - Intersil Corporation ISL88694IH5Z Datasheet HTML 2Page - Intersil Corporation ISL88694IH5Z Datasheet HTML 3Page - Intersil Corporation ISL88694IH5Z Datasheet HTML 4Page - Intersil Corporation ISL88694IH5Z Datasheet HTML 5Page - Intersil Corporation ISL88694IH5Z Datasheet HTML 6Page - Intersil Corporation ISL88694IH5Z Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
FN8239.1
January 21, 2005
Absolute Maximum Ratings
Recommended Operating Conditions
Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to 6.5V
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +135°C
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on pins . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD+0.3V
Lead temperature (soldering, 10 seconds) . . . . . . . . . . . . . . . 300°C
ESD min other pins (HBM). . . . . . . . . . . . . . . . . . . . . . . . . . . . .>2kV
ESD SMBus1 and SMBus2 pins (HBM) . . . . . . . . . . . . . . . . . .>8kV
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
CAUTION: Absolute Maximum Ratings indicate limits beyond which permanent damage to the device and impaired reliability may occur. These are stress ratings
provided for information only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification are not implied.
For guaranteed specifications and test conditions, see Electrical Specifications. The guaranteed specifications apply only for the test conditions listed. Some
performance characteristics may degrade when the device is not operated under the listed test conditions.
Electrical Specifications
Over operating conditions unless otherwise specified, Typical values are measured at VDD = 3.3V and
TA = +25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG PARAMETERS
VDD
Supply Voltage Range
2.7
5.5
V
VDD RAMP VDD Ramp Rate
0.05
50
V/msec
IDD
Supply Current
SMBus1=SMBus2=Open
80
100
µA
IOUT_SB
Standby Pull-Up Current
SMBus1=SMBus2=VDD-1.0V
80
125
µA
IOUT_A1
Active Pull-Up Current
SMBus1=GND; SMBus2=Open
125
275
350
µA
IOUT_A2
SMBus1= Open; SMBus2=GND
125
275
350
µA
IOUT_B1
Boost Pull-Up Current (Figure 1) VTRIPL<SMBus1<VTRIPH, SMBus2=Open
1.6
2.2
mA
IOUT_B2
VTRIPL<SMBus2<VTRIPH, SMBus1=Open
1.6
2.2
mA
VTRIPL
Input Voltage Threshold Low
0.65
0.75
0.85
V
VTRIPH
Input Voltage Threshold High
VDD-0.60
VDD - 0.50
VDD - 0.40
V
fMAX
SMBus Max Frequency
100
kHz
NSS
Noise Spike Suppression
(Note 1) (Figure 10)
20
V-nsec
NOTES:
1. Measured as area under triangular waveform above VTRIPL, with time as base and VIN as height (See Figure 10).
ISL88694


Similar Part No. - ISL88694IH5Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88694IH5Z RENESAS-ISL88694IH5Z Datasheet
424Kb / 7P
   SMBus Accelerator (SMA)
logo
Intersil Corporation
ISL88694IH5Z INTERSIL-ISL88694IH5Z Datasheet
250Kb / 7P
   SMBus Accelerator (SMA)
January 21, 2005
More results

Similar Description - ISL88694IH5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88694 INTERSIL-ISL88694_14 Datasheet
250Kb / 7P
   SMBus Accelerator (SMA)
January 21, 2005
logo
Renesas Technology Corp
ISL88694 RENESAS-ISL88694 Datasheet
424Kb / 7P
   SMBus Accelerator (SMA)
logo
Linear Technology
LTC1694 LINER-LTC1694_15 Datasheet
191Kb / 8P
   SMBus/IC Accelerator
LTC1694-1 LINER-LTC1694-1_15 Datasheet
186Kb / 8P
   SMBus/IC Accelerator
LTC1694-1 LINER-LTC1694-1 Datasheet
150Kb / 8P
   SMBus/I2C Accelerator
LTC1694 LINER-LTC1694 Datasheet
145Kb / 8P
   SMBus/I2C Accelerator
LTC4311 LINER-LTC4311 Datasheet
139Kb / 12P
   Low Voltage I2C/SMBus Accelerator
LTC4311 LINER-LTC4311_15 Datasheet
144Kb / 12P
   Low Voltage IC/SMBus Accelerator
logo
Communications & Power ...
VWP1133 CPI-VWP1133 Datasheet
124Kb / 1P
   Accelerator
logo
List of Unclassifed Man...
TVG9470 ETC2-TVG9470 Datasheet
498Kb / 4P
   TV Accelerator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com