Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL90461WIE627-TK Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL90461WIE627-TK
Description  Single Volatile 32-Tap XDCP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL90461WIE627-TK Datasheet(HTML) 6 Page - Intersil Corporation

  ISL90461WIE627-TK Datasheet HTML 1Page - Intersil Corporation ISL90461WIE627-TK Datasheet HTML 2Page - Intersil Corporation ISL90461WIE627-TK Datasheet HTML 3Page - Intersil Corporation ISL90461WIE627-TK Datasheet HTML 4Page - Intersil Corporation ISL90461WIE627-TK Datasheet HTML 5Page - Intersil Corporation ISL90461WIE627-TK Datasheet HTML 6Page - Intersil Corporation ISL90461WIE627-TK Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
FN8229.3
October 14, 2005
ISL90461
Small Outline Transistor Plastic Packages (SC70-6)
D
e1
E
C
L
e
b
C
L
A2
A
A1
C
L
0.20 (0.008) M
0.10 (0.004) C
C
-C-
SEATING
PLANE
12
3
4
5
6
E1
C
L
C
VIEW C
VIEW C
L
R1
R
4X
θ1
4X
θ1
GAUGE PLANE
L1
SEATING
α
L2
C
PLANE
c
BASE METAL
WITH
c1
b1
PLATING
b
P6.049
6 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.031
0.043
0.80
1.10
-
A1
0.000
0.004
0.00
0.10
-
A2
0.031
0.039
0.00
1.00
-
b
0.006
0.012
0.15
0.30
-
b1
0.006
0.010
0.15
0.25
c
0.003
0.009
0.08
0.22
6
c1
0.003
0.009
0.08
0.20
6
D
0.073
0.085
1.85
2.15
3
E
0.071
0.094
1.80
2.40
-
E1
0.045
0.053
1.15
1.35
3
e
0.0256 Ref
0.65 Ref
-
e1
0.0512 Ref
1.30 Ref
-
L
0.010
0.018
0.26
0.46
4
L1
0.017 Ref.
0.420 Ref.
L2
0.006 BSC
0.15 BSC
N6
6
5
R
0.004
-
0.10
-
R1
0.004
0.010
0.15
0.25
α
0o
8o
0o
8o
-
Rev. 2 9/03
NOTES:
1. Dimensioning and tolerance per ASME Y14.5M-1994.
2. Package conforms to EIAJ SC70 and JEDEC MO203AB.
3. Dimensions D and E1 are exclusive of mold flash, protrusions,
or gate burrs.
4. Footlength L measured at reference to gauge plane.
5. “N” is the number of terminal positions.
6. These Dimensions apply to the flat section of the lead between
0.08mm and 0.15mm from the lead tip.
7. Controlling dimension: MILLIMETER. Converted inch dimen-
sions are for reference only


Similar Part No. - ISL90461WIE627-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL90461WIE627-TK RENESAS-ISL90461WIE627-TK Datasheet
387Kb / 7P
   Single Volatile 32-Tap XDCP
More results

Similar Description - ISL90461WIE627-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL90461 RENESAS-ISL90461 Datasheet
387Kb / 7P
   Single Volatile 32-Tap XDCP
ISL90460 RENESAS-ISL90460 Datasheet
424Kb / 8P
   Single Volatile 32-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
ISL90462 RENESAS-ISL90462 Datasheet
418Kb / 8P
   Single Volatile 32-tap XDCP Digitally Controlled Potentiometer (XDCP??
ISL90726 RENESAS-ISL90726 Datasheet
441Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
ISL90727 RENESAS-ISL90727 Datasheet
436Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
X9015 RENESAS-X9015 Datasheet
573Kb / 12P
   Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP?? Potentiometer
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
   256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
logo
Maxim Integrated Produc...
MAX5394 MAXIM-MAX5394 Datasheet
2Mb / 15P
   Single, 256-Tap Volatile, SPI, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 9/12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com