Electronic Components Datasheet Search |
|
ISL6613AIRZ-T Datasheet(PDF) 5 Page - Intersil Corporation |
|
ISL6613AIRZ-T Datasheet(HTML) 5 Page - Intersil Corporation |
5 / 12 page 5 FN9159.4 July 25, 2005 Absolute Maximum Ratings Thermal Information Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V Supply Voltage (PVCC) . . . . . . . . . . . . . . . . . . . . . . . . . VCC + 0.3V BOOT Voltage (VBOOT-GND) . . . . . . . . . . . . . . . . . . . . . . . . . . . 36V Input Voltage (VPWM). . . . . . . . . . . . . . . . . . . . . . .GND - 0.3V to 7V UGATE . . . . . . . . . . . . . . . . . . . VPHASE - 0.3VDC to VBOOT + 0.3V VPHASE - 3.5V (<100ns Pulse Width, 2µJ) to VBOOT + 0.3V LGATE . . . . . . . . . . . . . . . . . . . . . . GND - 0.3VDC to VPVCC + 0.3V GND - 5V (<100ns Pulse Width, 2µJ) to VPVCC + 0.3V PHASE . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3VDC to 15VDC GND - 8V (<400ns, 20µJ) to 30V (<200ns, VBOOT-GND<36V) ESD Rating Human Body Model . . . . . . . . . . . . . . . . . . . .Class I JEDEC STD Recommended Operating Conditions Ambient Temperature Range . . . . . . . . . . . . . . . . . . . -40°C to 85°C Maximum Operating Junction Temperature . . . . . . . . . . . . . . 125°C Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V ±10% Supply Voltage Range, PVCC . . . . . . . . . . . . . . . . .5V to 12V ±10% Thermal Resistance θJA (°C/W) θJC (°C/W) SOIC Package (Note 1) . . . . . . . . . . . . 100 N/A EPSOIC Package (Notes 2, 3) . . . . . . 50 7 DFN Package (Notes 2, 3). . . . . . . . . . 48 7 Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C Maximum Storage Temperature Range. . . . . . . . . . . -65°C to 150°C Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C (SOIC - Lead Tips Only) CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTES: 1. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. 2. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech Brief TB379. 3. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside. Electrical Specifications Recommended Operating Conditions, Unless Otherwise Noted. PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNITS VCC SUPPLY CURRENT Bias Supply Current IVCC ISL6612A, fPWM = 300kHz, VVCC =12V - 7.2 - mA ISL6613A, fPWM = 300kHz, VVCC =12V - 4.5 - mA IVCC ISL6612A, fPWM = 1MHz, VVCC = 12V - 11 - mA ISL6613A, fPWM = 1MHz, VVCC = 12V - 5 - mA Gate Drive Bias Current IPVCC ISL6612A, fPWM = 300kHz, VPVCC = 12V - 2.5 - mA ISL6613A, fPWM = 300kHz, VPVCC = 12V - 5.2 - mA IPVCC ISL6612A, fPWM = 1MHz, VPVCC = 12V - 7 - mA ISL6613A, fPWM = 1MHz, VPVCC = 12V - 13 - mA POWER-ON RESET AND ENABLE VCC Rising Threshold TA = 0°C to 85°C 9.35 9.80 10.00 V VCC Rising Threshold TA = -40°C to 85°C 8.35 9.80 10.00 V VCC Falling Threshold TA = 0°C to 85°C 7.35 7.60 8.00 V VCC Falling Threshold TA = -40°C to 85°C 6.35 7.60 8.00 V PWM INPUT (See Timing Diagram on Page 7) Input Current IPWM VPWM = 5V - 450 - µA VPWM = 0V - -400 - µA PWM Rising Threshold VCC = 12V - 3.00 - V PWM Falling Threshold VCC = 12V - 2.00 - V Typical Three-State Shutdown Window VCC = 12V 1.80 - 2.40 V Three-State Lower Gate Falling Threshold VCC = 12V - 1.50 - V Three-State Lower Gate Rising Threshold VCC = 12V - 1.00 - V ISL6612A, ISL6613A |
Similar Part No. - ISL6613AIRZ-T |
|
Similar Description - ISL6613AIRZ-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |