Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95710 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL95710
Description  Terminal Voltage 3V or 5V, 128 Taps Up/Down Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95710 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL95710 Datasheet HTML 1Page - Intersil Corporation ISL95710 Datasheet HTML 2Page - Intersil Corporation ISL95710 Datasheet HTML 3Page - Intersil Corporation ISL95710 Datasheet HTML 4Page - Intersil Corporation ISL95710 Datasheet HTML 5Page - Intersil Corporation ISL95710 Datasheet HTML 6Page - Intersil Corporation ISL95710 Datasheet HTML 7Page - Intersil Corporation ISL95710 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FN8240.2
August 17, 2005
Block Diagram
7-BIT
UP/DOWN
COUNTER
7-BIT
NONVOLATILE
MEMORY
STORE AND
RECALL
CONTROL
CIRCUITRY
ONE
OF
128
DECODER
RESISTOR
ARRAY
RH
U/D
INC
CS
TRANSFER
GATES
V-
GND
RL
RW
CONTROL
AND
MEMORY
UP/DOWN
(U/D)
INCREMENT
(INC)
DEVICE SELECT
(CS)
V- (ANALOG VOLTAGE)
GND (GROUND)
RH
RW
RL
GENERAL
DETAILED
0
1
2
124
125
126
127
VCC
Pin Descriptions
PIN NUMBER
SYMBOL
DESCRIPTION
1U/D
Controls the direction of wiper movement and whether the counter is incremented or decremented.
2
V-
Negative bias voltage for the potentiometer wiper control.
3
GND
Ground
4CS
Chip select. The device is selected when the CS input is LOW. Also used to initiate a nonvolatile store.
5
NC
No Connect. Pin is to be left unconnected.
6RH
A fixed terminal for one end of the potentiometer resistor.
7RW
The wiper terminal which is equivalent to the movable terminal of a potentiometer.
8RL
A fixed terminal for one end of the potentiometer resistor.
9
VCC
Positive logic supply voltage.
10
INC
Increment input; negative edge triggered.
ISL95710


Similar Part No. - ISL95710

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95710 INTERSIL-ISL95710 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL95710 RENESAS-ISL95710 Datasheet
711Kb / 10P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V to 짹5V, 128 Taps, Up/Down Interface
logo
Intersil Corporation
ISL95710UIU10Z INTERSIL-ISL95710UIU10Z Datasheet
440Kb / 10P
   Digitally Controlled Potentiometer
logo
Renesas Technology Corp
ISL95710UIU10Z RENESAS-ISL95710UIU10Z Datasheet
711Kb / 10P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V to 짹5V, 128 Taps, Up/Down Interface
logo
Intersil Corporation
ISL95710WIU10Z INTERSIL-ISL95710WIU10Z Datasheet
440Kb / 10P
   Digitally Controlled Potentiometer
More results

Similar Description - ISL95710

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23710 INTERSIL-ISL23710 Datasheet
232Kb / 8P
   Terminal Voltage -3V or -5V, 128 Taps Up/Down Interface
ISL23711 INTERSIL-ISL23711 Datasheet
270Kb / 9P
   Terminal Voltage - 3V or - 5V, 128 Taps IC Serial Interface
ISL95711 INTERSIL-ISL95711 Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
ISL95310 INTERSIL-ISL95310 Datasheet
135Kb / 8P
   Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
logo
Renesas Technology Corp
ISL23710 RENESAS-ISL23710 Datasheet
428Kb / 8P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps Up/Down Interface
ISL95710 RENESAS-ISL95710 Datasheet
711Kb / 10P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V to 짹5V, 128 Taps, Up/Down Interface
ISL95310 RENESAS-ISL95310 Datasheet
474Kb / 9P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
logo
Intersil Corporation
ISL95311 INTERSIL-ISL95311 Datasheet
259Kb / 11P
   Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
logo
Renesas Technology Corp
ISL95711 RENESAS-ISL95711 Datasheet
871Kb / 14P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V or 짹5V, 128 Taps I2C Serial Interface
ISL23711 RENESAS-ISL23711 Datasheet
510Kb / 10P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps I2C Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com