Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL90460TIH527-TK Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL90460TIH527-TK
Description  Digitally Controlled Potentiometer (XD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL90460TIH527-TK Datasheet(HTML) 3 Page - Intersil Corporation

  ISL90460TIH527-TK Datasheet HTML 1Page - Intersil Corporation ISL90460TIH527-TK Datasheet HTML 2Page - Intersil Corporation ISL90460TIH527-TK Datasheet HTML 3Page - Intersil Corporation ISL90460TIH527-TK Datasheet HTML 4Page - Intersil Corporation ISL90460TIH527-TK Datasheet HTML 5Page - Intersil Corporation ISL90460TIH527-TK Datasheet HTML 6Page - Intersil Corporation ISL90460TIH527-TK Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
FN8225.3
October 7, 2005
Equivalent Circuit
Absolute Maximum Ratings
Recommended Operating Conditions
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on CS, U/D and VCC with Respect to GND . . . . -1V to +7V
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . . 300°C
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Power Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1mW
Temperature Range (Industrial) . . . . . . . . . . . . . . . . . . -40°C to 85°C
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
CAUTION: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional operation
of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Potentiometer Specifications Over recommended operating conditions unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
(Note 4)
MAX
UNIT
RTOT
End to end resistance
W version
8
10
12
k
U version
40
50
60
k
T version
80
100
120
k
VR
RH, RL terminal voltages
0
VCC
V
Noise
Ref: 1kHz
-120
dBV
RW
Wiper Resistance
600
IW
Wiper Current
0.6
mA
Resolution
132
Taps
Absolute linearity (Note 1)
RH(n)(actual) -RH(n)(expected)
±1
MI
(Note 3)
Relative linearity (Note 2)
RH(n+1) -[RH(n)+MI]±0.5
MI
(Note 3)
RTOTAL temperature coefficient
±35
ppm/°C
CH/CL/CW Potentiometer capacitances
See equivalent circuit
10/10/25
pF
NOTES:
1. Absolute linearity is utilized to determine actual wiper voltage versus expected voltage = (RH(n)(actual) - RH(n)(expected)) = ±1 Ml Maximum.
n = 1 .. 29 only.
2. Relative linearity is a measure of the error in step size between taps = RH(n+1) -[RH(n) + Ml] = ±0.5 Ml, n = 1 .. 29 only.
3. 1 Ml = Minimum Increment = RTOT/31.
4. Typical values are for TA = 25°C and nominal supply voltage.
CH
CL
RW
RTOTAL
CW
RH
RL
ISL90460
FN8225.2
June 6, 2005


Similar Part No. - ISL90460TIH527-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL90460TIH527Z-TK RENESAS-ISL90460TIH527Z-TK Datasheet
424Kb / 8P
   Single Volatile 32-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
More results

Similar Description - ISL90460TIH527-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com