Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL90461TIH627-TK Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL90461TIH627-TK
Description  Single Volatile 32-Tap XDCP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL90461TIH627-TK Datasheet(HTML) 3 Page - Intersil Corporation

  ISL90461TIH627-TK Datasheet HTML 1Page - Intersil Corporation ISL90461TIH627-TK Datasheet HTML 2Page - Intersil Corporation ISL90461TIH627-TK Datasheet HTML 3Page - Intersil Corporation ISL90461TIH627-TK Datasheet HTML 4Page - Intersil Corporation ISL90461TIH627-TK Datasheet HTML 5Page - Intersil Corporation ISL90461TIH627-TK Datasheet HTML 6Page - Intersil Corporation ISL90461TIH627-TK Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
FN8229.3
October 14, 2005
Equivalent Circuit
Absolute Maximum Ratings
Recommended Operating Conditions
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on CS, U/D and VCC
with respect to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
Lead temperature (soldering 10s) . . . . . . . . . . . . . . . . . . . . . . 300°C
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Power rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1mW
Temperature Range (Industrial) . . . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Potentiometer Specifications Over recommended operating conditions unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS/NOTES
MIN
TYP
(Note 4)
MAX
UNIT
RTOT
End to end resistance
W version
8
10
12
k
U version
405060
k
T version
80
100
120
k
VR
RH, RL terminal voltages
0
VCC
V
Noise
Ref: 1kHz
-120
dBV
RW
Wiper Resistance
600
IW
Wiper Current
0.6
mA
Resolution
132
Taps
Absolute linearity (Note 1)
RH(n)(actual) -RH(n)(expected)
±1
MI
(Note 3)
Relative linearity (Note 2)
RH(n+1) -[RH(n)+MI]±0.5
MI
(Note 3)
RTOTAL temperature coefficient
±35
ppm/°C
CH/CL/CW
Potentiometer capacitances
See equivalent circuit
10/10/25
pF
NOTES:
1. Absolute linearity is utilized to determine actual wiper voltage versus expected voltage = (RH(n)(actual) - RH(n)(expected)) = ±1 Ml Maximum.
n = 1 .. 29 only
2. Relative linearity is a measure of the error in step size between taps = RH(n+1) -[RH(n) + Ml] = ±0.5 Ml, n = 1 .. 29 only.
3. 1 Ml = Minimum Increment = RTOT/31.
4. Typical values are for TA = 25°C and nominal supply voltage.
CH
CL
RW
RTOTAL
CW
RH
RL
ISL90461


Similar Part No. - ISL90461TIH627-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL90461TIH627-TK RENESAS-ISL90461TIH627-TK Datasheet
387Kb / 7P
   Single Volatile 32-Tap XDCP
More results

Similar Description - ISL90461TIH627-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL90461 RENESAS-ISL90461 Datasheet
387Kb / 7P
   Single Volatile 32-Tap XDCP
ISL90460 RENESAS-ISL90460 Datasheet
424Kb / 8P
   Single Volatile 32-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
ISL90462 RENESAS-ISL90462 Datasheet
418Kb / 8P
   Single Volatile 32-tap XDCP Digitally Controlled Potentiometer (XDCP??
ISL90726 RENESAS-ISL90726 Datasheet
441Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
ISL90727 RENESAS-ISL90727 Datasheet
436Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
X9015 RENESAS-X9015 Datasheet
573Kb / 12P
   Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP?? Potentiometer
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
   256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
logo
Maxim Integrated Produc...
MAX5394 MAXIM-MAX5394 Datasheet
2Mb / 15P
   Single, 256-Tap Volatile, SPI, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 9/12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com