Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95710WIU10Z-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL95710WIU10Z-T
Description  Terminal Voltage 3V or 5V, 128 Taps Up/Down Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95710WIU10Z-T Datasheet(HTML) 3 Page - Intersil Corporation

  ISL95710WIU10Z-T Datasheet HTML 1Page - Intersil Corporation ISL95710WIU10Z-T Datasheet HTML 2Page - Intersil Corporation ISL95710WIU10Z-T Datasheet HTML 3Page - Intersil Corporation ISL95710WIU10Z-T Datasheet HTML 4Page - Intersil Corporation ISL95710WIU10Z-T Datasheet HTML 5Page - Intersil Corporation ISL95710WIU10Z-T Datasheet HTML 6Page - Intersil Corporation ISL95710WIU10Z-T Datasheet HTML 7Page - Intersil Corporation ISL95710WIU10Z-T Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FN8240.2
August 17, 2005
Absolute Maximum Ratings
Thermal Information
Temperature under bias . . . . . . . . . . . . . . . . . . . . . .-65
°C to +135°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on CS, INC, U/D and VCC
with respect to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to +6V
Voltage on V- (referenced to GND) . . . . . . . . . . . . . . . . . . . . . . . -6V
∆V = |V(RH)-V(RL)| . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12V
Lead temperature (soldering 10 seconds) . . . . . . . . . . . . . . . . 300°C
IW (10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
ESD (Mil-Std 883, Method 3015) . . . . . . . . . . . . . . . . . . . . . . . .>2kV
ESD Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>150V
Thermal Resistance (Typical, Note 3)
θJA (°C/W)
MSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
170
Recommended Operating Conditions
Temperature Range (Industrial) . . . . . . . . . . . . . . . . .-40°C to +85°C
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.7V to -5.5V
CAUTION: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional
operation of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
NOTE:
3.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Analog Specifications
Over recommended operating conditions unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 1)
MAX
UNIT
RTOTAL
RH to RL resistance
W option
10
k
U option
50
k
RH to RL resistance tolerance
-20
+20
%
VRH,VRL
RH,RL terminal voltage
V-
VCC
V
RW
Wiper resistance
V- = -5.5V; VCC = +5.5V, wiper current =
(VCC-V-)/RTOTAL
70
200
CH/CL/CW Potentiometer Capacitance (Note 13)
10/10/
25
pF
ILkgDCP
Leakage on DCP pins
Voltage at pins; V- to VCC
-1
0.1
1
µA
VOLTAGE DIVIDER MODE (V- @ RL; VCC @ RH; Voltage at RW = VRW unloaded)
INL
(Note 6)
Integral non-linearity
-1
1
LSB
(Note 2)
DNL
(Note 5)
Differential non-linearity
W, U options
-0.5
0.5
LSB
(Note 2)
ZSerror
(Note 3)
Zero-scale error
W option
0
1
4
LSB
(Note 2)
U option
0
0.5
2
FSerror
(Note 4)
Full-scale error
W option
-4
-1
0
LSB
(Note 2)
U option
-2
-0.5
0
TCV
(Notes 7,13)
Ratiometric Temperature Coefficient
DCP Register set between 16 and 120d,
T = -40°C to +85°C
±4
ppm/°C
RESISTOR MODE (Measurements between RW and RL with RH not connected, or between RW and RH with RL not connected)
RINL
(Note 11)
Integral non-linearity
DCP register set between 20 hex and 5F hex.
Monotonic over all tap positions
-1
1
MI
(Note 8)
RDNL
(Note 10)
Differential non-linearity
W, U options
-0.5
0.5
MI
(Note 8)
Roffset
(Note 9)
Offset
DCP Register set to 00 hex, W option
0
2
5
MI
(Note 8)
DCP Register set to 00 hex, U option
0
0.5
2
TCR
(Note 12,13)
Resistance Temperature Coefficient
DCP register set between 16 and 127d,
T = -40°C to +85°C
±50
ppm/°C
ISL95710


Similar Part No. - ISL95710WIU10Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95710WIU10Z INTERSIL-ISL95710WIU10Z Datasheet
440Kb / 10P
   Digitally Controlled Potentiometer
logo
Renesas Technology Corp
ISL95710WIU10Z RENESAS-ISL95710WIU10Z Datasheet
711Kb / 10P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V to 짹5V, 128 Taps, Up/Down Interface
More results

Similar Description - ISL95710WIU10Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23710 INTERSIL-ISL23710 Datasheet
232Kb / 8P
   Terminal Voltage -3V or -5V, 128 Taps Up/Down Interface
ISL23711 INTERSIL-ISL23711 Datasheet
270Kb / 9P
   Terminal Voltage - 3V or - 5V, 128 Taps IC Serial Interface
ISL95711 INTERSIL-ISL95711 Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
ISL95310 INTERSIL-ISL95310 Datasheet
135Kb / 8P
   Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
logo
Renesas Technology Corp
ISL23710 RENESAS-ISL23710 Datasheet
428Kb / 8P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps Up/Down Interface
ISL95710 RENESAS-ISL95710 Datasheet
711Kb / 10P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V to 짹5V, 128 Taps, Up/Down Interface
ISL95310 RENESAS-ISL95310 Datasheet
474Kb / 9P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
logo
Intersil Corporation
ISL95311 INTERSIL-ISL95311 Datasheet
259Kb / 11P
   Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
logo
Renesas Technology Corp
ISL95711 RENESAS-ISL95711 Datasheet
871Kb / 14P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V or 짹5V, 128 Taps I2C Serial Interface
ISL23711 RENESAS-ISL23711 Datasheet
510Kb / 10P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps I2C Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com