Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4C105 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X4C105
Description  CPU Supervisor with NOVRAM and Output Ports
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4C105 Datasheet(HTML) 1 Page - Intersil Corporation

  X4C105 Datasheet HTML 1Page - Intersil Corporation X4C105 Datasheet HTML 2Page - Intersil Corporation X4C105 Datasheet HTML 3Page - Intersil Corporation X4C105 Datasheet HTML 4Page - Intersil Corporation X4C105 Datasheet HTML 5Page - Intersil Corporation X4C105 Datasheet HTML 6Page - Intersil Corporation X4C105 Datasheet HTML 7Page - Intersil Corporation X4C105 Datasheet HTML 8Page - Intersil Corporation X4C105 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
®
FN8124.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X4C105
4K, NOVRAM/EEPROM
CPU Supervisor with NOVRAM and
Output Ports
FEATURES
• 4Kbit serial EEPROM
—400kHz serial interface speed
—16-byte page write mode
• One nibble NOVRAM
—120ns NOVRAM access speed
—AUTOSTORE
—Direct/bus access of NOVRAM bits
• Four output ports
• Operates at 3.3V ± 10%
• Low voltage reset when VCC < 3V
—3% accurate thresholds available
—Output signal shows low voltage condition
—Activates NOVRAM AUTOSTORE
—Internal block on EEPROM operation
• Max EEPROM/NOVRAM nonvolatile write cycle:
5ms
• High reliability
—1,000,000 endurance cycles
—Guaranteed data retention: 100 years
• 20-lead TSSOP package
DESCRIPTION
The low voltage X4C105 combines several functions
into one device. The first is a 2-wire, 4Kbit serial
EEPROM memory with write protection. A Write Pro-
tect (WP) pin provides hardware protection for the
upper half of this memory against inadvertent writes.
A one nibble NOVRAM is provided and occupies a sin-
gle location. This allows access of 4-bits in a single
150ns cycle. This is useful for tracking system opera-
tion or process status. The NOVRAM memory is com-
pletely isolated from the serial memory section.
A low voltage detect circuit activates a RESET pin
when VCC drops below 3V. This signal also blocks
new read or write operations and initiates a NOVRAM
AUTOSTORE. The AUTOSTORE operation is pow-
ered by an external capacitor to ensure that the value
in the NOVRAM is always maintained in the event of a
power failure.
The four NOVRAM bits also appear on four separate
output pins to allow continuous control of external cir-
cuitry, such as ASICs.
Intersil EEPROMs are designed and tested for appli-
cations requiring extended endurance. Inherent data
retention is greater than 100 years.
BLOCK DIAGRAM
Command
Decode
and
Control
Logic
HV Generation
Timing and Control
EEPROM
Array
Y Decoder
Data Register
Write Control Logic
WP
SCL
SDA
S1
S2
D0
D1
D2
D3
CE
OE
WE
I/O
Buffers
Control
Logic
and
Timing
Static RAM
Memory
EEPROM
Memory
VCC
VSS
RESET
Voltage
Monitor
Power-on Reset
Low Voltage Detect
CAP
Supply
O0
O1
O2
O3
Output
Buffers
and
Latches
4Kbits
Data Sheet
March 18, 2005


Similar Part No. - X4C105

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X4C20F1-30S ANAREN-X4C20F1-30S Datasheet
1Mb / 18P
   Directional Coupler 30dB
More results

Similar Description - X4C105

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4003 INTERSIL-X4003 Datasheet
266Kb / 17P
   CPU Supervisor
X4003-05 INTERSIL-X4003-05 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
X5001 INTERSIL-X5001_06 Datasheet
305Kb / 20P
   CPU Supervisor
X5001 INTERSIL-X5001 Datasheet
275Kb / 18P
   CPU Supervisor
logo
Xicor Inc.
X5001 XICOR-X5001 Datasheet
100Kb / 19P
   CPU Supervisor
X4003 XICOR-X4003 Datasheet
378Kb / 18P
   CPU Supervisor
logo
Intersil Corporation
X4005S8IZ-27 INTERSIL-X4005S8IZ-27 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
logo
Renesas Technology Corp
X4003 RENESAS-X4003 Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003 INTERSIL-X4003_06 Datasheet
276Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X5001 RENESAS-X5001 Datasheet
789Kb / 20P
   CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com