Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95710UIU10Z-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL95710UIU10Z-T
Description  Terminal Voltage 3V or 5V, 128 Taps Up/Down Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95710UIU10Z-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL95710UIU10Z-T Datasheet HTML 1Page - Intersil Corporation ISL95710UIU10Z-T Datasheet HTML 2Page - Intersil Corporation ISL95710UIU10Z-T Datasheet HTML 3Page - Intersil Corporation ISL95710UIU10Z-T Datasheet HTML 4Page - Intersil Corporation ISL95710UIU10Z-T Datasheet HTML 5Page - Intersil Corporation ISL95710UIU10Z-T Datasheet HTML 6Page - Intersil Corporation ISL95710UIU10Z-T Datasheet HTML 7Page - Intersil Corporation ISL95710UIU10Z-T Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FN8240.2
August 17, 2005
Operating Specifications Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 1)
MAX
UNIT
ICC1
VCC supply current, volatile write/read CS = VIL, U/D = VIL or VIH and INC = VIL or VIH,
RL, RH, RW not connected
500
µA
IV-1
V- supply current, volatile write/read
CS = VIL, U/D = VIL or VIH and INC = VIL or VIH,
RL, RH, RW not connected
-100
µA
ICC2
VCC supply current, nonvolatile write
U/D = VIL or VIH and INC = VIH, CS = transitions
from VIL to VIH. RL, RH, RW not connected
500
µA
IV-2
V- supply current, nonvolatile write
U/D = VIL or VIH and INC = VIH, CS = transitions
from VIL to VIH. RL, RH, RW not connected
-3
mA
ICCSB
VCC current (standby)
VCC = +5.5V, I2C Interface in Standby State
1
µA
VCC = +3.6V, I2C Interface in Standby State
1
µA
IV-SB
V- current (standby)
V- = -5.5V, CS = VIH
-5
µA
V- = -3.6V, CS = VIH
-2
µA
ILkgDig
Leakage current, at pins INC, CS, and
U/D
VIL or VIH applied at pin
-10
10
µA
IIL_CS
Leakage at CS, input low
VIL = 0V
-300
µA
Vpor
Power-on recall for both V- and VCC
V-
-2.5
V
VCC
2.5
V
V- Ramp
V- ramp rate
-0.2
V/ms
EEPROM SPECS
EEPROM Endurance
200,000
Cycles
EEPROM Retention
Temperature
≤ 75°C
50
Years
3-WIRE INTERFACE SPECS
VIL
INC, CS, and U/D input buffer LOW
voltage
-0.3
0.3*VCC
V
VIH
INC, CS, and U/D input buffer HIGH
voltage
0.7*VCC
VCC+
0.3
V
Hysteresis
(Note 13)
INC, CS, and U/D input buffer
hysteresis
0.15*
VCC
V
Cpin
INC, CS, and U/D pin capacitance
10
pF
AC Electrical Specifications
VCC = 5V ±10%, TA = Full Operating Temperature Range unless otherwise stated
SYMBOL
PARAMETER
MIN
TYP (Note 1)
MAX
UNIT
tCl
CS to INC setup
100
ns
tlD
INC HIGH to U/D change
100
ns
tDI
U/D to INC setup
1
µs
tlL
INC LOW period
1
µs
tlH
INC HIGH period
1
µs
tlC
INC inactive to CS inactive
1
µs
tCPHS
(Note 14)
CS deselect time (STORE)
20
ms
tCPHNS
CS deselect time (NO STORE)
1
µs
ISL95710


Similar Part No. - ISL95710UIU10Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95710UIU10Z INTERSIL-ISL95710UIU10Z Datasheet
440Kb / 10P
   Digitally Controlled Potentiometer
logo
Renesas Technology Corp
ISL95710UIU10Z RENESAS-ISL95710UIU10Z Datasheet
711Kb / 10P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V to 짹5V, 128 Taps, Up/Down Interface
More results

Similar Description - ISL95710UIU10Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23710 INTERSIL-ISL23710 Datasheet
232Kb / 8P
   Terminal Voltage -3V or -5V, 128 Taps Up/Down Interface
ISL23711 INTERSIL-ISL23711 Datasheet
270Kb / 9P
   Terminal Voltage - 3V or - 5V, 128 Taps IC Serial Interface
ISL95711 INTERSIL-ISL95711 Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
ISL95310 INTERSIL-ISL95310 Datasheet
135Kb / 8P
   Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
logo
Renesas Technology Corp
ISL23710 RENESAS-ISL23710 Datasheet
428Kb / 8P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps Up/Down Interface
ISL95710 RENESAS-ISL95710 Datasheet
711Kb / 10P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V to 짹5V, 128 Taps, Up/Down Interface
ISL95310 RENESAS-ISL95310 Datasheet
474Kb / 9P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
logo
Intersil Corporation
ISL95311 INTERSIL-ISL95311 Datasheet
259Kb / 11P
   Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
logo
Renesas Technology Corp
ISL95711 RENESAS-ISL95711 Datasheet
871Kb / 14P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V or 짹5V, 128 Taps I2C Serial Interface
ISL23711 RENESAS-ISL23711 Datasheet
510Kb / 10P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps I2C Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com