Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33263NW-47R2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC33263NW-47R2
Description  Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33263NW-47R2 Datasheet(HTML) 3 Page - ON Semiconductor

  MC33263NW-47R2 Datasheet HTML 1Page - ON Semiconductor MC33263NW-47R2 Datasheet HTML 2Page - ON Semiconductor MC33263NW-47R2 Datasheet HTML 3Page - ON Semiconductor MC33263NW-47R2 Datasheet HTML 4Page - ON Semiconductor MC33263NW-47R2 Datasheet HTML 5Page - ON Semiconductor MC33263NW-47R2 Datasheet HTML 6Page - ON Semiconductor MC33263NW-47R2 Datasheet HTML 7Page - ON Semiconductor MC33263NW-47R2 Datasheet HTML 8Page - ON Semiconductor MC33263NW-47R2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC33263
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (For typical values TA = 25°C, for min/max values TA = –40°C to +85°C, Max TJ = 150°C)
Characteristics
Symbol
Pin #
Min
Typ
Max
Unit
Vin = Vout + 1.0 V, TA = 25°C, 1.0 mA < Iout < 150 mA
Vout
4
V
2.8 Suffix
2.74
2.8
2.86
3.0 Suffix
2.94
3.0
3.06
3.2 Suffix
3.13
3.2
3.27
3.3 Suffix
3.23
3.3
3.37
3.8 Suffix
3.72
3.8
3.88
4.0 Suffix
3.92
4.0
4.08
4.75 Suffix
4.66
4.75
4.85
5.0 Suffix
4.90
5.0
5.1
Vin = Vout + 1.0 V, –40°C < TA < 80°C,
Vout
4
V
1.0 mA < Iout < 150 mA
2.8 Suffix
2.7
2.8
2.9
3.0 Suffix
2.9
3.0
3.1
3.2 Suffix
3.09
3.2
3.31
3.3 Suffix
3.18
3.3
3.42
3.8 Suffix
3.67
3.8
3.93
4.0 Suffix
3.86
4.0
4.14
4.75 Suffix
4.58
4.75
4.92
5.0 Suffix
4.83
5.0
5.17
LINE AND LOAD REGULATION, DROPOUT VOLTAGES
Line Regulation (All versions)
Regline
4/6
mV
Vout + 1.0 V < Vin < 12 V, Iout = 60 mA
2.0
10
Load Regulation (All versions)
Vin = Vout + 1.0 V
Regload
1
mV
Iout = 1.0 to 60 mA
8.0
25
Iout = 1.0 to 100 mA
15
35
Iout = 1.0 to 150 mA
20
45
Dropout Voltage (All versions)
Vin – Vout
4, 6
mV
Iout = 10 mA
30
90
Iout = 100 mA
137
230
Iout = 150 mA
180
260
DYNAMIC PARAMETERS
Ripple Rejection (All versions)
4, 6
dB
Vin = Vout + 1.0 V, Vpp = 1.0 V, f = 1.0 kHz, Iout = 60 mA
60
70
Line Transient Response
4, 6
mV
Vin = Vout + 1.0 V to Vout + 4.0 V, Iout = 60 mA,
1.0
d(Vin)/dt = 15 mV/ms
Output Noise Voltage (All versions)
VRMS
4, 6
µVrms
Cout = 1.0 µF, Iout = 60 mA, f = 100 Hz to 100 kHz
Cbypass = 10 nF
25
Cbypass = 1.0 nF
40
Cbypass = 0 nF
65
Output Noise Density
VN
4
nV/
√Hz
Cout = 1.0 µF, Iout = 60 mA, f = 1.0 kHz
230
Output Rise Time (All versions)
tr
4
Cout = 1.0 µF, Iout = 30 mA, VON/OFF = 0 to 2.4 V
1% of ON/OFF Signal to 99% of Nominal Output Voltage
Without Bypass Capacitor
40
µs
With Cbypass = 10 nF
1.1
ms
THERMAL SHUTDOWN
Thermal Shutdown (All versions)
150
°C


Similar Part No. - MC33263NW-47R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33260 ONSEMI-MC33260 Datasheet
436Kb / 20P
   GreenLine Compact Power Factor Controller:Innovative Circuit for Cost Effective Solutions
November, 1999 ??Rev. 1
MC33260 ONSEMI-MC33260 Datasheet
221Kb / 22P
   GreenLine TM Compact Power Factor Controller: Innovative Circuit for Cost Effective Solutions
September, 2005 ??Rev. 9
MC33260 ONSEMI-MC33260 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33260 ONSEMI-MC33260 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
MC33260D ONSEMI-MC33260D Datasheet
221Kb / 22P
   GreenLine TM Compact Power Factor Controller: Innovative Circuit for Cost Effective Solutions
September, 2005 ??Rev. 9
More results

Similar Description - MC33263NW-47R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
NCP623 ONSEMI-NCP623_06 Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
MC33761 ONSEMI-MC33761 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
NCP4561 ONSEMI-NCP4561 Datasheet
129Kb / 16P
   ULTRA LOW-NOISE LOW DROPOUT VOLTAGE REGULATOR WITH 1.0 ON/OFF CONTROL
May, 2002 ??Rev. 2
logo
NXP Semiconductors
SA57031-XX PHILIPS-SA57031-XX Datasheet
161Kb / 13P
   Micropower 150 mA, low-noise, low dropout linear regulator with on/off
2003 Jun 23
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
MC33762 ONSEMI-MC33762 Datasheet
218Kb / 16P
   Dual Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2003 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com