Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9C303S8I Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9C303S8I
Description  Digitally Controlled Potentiomet (XDCP)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C303S8I Datasheet(HTML) 3 Page - Intersil Corporation

  X9C303S8I Datasheet HTML 1Page - Intersil Corporation X9C303S8I Datasheet HTML 2Page - Intersil Corporation X9C303S8I Datasheet HTML 3Page - Intersil Corporation X9C303S8I Datasheet HTML 4Page - Intersil Corporation X9C303S8I Datasheet HTML 5Page - Intersil Corporation X9C303S8I Datasheet HTML 6Page - Intersil Corporation X9C303S8I Datasheet HTML 7Page - Intersil Corporation X9C303S8I Datasheet HTML 8Page - Intersil Corporation X9C303S8I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
FN8223.0
March 11, 2005
PRINCIPLES OF OPERATION
There are three sections of the X9C303: the input con-
trol, counter and decode section; the nonvolatile mem-
ory; and the resistor array. The input control section
operates just like an up/down counter. The output of
this counter is decoded to turn on a single electronic
switch connecting a point on the resistor array to the
wiper output. Under the proper conditions the contents
of the counter can be stored in nonvolatile memory
and retained for future use. The resistor array is com-
prised of 99 individual resistors connected in series. At
either end of the array and between each resistor is an
electronic switch that transfers the potential at that
point to the wiper.
The wiper, when at either fixed terminal, acts like its
mechanical equivalent and does not move beyond the
last position. That is, the counter does not wrap
around when clocked to either extreme.
The electronic switches on the device operate in a
“make before break” mode when the wiper changes
tap positions. If the wiper is moved several positions,
multiple taps are connected to the wiper for tIW (INC to
VW change). The RTOTAL value for the device can
temporarily be reduced by a significant amount if the
wiper is moved several positions.
When the device is powered-down, the last counter
position stored will be maintained in the nonvolatile
memory. When power is restored, the contents of the
memory are recalled and the counter is reset to the
value last stored.
Instructions and Programming
The INC, U/D and CS inputs control the movement of
the wiper along the resistor array. With CS set LOW
the device is selected and enabled to respond to the
U/D and INC inputs. HIGH to LOW transitions on INC
will increment or decrement (depending on the state of
the U/D input) a seven-bit counter. The output of this
counter is decoded to select one of one-hundred wiper
positions along the resistive array.
The value of the counter is stored in nonvolatile mem-
ory whenever CS transitions HIGH while the INC input
is also HIGH.
The system may select the X9C303, move the wiper,
and deselect the device without having to store the lat-
est wiper position in nonvolatile memory. The wiper
movement is performed as described above; once the
new position is reached, the system would the keep
INC LOW while taking CS HIGH. The new wiper posi-
tion would be maintained until changed by the system
or until a power-down/up cycle recalled the previously
stored data.
This would allow the system to always power-up to a
preset value stored in nonvolatile memory; then during
system operation minor adjustments could be made.
The adjustments might be based on user preference:
system parameter changes due to temperature drift,
etc...
The state of U/D may be changed while CS remains
LOW. This allows the host system to enable the
device and then move the wiper up and down until the
proper trim is attained.
MODE SELECTION
SYMBOL TABLE
CS
INC
U/D
Mode
L
H
Wiper Up
L
L
Wiper Down
H
X
Store Wiper Position
H
X
X
Standby Current
L
X
No Store, Return to Standby
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from Low to
High
Will change
from Low to
High
May change
from High to
Low
Will change
from High to
Low
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
X9C303


Similar Part No. - X9C303S8I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9C303S8I XICOR-X9C303S8I Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C303S8I INTERSIL-X9C303S8I Datasheet
261Kb / 10P
   Logarithmic Digitally Controlled Potentiometer
X9C303S8I INTERSIL-X9C303S8I Datasheet
258Kb / 10P
   Logarithmic Digitally Controlled Potentiometer
X9C303S8I INTERSIL-X9C303S8I Datasheet
255Kb / 10P
   Terminal Voltage ±5V, 100 Taps, Log Taper
January 30, 2009
logo
Renesas Technology Corp
X9C303S8I RENESAS-X9C303S8I Datasheet
534Kb / 10P
   Logarithmic Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹5V, 100 Taps, Log Taper
More results

Similar Description - X9C303S8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
   Digitally Controlled Potentiometer(XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com