Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9C102SI Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9C102SI
Description  Digitally Controlled Pot (XDCP)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C102SI Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9C102SI Datasheet HTML 3Page - Intersil Corporation X9C102SI Datasheet HTML 4Page - Intersil Corporation X9C102SI Datasheet HTML 5Page - Intersil Corporation X9C102SI Datasheet HTML 6Page - Intersil Corporation X9C102SI Datasheet HTML 7Page - Intersil Corporation X9C102SI Datasheet HTML 8Page - Intersil Corporation X9C102SI Datasheet HTML 9Page - Intersil Corporation X9C102SI Datasheet HTML 10Page - Intersil Corporation X9C102SI Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN8222.1
September 19, 2005
PERFORMANCE CHARACTERISTICS
Contact the factory for more information.
APPLICATIONS INFORMATION
Electronic digitally controlled (XCDP) potentiometers provide three powerful application advantages; (1) the variability
and reliability of a solid-state potentiometer, (2) the flexibility of computer-based digital controls, and (3) the retentivity
of nonvolatile memory used for the storage of multiple potentiometer settings or data.
Basic Configurations of Electronic Potentiometers
Basic Circuits
VR
VR
I
Three terminal potentiometer;
variable voltage divider
Two terminal variable resistor;
variable current
VH/RH
VL/RL
VW/RW
Cascading Techniques
Buffered Reference Voltage
+
+5V
R1
+V
-5V
VW
VREF
VOUT
OP-07
VW/RW
VW/RW
+V
+V
+V
X
(a)
(b)
VOUT = VW/RW
Noninverting Amplifier
VO = (1+R2/R1)VS
Voltage Regulator
R1
R2
Iadj
VO (REG) = 1.25V (1+R2/R1)+Iadj R2
VO (REG)
VIN
317
Offset Voltage Adjustment
+
VS
VO
R2
R1
100k
10k
10k
10k
-12V
+12V
TL072
Comparator with Hysteresis
VUL = {R1/(R1 + R2)} VO(max)
VLL = {R1/(R1 + R2)} VO(min)
+
VS
VO
R2
R1
LM308A
+5V
-5V
+
VS
VO
R2
R1
LT311A
(for additional circuits see AN115)
X9C102, X9C103, X9C104, X9C503


Similar Part No. - X9C102SI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9C102SI XICOR-X9C102SI Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9C102SI INTERSIL-X9C102SI Datasheet
248Kb / 11P
   Digitally Controlled Potentiometer
X9C102SI INTERSIL-X9C102SI Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C102SI INTERSIL-X9C102SI Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C102SI INTERSIL-X9C102SI Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9C102SI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
X9C303 INTERSIL-X9C303 Datasheet
272Kb / 10P
   Digitally Controlled Potentiomet (XDCP)
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com