Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24C45SM Datasheet(PDF) 2 Page - Intersil Corporation

Part # X24C45SM
Description  Serial AUTOSTORE NOVRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X24C45SM Datasheet(HTML) 2 Page - Intersil Corporation

  X24C45SM Datasheet HTML 1Page - Intersil Corporation X24C45SM Datasheet HTML 2Page - Intersil Corporation X24C45SM Datasheet HTML 3Page - Intersil Corporation X24C45SM Datasheet HTML 4Page - Intersil Corporation X24C45SM Datasheet HTML 5Page - Intersil Corporation X24C45SM Datasheet HTML 6Page - Intersil Corporation X24C45SM Datasheet HTML 7Page - Intersil Corporation X24C45SM Datasheet HTML 8Page - Intersil Corporation X24C45SM Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN8104.0
June 1, 2005
PIN DESCRIPTIONS
Chip Enable (CE)
The Chip Enable input must be HIGH to enable all
read/write operations. CE must remain HIGH following
a Read or Write command until the data transfer is
complete. CE LOW places the X24C45 in the low
power standby mode and resets the instruction register.
Therefore, CE must be brought LOW after the comple-
tion of an operation in order to reset the instruction reg-
ister in preparation for the next command.
Serial Clock (SK)
The Serial Clock input is used to clock all data into and
out of the device.
Data In (DI)
Data In is the serial data input.
Data Out (DO)
Data Out is the serial data output. It is in the high
impedance state except during data output cycles in
response to a READ instruction.
AUTOSTORE Output (AS)
AS is an open drain output which, when asserted indi-
cates VCC has fallen below the AUTOSTORE thresh-
old (VASTH). AS may be wire-ORed with multiple open
drain outputs and used as an interrupt input to a micro-
controller or as an input to a low power reset circuit.
RECALL
RECALL LOW will initiate an internal transfer of data
from EEPROM to the RAM array.
PIN CONFIGURATION
PIN NAMES
Symbol
Description
CE
Chip Enable
SK
Serial Clock
DI
Serial Data In
DO
Serial Data Out
RECALL
Recall Input
AS
AUTOSTORE Oput
VCC
+5V
VSS
Ground
CE
SK
DI
DO
1
2
3
4
8
7
6
5
VCC
AS
RECALL
VSS
X24C45
DIP/SOIC
X24C45


Similar Part No. - X24C45SM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C45SM XICOR-X24C45SM Datasheet
58Kb / 14P
   Serial AUTOSTORE??NOVRAM
logo
Renesas Technology Corp
X24C45SM RENESAS-X24C45SM Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
X24C45SM-V RENESAS-X24C45SM-V Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
More results

Similar Description - X24C45SM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C45 XICOR-X24C45 Datasheet
58Kb / 14P
   Serial AUTOSTORE??NOVRAM
X25401 XICOR-X25401 Datasheet
57Kb / 14P
   SPI Serial AUTOSTORE??NOVRAM
X20C05 XICOR-X20C05 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
X20C16 XICOR-X20C16 Datasheet
94Kb / 21P
   High Speed AUTOSTORE??NOVRAM
XM20C64 XICOR-XM20C64 Datasheet
60Kb / 11P
   High Speed AUTOSTORE??NOVRAM
X20C17 XICOR-X20C17 Datasheet
47Kb / 11P
   High Speed AUTOSTORE??NOVRAM
logo
Renesas Technology Corp
X24C45 RENESAS-X24C45 Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com