Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C512P Datasheet(PDF) 9 Page - Intersil Corporation

Part # X28C512P
Description  5V, Byte Alterable EEPROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28C512P Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X28C512P Datasheet HTML 5Page - Intersil Corporation X28C512P Datasheet HTML 6Page - Intersil Corporation X28C512P Datasheet HTML 7Page - Intersil Corporation X28C512P Datasheet HTML 8Page - Intersil Corporation X28C512P Datasheet HTML 9Page - Intersil Corporation X28C512P Datasheet HTML 10Page - Intersil Corporation X28C512P Datasheet HTML 11Page - Intersil Corporation X28C512P Datasheet HTML 12Page - Intersil Corporation X28C512P Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
FN8106.1
September 29, 2005
Software Data Protection
Software Algorithm
Selecting the software data protection mode requires the
host system to precede data write operations by a series of
three write operations to three specific addresses. Refer to
Figure 4A and 4B for the sequence. The three byte
sequence opens the page write window, enabling the host to
write from one to one hundred twenty-eight bytes of data.
Once the page load cycle has been completed, the device
will automatically be returned to the data protected state.
Regardless of whether the device has previously been
protected or not, once the software data protected algorithm
is used and data has been written, the X28C512, X28C513
will automatically disable further writes, unless another
command is issued to cancel it. If no further commands are
issued the X28C512, X28C513 will be write protected during
power-down and after any subsequent power-up. The state
of A15 while executing the algorithm is don’t care.
Note: Once initiated, the sequence of write operations
should not be interrupted.
CE
WE
(VCC)
Write
Protected
VCC
0V
Data
Addr
AAA
5555
55
2AAA
A0
5555
≤ tBLC MAX
Writes
ok
Byte
or
Page
tWC
Note: All other timings and control pins are per page write timing requirements
FIGURE 4A. TIMING SEQUENCE—SOFTWARE DATA PROTECT ENABLE SEQUENCE FOLLOWED BY BYTE OR PAGE WRITE
Write Last
Write Data XX
to any
Write Data 80
to Address
5555
Write Data 55
to Address
2AAA
Write Data AA
to Address
5555
After tWC
Re-Enters Data
Protected State
Byte to
Last Address
Address
Optional
Byte/Page
Load Operation
FIGURE 4B. WRITE SEQUENCE FOR SOFTWARE DATA
PROTECTION
X28C512, X28C513


Similar Part No. - X28C512P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C512P-12 XICOR-X28C512P-12 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C512P-15 XICOR-X28C512P-15 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C512P-20 XICOR-X28C512P-20 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C512P-25 XICOR-X28C512P-25 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C512P-90 XICOR-X28C512P-90 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
More results

Similar Description - X28C512P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512_06 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
X28HC256 INTERSIL-X28HC256_07 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC256JZ-15 INTERSIL-X28HC256JZ-15 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com